Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100S307JCTR Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY100S307JCTR
Description  QUINT EXCLUSIVE OR/NOR GATE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S307JCTR Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY100S307JCTR Datasheet HTML 1Page - Micrel Semiconductor SY100S307JCTR Datasheet HTML 2Page - Micrel Semiconductor SY100S307JCTR Datasheet HTML 3Page - Micrel Semiconductor SY100S307JCTR Datasheet HTML 4Page - Micrel Semiconductor SY100S307JCTR Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
SY100S307
Micrel
PRODUCT ORDERING CODE
TIMING DIAGRAM
Propagation Delay and Transition Times
Ordering
Package
Operating
Code
Type
Range
SY100S307FC
F24-1
Commercial
SY100S307JC
J28-1
Commercial
SY100S307JCTR
J28-1
Commercial
20%
80%
OUTPUT
INPUT
50%
tPLH
tPHL
50%
20%
80%
50%
tPHL
tPLH
tTLH
tTHL
TRUE
COMPLEMENT
0.7
± 0.1 ns
0.7
± 0.1 ns
–0.95V
–1.69V
NOTE:
VEE = –4.2V to –5.5V unless otherwise specified, VCC = VCCA = GND


Similar Part No. - SY100S307JCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S307JCTR MICREL-SY100S307JCTR Datasheet
387Kb / 4P
   QUINT EXCLUSIVE OR/NOR GATE
More results

Similar Description - SY100S307JCTR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
F100107 NSC-F100107 Datasheet
99Kb / 4P
   QUINT EXCLUSIVE OR/NOR GATE
logo
Micrel Semiconductor
SY100S307 MICREL-SY100S307_10 Datasheet
387Kb / 4P
   QUINT EXCLUSIVE OR/NOR GATE
logo
National Semiconductor ...
100307 NSC-100307 Datasheet
123Kb / 8P
   Low Power Quint Exclusive OR/NOR Gate
logo
Fairchild Semiconductor
100307 FAIRCHILD-100307 Datasheet
65Kb / 6P
   Low Power Quint Exclusive OR/NOR Gate
logo
Texas Instruments
100307 TI1-100307 Datasheet
138Kb / 7P
[Old version datasheet]   Low Power Quint Exclusive OR/NOR Gate
logo
Hitachi Semiconductor
HD14070B HITACHI-HD14070B Datasheet
65Kb / 6P
   Quadruple Exclusive-OR Gate, Quadruple Exclusive-NOR Gate
logo
List of Unclassifed Man...
74S135FC ETC-74S135FC Datasheet
57Kb / 1P
   QUAD EXCLUSIVE-OR / NOR GATE
logo
Micrel Semiconductor
SY100S302 MICREL-SY100S302_07 Datasheet
79Kb / 4P
   QUINT 2-INPUT OR/NOR GATE
logo
National Semiconductor ...
F100102 NSC-F100102 Datasheet
95Kb / 3P
   QUINT 2-INPUT OR-NOR GATE
logo
Micrel Semiconductor
SY100S302 MICREL-SY100S302 Datasheet
97Kb / 5P
   QUINT 2-INPUT OR/NOR GATE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com