Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100S304FC Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY100S304FC
Description  QUINT AND/NAND GATE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S304FC Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY100S304FC Datasheet HTML 1Page - Micrel Semiconductor SY100S304FC Datasheet HTML 2Page - Micrel Semiconductor SY100S304FC Datasheet HTML 3Page - Micrel Semiconductor SY100S304FC Datasheet HTML 4Page - Micrel Semiconductor SY100S304FC Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
SY100S304
Micrel
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
tPLH
Propagation Delay
300
1150
300
1150
300
1150
ps
tPHL
Dna — Dne to O, O
tPLH
Propagation Delay
600
1650
600
1650
600
1650
ps
tPHL
Data to F
tTLH
Transition Time
300
900
300
900
300
900
ps
tTHL
20% to 80%, 80% to 20%
DC ELECTRICAL CHARACTERISTICS
VEE = –4.2V to –5.5V unless otherwise specified, VCC = VCCA = GND
AC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Min.
Typ.
Max.
Unit
Condition
IIH
Input HIGH Current
µAVIN = VIH (Max.)
D2a — D2e
——
250
D1a — D1e
——
250
IEE
Power Supply Current
–60
–40
–30
mA
Inputs Open
CERPACK
VEE = –4.2V to –5.5V unless otherwise specified, VCC = VCCA = GND
PLCC
VEE = –4.2V to –5.5V unless otherwise specified, VCC = VCCA = GND
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
tPLH
Propagation Delay
300
1050
300
1050
300
1050
ps
tPHL
Dna — Dne to O, O
tPLH
Propagation Delay
600
1550
600
1550
600
1550
ps
tPHL
Data to F
tTLH
Transition Time
300
900
300
900
300
900
ps
tTHL
20% to 80%, 80% to 20%


Similar Part No. - SY100S304FC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S304 MICREL-SY100S304 Datasheet
79Kb / 4P
   QUINT AND/NAND GATE
SY100S304JC MICREL-SY100S304JC Datasheet
79Kb / 4P
   QUINT AND/NAND GATE
SY100S304JCTR MICREL-SY100S304JCTR Datasheet
79Kb / 4P
   QUINT AND/NAND GATE
SY100S304JZ MICREL-SY100S304JZ Datasheet
79Kb / 4P
   QUINT AND/NAND GATE
SY100S304JZTR MICREL-SY100S304JZTR Datasheet
79Kb / 4P
   QUINT AND/NAND GATE
More results

Similar Description - SY100S304FC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S304 MICREL-SY100S304_07 Datasheet
79Kb / 4P
   QUINT AND/NAND GATE
logo
National Semiconductor ...
F100304 NSC-F100304 Datasheet
135Kb / 4P
   LOW POWER QUINT AND / NAND GATE
logo
Fairchild Semiconductor
100304 FAIRCHILD-100304 Datasheet
65Kb / 6P
   Low Power Quint AND/NAND Gate
logo
National Semiconductor ...
100304 NSC-100304 Datasheet
109Kb / 8P
   Low Power Quint AND/NAND Gate
logo
Micrel Semiconductor
SY10E104 MICREL-SY10E104_0 Datasheet
64Kb / 4P
   QUINT 2-INPUT AND/NAND GATE
logo
ON Semiconductor
MC10E104 ONSEMI-MC10E104 Datasheet
102Kb / 4P
   QUINT 2-INPUT AND/NAND GATE
1996 REV 2
logo
Texas Instruments
100304 TI1-100304 Datasheet
135Kb / 7P
[Old version datasheet]   Low Power Quint AND/NAND Gate
logo
Micrel Semiconductor
SY10E104 MICREL-SY10E104 Datasheet
70Kb / 4P
   QUINT 2-INPUT AND/NAND GATE
logo
ON Semiconductor
MC10E104 ONSEMI-MC10E104_06 Datasheet
78Kb / 7P
   5V ECL Quint 2-Input AND/NAND Gate
December, 2006 ??Rev. 7
MC10E104 ONSEMI-MC10E104_16 Datasheet
154Kb / 7P
   5 V ECL Quint 2?륤nput AND/NAND Gate
July, 2016 ??Rev. 8
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com