Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100S301JCTR Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY100S301JCTR
Description  TRIPLE 5-INPUT OR/NOR GATE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S301JCTR Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY100S301JCTR Datasheet HTML 1Page - Micrel Semiconductor SY100S301JCTR Datasheet HTML 2Page - Micrel Semiconductor SY100S301JCTR Datasheet HTML 3Page - Micrel Semiconductor SY100S301JCTR Datasheet HTML 4Page - Micrel Semiconductor SY100S301JCTR Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
SY100S301
Micrel
TIMING DIAGRAM
20%
80%
OUTPUT
INPUT
50%
tPLH
tPHL
50%
20%
80%
50%
tPHL
tPLH
tTLH
tTHL
TRUE
COMPLEMENT
0.7
± 0.1 ns
0.7
± 0.1 ns
Propagation Delay and Transition Times
PRODUCT ORDERING CODE
Ordering
Package
Operating
Code
Type
Range
SY100S301FC
F24-1
Commercial
SY100S301JC
J28-1
Commercial
SY100S301JCTR
J28-1
Commercial


Similar Part No. - SY100S301JCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S301JCTR MICREL-SY100S301JCTR Datasheet
78Kb / 5P
   TRIPLE 5-INPUT OR/NOR GATE
More results

Similar Description - SY100S301JCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S301 MICREL-SY100S301_07 Datasheet
78Kb / 5P
   TRIPLE 5-INPUT OR/NOR GATE
logo
Fairchild Semiconductor
100301 FAIRCHILD-100301 Datasheet
77Kb / 7P
   Low Power Triple 5-Input OR/NOR Gate
logo
National Semiconductor ...
100301 NSC-100301 Datasheet
105Kb / 6P
   Low Power Triple 5-Input OR/NOR Gate
logo
Texas Instruments
100301 TI1-100301 Datasheet
132Kb / 6P
[Old version datasheet]   Low Power Triple 5-Input OR/NOR Gate
74ACT11802 TI-74ACT11802 Datasheet
64Kb / 5P
[Old version datasheet]   TRIPLE 4-INPUT OR/NOR GATE
74ACT11802 TI1-74ACT11802_09 Datasheet
77Kb / 5P
[Old version datasheet]   TRIPLE 4-INPUT OR/NOR GATE
logo
ON Semiconductor
MC10H107 ONSEMI-MC10H107 Datasheet
95Kb / 3P
   Triple 2-Input Exclusive OR/Exclusive NOR Gate
REV 5
MC10107 ONSEMI-MC10107 Datasheet
104Kb / 5P
   Triple 2-Input Exclusive OR/Exclusive NOR Gate
1996 REV 5
MC10105 ONSEMI-MC10105_02 Datasheet
107Kb / 8P
   Triple 2-3-2-Input OR/NOR Gate
January, 2002 ??Rev. 7
MC10105 ONSEMI-MC10105 Datasheet
100Kb / 5P
   Triple 2-3-2-Input OR/NOR Gate
1996 REV 5
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com