Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL2533A Datasheet(PDF) 3 Page - IK Semicon Co., Ltd

Part # IL2533A
Description  Controlling of received signal volume
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IL2533A Datasheet(HTML) 3 Page - IK Semicon Co., Ltd

  IL2533A Datasheet HTML 1Page - IK Semicon Co., Ltd IL2533A Datasheet HTML 2Page - IK Semicon Co., Ltd IL2533A Datasheet HTML 3Page - IK Semicon Co., Ltd IL2533A Datasheet HTML 4Page - IK Semicon Co., Ltd IL2533A Datasheet HTML 5Page - IK Semicon Co., Ltd IL2533A Datasheet HTML 6Page - IK Semicon Co., Ltd IL2533A Datasheet HTML 7Page - IK Semicon Co., Ltd IL2533A Datasheet HTML 8Page - IK Semicon Co., Ltd IL2533A Datasheet HTML 9Page - IK Semicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
IL2533A
3
Table 1
– Circuit pins description
Pin
No
Pin letter
symbol
Function
01
LS
Line current input.
Input for line current determination (responsibility setup)
02
MFL
MF level setup.
For DTMF level setup can be used potential divider, connected from this pin to
AGND and to VSS
03
RO
Receipt output
Output for controlling of dynamic hearing aid with impedance from 140 to 300
Оhm
04
VDD
Positive supply voltage.
Supply voltage output for circuit
05
AGND
Analog ground, Analog ground for amplifiers
06
STB
Balanced input side tone.
Input for side tone suppression
07
CI
Entire impedance output.
For complex impedance, capacitor should be connected to this output
08
MO
Melody output.
Melody generator PWM-output for tone ring.
When output not active, in ―Switch off‖ state
09
LLC
Line waste compensation.
Selected output for loss compensation in line.
LLC=AGND : 20-50 mА;
LLC=V
DD : 45-75 mА;
LLC=V
SS :no compensation
10
HS/DP
Switch hook input and output of pulse dialing.
Analog input/output, establishing by high switch hooks by off-hook and open
drain set it in low state during interruptions for pulse dialing and flash pulses
11
OSC
Oscillator input.
Input for ceramic resonator (3.5
МHz)
12
MODE
Input of mode denomination selection.
Mode output
Function
Open
Interlocking number dialing
Row 1
LD mode, 10 pulse/s, 33/66ms
Row 2
LD mode, 10 pulse /s , 40/60ms
Row 3
LD mode, 20 pulse /s , 16/33ms
Row 4
LD mode, 20 pulse /s , 20/30ms
Row 5
LD mode, 10 pulse /s, 33/66ms. Temporary MF with
tone on first button input "
"
Row 6
Only MF, 82/82ms
Row 7
Only MF, 82/160ms
Note
– Pulse/s — pulses per second.
During temporary MF : 82/160ms
13
C4
Keyboard line.
(see keyboard scheme at figure 3)
14
C3
15
C2
16
C1


Similar Part No. - IL2533A

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IL2533 INTEGRAL-IL2533 Datasheet
969Kb / 27P
   MULTISTANDARD CMOS IC OF SINGLE CHIP PHONE WITH DOUBLE SOFT LIMITATION
IL2533D INTEGRAL-IL2533D Datasheet
969Kb / 27P
   MULTISTANDARD CMOS IC OF SINGLE CHIP PHONE WITH DOUBLE SOFT LIMITATION
IL2533N INTEGRAL-IL2533N Datasheet
969Kb / 27P
   MULTISTANDARD CMOS IC OF SINGLE CHIP PHONE WITH DOUBLE SOFT LIMITATION
More results

Similar Description - IL2533A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FL3215T-101K ETC2-FL3215T-101K Datasheet
208Kb / 11P
   FULLY RECEIVED
logo
Renesas Technology Corp
M61501FP RENESAS-M61501FP Datasheet
4Mb / 12P
   AUDIO SIGNAL PROCESSOR with 6CH VOLUME
M61508FP RENESAS-M61508FP Datasheet
233Kb / 25P
   The Electric Volume of Built-in Non Fader Volume with Tone
logo
Sanyo Semicon Device
LC7265 SANYO-LC7265 Datasheet
128Kb / 6P
   Received Frequency Display for Radio Receivers
logo
Mitsubishi Electric Sem...
M61508FP MITSUBISHI-M61508FP Datasheet
3Mb / 22P
   THE ELECTRIC VOLUME of BUILD-IN NON FADER VOLUME with TONE CONTROL
logo
Sony Corporation
CXA1646Q SONY-CXA1646Q Datasheet
273Kb / 21P
   Electronic Volume
logo
Toshiba Semiconductor
TC9153 TOSHIBA-TC9153 Datasheet
1Mb / 16P
   electronic volume
logo
Sony Corporation
CXA2506Q SONY-CXA2506Q Datasheet
250Kb / 19P
   Electronic Volume
CXA1946AQ SONY-CXA1946AQ Datasheet
367Kb / 24P
   Electronic Volume
logo
Toshiba Semiconductor
TC9235P TOSHIBA-TC9235P Datasheet
342Kb / 10P
   ELECTRONIC VOLUME
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com