Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV612 Datasheet(PDF) 5 Page - Texas Instruments

Part # DRV612
Description  2-Vrms DirectPath??Line Driver With Programmable-Fixed Gain
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV612 Datasheet(HTML) 5 Page - Texas Instruments

  DRV612_15 Datasheet HTML 1Page - Texas Instruments DRV612_15 Datasheet HTML 2Page - Texas Instruments DRV612_15 Datasheet HTML 3Page - Texas Instruments DRV612_15 Datasheet HTML 4Page - Texas Instruments DRV612_15 Datasheet HTML 5Page - Texas Instruments DRV612_15 Datasheet HTML 6Page - Texas Instruments DRV612_15 Datasheet HTML 7Page - Texas Instruments DRV612_15 Datasheet HTML 8Page - Texas Instruments DRV612_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
DRV612
www.ti.com
SLOS690B
– DECEMBER 2010 – REVISED APRIL 2011
ELECTRICAL CHARACTERISTICS
VDD = 3.3V, RLD = 5 kΩ, TA = 25°C, Charge pump: CCP = 1 μF, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
|VOS|
Output offset voltage
VDD = 3.3 V, input ac-coupled
0.5
1
mV
PSRR
Power-supply rejection ratio
70
80
dB
VOH
High-level output voltage
VDD = 3.3 V
3.1
V
VOL
Low-level output voltage
VDD = 3.3 V
–3.05
V
Vuvp_on
VDD, undervoltage detection
2.8
V
Vuvp_hysteresis VDD, undervoltage detection, hysteresis
200
mV
FCP
Charge-pump switching frequency
350
kHz
|IIH|
High-level input current, MUTE
VDD = 3.3 V, VIH = VDD
1
µA
|IIL|
Low-level input current, MUTE
VDD = 3.3 V, VIL = 0 V
1
µA
I(VDD)
Supply current, no load
VDD, MUTE = 3.3 V
18
mA
Supply current, MUTED
VDD = 3.3 V, MUTE = GND
18
mA
TSD
Thermal shutdown
150
°C
Thermal shutdown hysteresis
15
°C
ELECTRICAL CHARACTERISTICS, LINE DRIVER
VDD = 3.3 V, RLOAD = 10 kΩ, TA = 25°C, Charge pump: CCP = 1 µF, 1× gain select (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
VO
Output voltage, outputs in phase
1% THD+N, f = 1 kHz, 10 -k
Ω load
2.2
Vrms
THD+N
Total harmonic distortion plus noise
f = 1 kHz, 10-k
Ω load, VO = 2 Vrms
0.007%
SNR
Signal-to-noise ratio
A-weighted, AES17 filter, 2 Vrms ref
105
dB
DNR
Dynamic range
A-weighted, AES17 filter, 2 Vrms ref
105
dB
Vn
Noise voltage
A-weighted, AES17 filter
12
μV
Zo
Output impedance when muted
MUTE = GND
0.07
1
Ω
Input-to-output attenuation when
1 Vrms, 1-kHz input
80
dB
muted
Slew rate
4.5
V/
μs
GBW
Unity-gain bandwidth
8
MHz
Crosstalk
– Line L-R and R-L
10-k
Ω load, VO = 2 Vrms
–91
dB
Ilimit
Current limit
VDD = 3.3 V
25
mA
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :DRV612


Similar Part No. - DRV612_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV612 TI1-DRV612_16 Datasheet
888Kb / 22P
[Old version datasheet]   2-Vrms DirectPath Line Driver With Programmable-Fixed Gain
More results

Similar Description - DRV612_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV612 TI1-DRV612_16 Datasheet
888Kb / 22P
[Old version datasheet]   2-Vrms DirectPath Line Driver With Programmable-Fixed Gain
DRV612 TI-DRV612 Datasheet
660Kb / 23P
[Old version datasheet]   2-Vrms DirectPath??Line Driver With Programmable-Fixed Gain
DRV632PW TI1-DRV632PW Datasheet
604Kb / 19P
[Old version datasheet]   DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
DRV632PWR TI-DRV632PWR Datasheet
604Kb / 19P
[Old version datasheet]   DirectPath, 2-VRMS Audio Line Driver With Adjustable Gain
DRV632 TI-DRV632 Datasheet
450Kb / 18P
[Old version datasheet]   DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
DRV632 TI-DRV632_15 Datasheet
807Kb / 23P
[Old version datasheet]   DRV632 DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
DRV603 TI1-DRV603 Datasheet
637Kb / 21P
[Old version datasheet]   DirectPath?? 3-VRMS Line Driver With Adjustable Gain
logo
Princeton Technology Co...
PT3323 PTC-PT3323 Datasheet
223Kb / 4P
   2-VRMS Audio Line Driver With Adjustable Gain
logo
Unisonic Technologies
PA3632 UTC-PA3632 Datasheet
205Kb / 9P
   DIRECT 2-VRMS AUDIO LINE DRIVER WITH ADJUSTABLE GAIN
logo
Texas Instruments
DRV602 TI-DRV602 Datasheet
243Kb / 12P
[Old version datasheet]   DIRECTPATH?? 2Vrms Line Driver with Adjustable gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com