Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100ELT25ZITR Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY100ELT25ZITR
Description  DIFFERENTIAL ECL-to-TTL TRANSLATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100ELT25ZITR Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY100ELT25ZITR Datasheet HTML 1Page - Micrel Semiconductor SY100ELT25ZITR Datasheet HTML 2Page - Micrel Semiconductor SY100ELT25ZITR Datasheet HTML 3Page - Micrel Semiconductor SY100ELT25ZITR Datasheet HTML 4Page - Micrel Semiconductor SY100ELT25ZITR Datasheet HTML 5Page - Micrel Semiconductor SY100ELT25ZITR Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
SY100ELT25
Micrel, Inc.
M9999-031506
hbwhelp@micrel.com or (408) 955-1690
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ. Max.
Min.
Typ. Max.
Min.
Typ. Max.
Min.
Typ. Max.
Unit
IIH
Input HIGH Current
——
150
——
150
——
150
——
150
µA
IIL
Input HIGH Current
0.5
——
0.5
——
0.5
——
0.5
——
µA
VCMR
Common Mode Range
VEE+2.2
GND
VEE+2.2
GND
VEE+2.2
GND
VEE+2.2
GND
V
VPP
Minimum Peak-to-Peak
200
——
200
——
200
——
200
——
mV
Input(1)
VIH
Input HIGH Voltage
–1165
—–880
–1165
—–880
–1165
—–880
–1165
—–880
mV
VIL
Input LOW Voltage
–1810
—–1475 –1810
—–1475 –1810
—–1475 –1810
—–1475
mV
VBB
Reference Output
–1.38
—–1.26
–1.38
—–1.26
–1.38
—–1.26
–1.38
—–1.26
mV
VCC = 4.5V to 5.5V; VEE = –4.2V to –5.5V
NOTE:
1. 200mV input guarantees full logic at output.
ECL DC ELECTRICAL CHARACTERISTICS
TTL SWITCHING CIRCUIT
PULSE
GENERATOR
IN
OUT
VEE
VCC
DEVICE
UNDER
TEST
CH A
OSCILLOSCOPE
CH B
50
Ω COAX
450
Use 0.1µF Capacitors
For Decoupling
Use Oscilloscope Internal
50
Ω Load For Termination
50
Ω COAX
50
Ω COAX


Similar Part No. - SY100ELT25ZITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100ELT20V MICREL-SY100ELT20V Datasheet
119Kb / 6P
   5V/3.3V TTL-TO-DIFFERENTIAL PECL TRANSLATOR
SY100ELT20VZC MICREL-SY100ELT20VZC Datasheet
50Kb / 4P
   5V/3.3V TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY100ELT20VZC MICREL-SY100ELT20VZC Datasheet
119Kb / 6P
   5V/3.3V TTL-TO-DIFFERENTIAL PECL TRANSLATOR
SY100ELT20VZCTR MICREL-SY100ELT20VZCTR Datasheet
50Kb / 4P
   5V/3.3V TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY100ELT20VZCTR MICREL-SY100ELT20VZCTR Datasheet
119Kb / 6P
   5V/3.3V TTL-TO-DIFFERENTIAL PECL TRANSLATOR
More results

Similar Description - SY100ELT25ZITR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10ELT25 ONSEMI-MC10ELT25 Datasheet
66Kb / 4P
   Differential ECL to TTL Translator
February, 2000 ??Rev. 3
logo
Micrel Semiconductor
SY100ELT24 MICREL-SY100ELT24_06 Datasheet
53Kb / 5P
   TTL-to-DIFFERENTIAL ECL TRANSLATOR
SY100ELT24 MICREL-SY100ELT24 Datasheet
60Kb / 4P
   TTL-to-DIFFERENTIAL ECL TRANSLATOR
logo
ON Semiconductor
MC10ELT25 ONSEMI-MC10ELT25_15 Datasheet
97Kb / 8P
   Differential ECL to TTL Translator
August, 2015 ??Rev. 14
MC10ELT24 ONSEMI-MC10ELT24_15 Datasheet
94Kb / 8P
   5V TTL to Differential ECL Translator
August, 2015 ??Rev. 11
MC10ELT24 ONSEMI-MC10ELT24_06 Datasheet
137Kb / 8P
   5V TTL to Differential ECL Translator
December, 2006 ??Rev. 9
MC10ELT24 ONSEMI-MC10ELT24 Datasheet
65Kb / 8P
   5V TTL to Differential ECL Translator
October, 2004 ??Rev. 7
MC10ELT25 ONSEMI-MC10ELT25_06 Datasheet
141Kb / 8P
   ?? V Differential ECL to TTL Translator
December, 2006 ??Rev. 12
logo
National Semiconductor ...
F100125 NSC-F100125 Datasheet
105Kb / 4P
   Hex ECL-to-TTL Translator
logo
NXP Semiconductors
10129 PHILIPS-10129 Datasheet
412Kb / 9P
   Quad TTL-to-ECL Translator
June 14 1990
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com