Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL98001IQZ-140 Datasheet(PDF) 18 Page - Intersil Corporation

Part # ISL98001IQZ-140
Description  Triple Video Digitizer with Digital PLL
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL98001IQZ-140 Datasheet(HTML) 18 Page - Intersil Corporation

Back Button ISL98001IQZ-140 Datasheet HTML 14Page - Intersil Corporation ISL98001IQZ-140 Datasheet HTML 15Page - Intersil Corporation ISL98001IQZ-140 Datasheet HTML 16Page - Intersil Corporation ISL98001IQZ-140 Datasheet HTML 17Page - Intersil Corporation ISL98001IQZ-140 Datasheet HTML 18Page - Intersil Corporation ISL98001IQZ-140 Datasheet HTML 19Page - Intersil Corporation ISL98001IQZ-140 Datasheet HTML 20Page - Intersil Corporation ISL98001IQZ-140 Datasheet HTML 21Page - Intersil Corporation ISL98001IQZ-140 Datasheet HTML 22Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
18
FN6148.5
September 21, 2010
Technical Highlights
The ISL98001 provides all the features of traditional triple
channel video AFEs, but adds several next-generation
enhancements, bringing performance and ease of use to
new levels.
DPLL
All video AFEs must phase lock to an HSYNC signal,
supplied either directly or embedded in the video stream
(Sync On Green). Historically this has been implemented as
a traditional analog PLL. At SXGA and lower resolutions, an
analog PLL solution has proven adequate, if somewhat
troublesome (due to the need to adjust charge pump
currents, VCO ranges and other parameters to find the
optimum trade-off for a wide range of pixel rates).
As display resolutions and refresh rates have increased,
however, the pixel period has shrunk. An XGA pixel at a
60Hz refresh rate has 15.4ns to change and settle to its new
value. But at UXGA 75Hz, the pixel period is 4.9ns. Most
consumer graphics cards (even the ones with “350MHz”
DACs) spend most of that time slewing to the new pixel
value. The pixel may settle to its final value with 1ns or less
before it begins slewing to the next pixel. In many cases it
rings and never settles at all. So precision, low-jitter
sampling is a fundamental requirement at these speeds, and
a difficult one for an analog PLL to meet.
The ISL98001's DPLL has less than 250ps of jitter, peak to
peak, and independent of the pixel rate. The DPLL generates
64-phase steps per pixel (vs the industry standard 32), for
fine, accurate positioning of the sampling point. The crystal-
locked NCO inside the DPLL completely eliminates drift due to
charge pump leakage, so there is inherently no frequency or
phase change across a line. An intelligent all-digital loop
filter/controller eliminates the need for the user to have to
program or change anything (except for the number of pixels)
to lock over a range from interlaced video (10MHz or higher)
to UXGA 60Hz (170MHz, with the ISL98001-170).
The DPLL eliminates much of the performance limitations and
complexity associated with noise-free digitization of high
speed signals.
0x25
Sync Separator Control (0x00)
0
Three-state Sync
Outputs
0: VSYNCOUT, HSYNCOUT, VSOUT, HSOUT are
active (default).
1: VSYNCOUT, HSYNCOUT, VSOUT, HSOUT are in
three-state.
1
COAST Polarity
0: Coast active high (default)
1: Coast active low
Set to 0 for internal VSYNC extracted from CSYNC.
Set to 0 or 1 as appropriate to match external VSYNC
or external COAST.
2HSOUT Lock Edge
0: HSOUT's trailing edge is locked to selected
HSYNCIN's lock edge. Leading edge moves
backward in time as HSOUT width is increased
(X980xx default).
1: HSOUT's leading edge is locked to selected
HSYNCIN's lock edge. Trailing edge moves forward in
time as HSOUT width is increased.
3
Reserved
Set to 0
4
VSYNCOUT Mode
0: VSYNCOUT is aligned to HSYNCOUT edge,
providing “perfect” VSYNC signal (default).
1: VSYNCOUT is “raw” integrator output.
5
Reserved
Set to 0
6
Reserved
Set to 0
7VSOUT Mode
0: VSOUT is output on VSOUT pin (default).
1: COAST (including pre- and post-coast COAST) is
output on VSOUT pin.
0x2B
Crystal Multiplier (0x14)
7:0
Crystal Multiplier
When using the ISL98001-275, the value in this
register must need to be changed to achieve the
maximum conversion rate (see “Initialization” on
page 26. This register may also be adjusted to lower
power consumption at slower pixel rates (see the
“Reducing Power Dissipation” on page 26 for more
information).
Register Listing (Continued)
ADDRESS
REGISTER (DEFAULT VALUE)
BIT(S)
FUNCTION NAME
DESCRIPTION
ISL98001


Similar Part No. - ISL98001IQZ-140

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL98001IQZ-140 INTERSIL-ISL98001IQZ-140 Datasheet
370Kb / 31P
   Triple Video Digitizer with Digital PLL
ISL98001IQZ-140 INTERSIL-ISL98001IQZ-140 Datasheet
474Kb / 31P
   Triple Video Digitizer with Digital PLL
logo
Renesas Technology Corp
ISL98001IQZ-140 RENESAS-ISL98001IQZ-140 Datasheet
1Mb / 31P
   Triple Video Digitizer with Digital PLL
More results

Similar Description - ISL98001IQZ-140

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL98001 INTERSIL-ISL98001_07 Datasheet
370Kb / 31P
   Triple Video Digitizer with Digital PLL
ISL98001 INTERSIL-ISL98001 Datasheet
474Kb / 31P
   Triple Video Digitizer with Digital PLL
logo
Renesas Technology Corp
ISL98001 RENESAS-ISL98001 Datasheet
1Mb / 31P
   Triple Video Digitizer with Digital PLL
ISL98002 RENESAS-ISL98002 Datasheet
1Mb / 28P
   Triple Video Digitizer with Digital PLL
logo
Intersil Corporation
ISL98001 INTERSIL-ISL98001_06 Datasheet
488Kb / 31P
   Triple Video Digitizer with Digital PLL
ISL98002 INTERSIL-ISL98002 Datasheet
510Kb / 28P
   Triple Video Digitizer with Digital PLL
ISL98002CRZ-140 INTERSIL-ISL98002CRZ-140 Datasheet
513Kb / 28P
   Triple Video Digitizer with Digital PLL
March 26, 2008
X98014L128-3.3 INTERSIL-X98014L128-3.3 Datasheet
443Kb / 29P
   140MHz Triple Video Digitizer with Digital PLL
March 8, 2006
X98024 INTERSIL-X98024 Datasheet
295Kb / 29P
   240MHz Triple Video Digitizer with Digital PLL
X98021 INTERSIL-X98021_06 Datasheet
448Kb / 29P
   210MHz Triple Video Digitizer with Digital PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com