Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IK2802D Datasheet(PDF) 8 Page - IK Semicon Co., Ltd

Part # IK2802D
Description  Thermal protection and flag
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IK2802D Datasheet(HTML) 8 Page - IK Semicon Co., Ltd

Back Button IK2802D Datasheet HTML 4Page - IK Semicon Co., Ltd IK2802D Datasheet HTML 5Page - IK Semicon Co., Ltd IK2802D Datasheet HTML 6Page - IK Semicon Co., Ltd IK2802D Datasheet HTML 7Page - IK Semicon Co., Ltd IK2802D Datasheet HTML 8Page - IK Semicon Co., Ltd IK2802D Datasheet HTML 9Page - IK Semicon Co., Ltd IK2802D Datasheet HTML 10Page - IK Semicon Co., Ltd IK2802D Datasheet HTML 11Page - IK Semicon Co., Ltd IK2802D Datasheet HTML 12Page - IK Semicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
IK2802
8
2011, February Ver. 03
Constant Current
In LED lighting applications, IK2802 provides nearly no variation in current from channel to channel and from IC
to IC. This can be achieved by:
1) The maximum current variation between channels is less than ±3%, and that between ICs is less than ±6%.
2) In addition, the current characteristic of output stage is flat and users can refer to the figure as shown below.
The output current can be kept constant regardless of the variations of LED forward voltages (VF). This guarantee
s
LED to be performed on the same brightness as user’s specification.
Figure 5
Iout versus Vds
0
40
80
120
160
200
240
280
320
360
400
0
1
2
3
4
Vds (V)
16,1k
4,9k
2,9k
2,1k
1,6k


Similar Part No. - IK2802D

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK2802DT IKSEMICON-IK2802DT Datasheet
597Kb / 12P
   HIGH-POWER LED DRIVER
More results

Similar Description - IK2802D

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL2802 IKSEMICON-IL2802 Datasheet
348Kb / 13P
   Thermal protection and flag
logo
Maxim Integrated Produc...
MAX15041EVKIT MAXIM-MAX15041EVKIT Datasheet
1Mb / 6P
   Overcurrent and Thermal-Shutdown Protection
Rev 0; 9/09
logo
Sangdest Microelectroni...
SLR1085 SMC-SLR1085 Datasheet
252Kb / 10P
   Current Limiting and Thermal Protection
logo
STMicroelectronics
STEVAL-CCA002V1 STMICROELECTRONICS-STEVAL-CCA002V1 Datasheet
77Kb / 4P
   Thermal and short-circuit protection
logo
Sangdest Microelectroni...
SLR1117A SMC-SLR1117A Datasheet
350Kb / 12P
   Current Limiting and Thermal Protection
SLR1117 SMC-SLR1117 Datasheet
375Kb / 13P
   Current Limiting and Thermal Protection
logo
STMicroelectronics
ST1S15 STMICROELECTRONICS-ST1S15 Datasheet
1Mb / 27P
   Short-circuit and thermal protection
February 2015 Rev 4
logo
Texas Instruments
TLV710 TI1-TLV710_16 Datasheet
1Mb / 32P
[Old version datasheet]   Over-Current and Thermal Protection
logo
STMicroelectronics
VN800PS-E STMICROELECTRONICS-VN800PS-E Datasheet
305Kb / 27P
   Thermal shutdown protection and diagnosis
logo
Texas Instruments
TLV705 TI1-TLV705_16 Datasheet
1Mb / 33P
[Old version datasheet]   Thermal Shutdown and Overcurrent Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com