Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL76322 Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL76322
Description  16-Bit Long-Reach Video Automotive Grade SERDES
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL76322 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL76322_15 Datasheet HTML 4Page - Intersil Corporation ISL76322_15 Datasheet HTML 5Page - Intersil Corporation ISL76322_15 Datasheet HTML 6Page - Intersil Corporation ISL76322_15 Datasheet HTML 7Page - Intersil Corporation ISL76322_15 Datasheet HTML 8Page - Intersil Corporation ISL76322_15 Datasheet HTML 9Page - Intersil Corporation ISL76322_15 Datasheet HTML 10Page - Intersil Corporation ISL76322_15 Datasheet HTML 11Page - Intersil Corporation ISL76322_15 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
ISL76322
8
May 6, 2015
FN7611.3
Submit Document Feedback
HIGH SPEED RECEIVER
HS Differential Input Voltage
VID
75
mVP-P
HS Generated Input Common Mode Voltage
VICM
2.32
V
HS Differential Input Impedance
RIN
80
100
120
Ω
HS Maximum Jitter Tolerance
0.50
UIP-P
I2C
I2C Clock Rate (on SCL)
fI2C
100
400
kHz
I2C Clock Pulse Width (HI or LO)
1.3
µs
I2C Clock Low to Data Out Valid
01
µs
I2C Start/Stop Setup/Hold Time
0.6
µs
I2C Data in Setup Time
100
ns
I2C Data in Hold Time
100
ns
I2C Data out Hold Time
100
ms
NOTES:
8. IDDIO is nominally 50µA and not included in this total as it is dominated by the loading of the parallel pins.
9. This parameter is the output data skew from the invalid edge of PCLK_OUT. The setup and hold time provided to a system is dependent on the PCLK
frequency and is calculated as follows: 0.5 * fIN - tDV..
10. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
Electrical Specifications Unless otherwise indicated, all data is for: VDD_CDR = VDD_CR = 1.8V, VDD_IO = 3.3V,
VDD_TX =VDD_P =VDD_AN = 3.3V, TA = +25°C, Ref_Res = 3.16k, High-speed AC-coupling capacitor = 27nF. Boldface limits apply over the operating
temperature range, -40°C to +105°C. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 10)TYP
MAX
(Note 10)UNIT


Similar Part No. - ISL76322_15

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL76322_1108 INTERSIL-ISL76322_1108 Datasheet
503Kb / 13P
   16-Bit Long-Reach Video Automotive Grade SERDES
More results

Similar Description - ISL76322_15

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL76322_1108 INTERSIL-ISL76322_1108 Datasheet
503Kb / 13P
   16-Bit Long-Reach Video Automotive Grade SERDES
ISL76322 INTERSIL-ISL76322 Datasheet
503Kb / 13P
   16-Bit Long-Reach Video Automotive Grade SERDES
logo
Renesas Technology Corp
ISL76322 RENESAS-ISL76322 Datasheet
630Kb / 14P
   16-Bit Long-Reach Video Automotive Grade SERDES
ISL76321 RENESAS-ISL76321 Datasheet
633Kb / 14P
   16-Bit Long-Reach Video Automotive Grade SERDES with Bi-directional Side-Channel
logo
Intersil Corporation
ISL76321 INTERSIL-ISL76321 Datasheet
514Kb / 14P
   16-Bit Long-Reach Video Automotive Grade SERDES with Bi-directional Side-Channel
ISL76321ARZ INTERSIL-ISL76321ARZ Datasheet
365Kb / 14P
   16-Bit Long-Reach Video Automotive Grade SERDES with Bi-directional Side-Channel
May 1, 2015
ISL34321 INTERSIL-ISL34321 Datasheet
376Kb / 13P
   16-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
logo
Renesas Technology Corp
ISL34321 RENESAS-ISL34321 Datasheet
659Kb / 13P
   16-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
ISL34340 RENESAS-ISL34340 Datasheet
609Kb / 11P
   WSVGA 24-Bit Long-Reach Video SERDES with Bidirectional Side-Channel
logo
Intersil Corporation
ISL34340_0806 INTERSIL-ISL34340_0806 Datasheet
350Kb / 10P
   WSVGA 24-Bit Long-Reach Video SERDES with Bidirectional Side-Channel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com