Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100EL90VZC Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY100EL90VZC
Description  5V/3.3V TRIPLE ECL/LVECL-TOPECL/ LVPECL TRANSLATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EL90VZC Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY100EL90VZC Datasheet HTML 1Page - Micrel Semiconductor SY100EL90VZC Datasheet HTML 2Page - Micrel Semiconductor SY100EL90VZC Datasheet HTML 3Page - Micrel Semiconductor SY100EL90VZC Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
SY100EL90V
Micrel
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max. Unit
tPLH
Propagation Delay
Diff.
390
590
410
610
420
620
460
660
ps
tPHL
D to Q
S.E.
340
640
360
660
370
670
410
710
tskew
Within-Device Skew(1)
Output-to-Output
20
100
20
100
20
100
20
100
ps
Part-to-Part (Diff.)
200
200
200
200
Duty Cycle (Diff.)
25
25
25
25
VPP
Minimum Input Swing(2)
150
150
150
150
mV
VCMR
Common Mode Range(3)
–0.4
–0.4
–0.4
–0.4
V
tr
Output Rise/Fall Times Q
230
500
230
500
230
500
230
500
ps
tf
(20% to 80%)
AC ELECTRICAL CHARACTERISTICS
PRODUCT ORDERING CODE
Ordering
Package
Operating
Code
Type
Range
SY100EL90VZC
Z20-1
Commercial
SY100EL90VZCTR
Z20-1
Commercial
NOTES:
1. Skew is measured between outputs under identical transitions.
2. Minimum input swing for which AC parameters are guaranteed. The device will function reliably with differential inputs down to 100mV.
3. The CMR range is referenced to the most positive side of the differential input signal. Normal operation is obtained if the HIGH level falls within the specified
range and the peak-to-peak voltage lies between VPP min. and 1V. VCMR min. depends on VEE, VPP and temperature at VPP <500mV and –40˚C, VCMR
is VEE+1.3V; and for 0–85˚C, VCMR is VEE+1.2V. At VPP
≥ 500mV and –40˚C, VCMR is VEE+1.5V; and for 0–85˚C, VCMR is VEE+1.4V.
ECL: VEE = –4.2V to –5.5V; LVECL: VEE = –3.0V to –3.8V; PECL: VCC = +4.2V to +5.5V; LVPECL: VCC = +3.0V to +3.8V


Similar Part No. - SY100EL90VZC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EL90VZC MICREL-SY100EL90VZC Datasheet
59Kb / 5P
   5V/3.3V TRIPLE ECL/LVECL-TOPECL/LVPECL TRANSLATOR
SY100EL90VZCTR MICREL-SY100EL90VZCTR Datasheet
59Kb / 5P
   5V/3.3V TRIPLE ECL/LVECL-TOPECL/LVPECL TRANSLATOR
More results

Similar Description - SY100EL90VZC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EL90V MICREL-SY100EL90V_06 Datasheet
59Kb / 5P
   5V/3.3V TRIPLE ECL/LVECL-TOPECL/LVPECL TRANSLATOR
SY100EL91L MICREL-SY100EL91L Datasheet
57Kb / 5P
   3.3V TRIPLE LVPECL-to-ECL OR LVPECL-to-LVECL TRANSLATOR
logo
ON Semiconductor
MC10EP90 ONSEMI-MC10EP90 Datasheet
68Kb / 8P
   -3.3V / -5V Triple ECL Input to LVPECL/PECL Output Translator
June, 2004 ??Rev. 4
MC100EPT25 ONSEMI-MC100EPT25 Datasheet
96Kb / 8P
   Differential LVECL/ECL to LVTTL Translator
May, 2000 ??Rev. 1
MC10EP90 ONSEMI-MC10EP90_14 Datasheet
92Kb / 9P
   Triple ECL Input to LVPECL/PECL Output Translator
May, 2014 ??Rev. 7
MC100LVEL90 ONSEMI-MC100LVEL90_06 Datasheet
112Kb / 6P
   ??.3V / ??V Triple ECL Input to LVPECL Output Translator
November, 2006 ??Rev. 11
MC100LVEL92 ONSEMI-MC100LVEL92_06 Datasheet
112Kb / 6P
   5V Triple PECL Input to LVPECL Output Translator
November, 2006 ??Rev. 11
logo
Maxim Integrated Produc...
MAX9321B MAXIM-MAX9321B Datasheet
107Kb / 7P
   Differential PECL/ECL/LVPECL/LVECL Receiver/Driver
19-2384; Rev 0; 4/02
logo
Micrel Semiconductor
SY10EPT20V MICREL-SY10EPT20V_10 Datasheet
74Kb / 6P
   5V/3.3V LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
logo
Texas Instruments
SN65EPT23 TI-SN65EPT23 Datasheet
254Kb / 10P
[Old version datasheet]   3.3V ECL Differential LVPECL/LVDS to LVTTL/LVCMOS Translator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com