Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100EL90V Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY100EL90V
Description  5V/3.3V TRIPLE ECL/LVECL-TOPECL/ LVPECL TRANSLATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EL90V Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY100EL90V Datasheet HTML 1Page - Micrel Semiconductor SY100EL90V Datasheet HTML 2Page - Micrel Semiconductor SY100EL90V Datasheet HTML 3Page - Micrel Semiconductor SY100EL90V Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
SY100EL90V
Micrel
ECL/LVECL INPUT DC ELECTRICAL CHARACTERISTICS
LVPECL OUTPUT DC ELECTRICAL CHARACTERISTICS
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
VOH
Output HIGH Voltage(1)
2.215
2.420
2.275
2.420 2.275 2.350 2.420
2.275
2.420
V
VOL
Output LOW Voltage(1)
1.470
1.745
1.490
1.680 1.490 1.600 1.680
1.490
1.680
V
ICC
Power Supply Current
24
24
20
24
26
mA
NOTE:
1. These levels are for VCC = 3.3V. Level specifications will vary 1:1 with VCC.
PECL OUTPUT DC ELECTRICAL CHARACTERISTICS
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
VOH
Output HIGH Voltage(1) 3.915
4.120
3.975
4.120
3.975 4.050 4.120
3.975
4.120
V
VOL
Output LOW Voltage(1)
3.170
3.445
3.190
3.380
3.190 3.300 3.380
3.190
3.380
V
ICC
Power Supply Current
24
24
20
24
26
mA
NOTE:
1. These values are for VCC = 5V. Level specifications will vary 1:1 with VCC.
TA = –40
°C
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
VIH
Input HIGH Voltage
–1165
–880 –1165
–880 –1165
–880 –1165
–880
mV
VIL
Input LOW Voltage
–1810
–1475 –1810
–1475 –1810
–1475 –1810
–1475
mV
IEE
Power Supply Current
8
8
8
8
mA
IIH
Input HIGH Current
150
150
150
150
µA
IIL
Input LOW Current Dn
0.5
0.5
0.5
0.5
µA
Dn
–600
–600
–600
–600
VBB
Output Reference
–1.38
–1.26 –1.38
–1.26 –1.38
–1.26 –1.38
–1.26
V
VPP
Minimum Peak-to-Peak
150
150
150
150
mV
Input
ECL: VEE = –4.2V to –5.5V; LVECL: VEE = –3.0V to –3.8V
VCC = +3.0V to +3.8V
VCC = +4.2V to +5.5V


Similar Part No. - SY100EL90V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EL90V MICREL-SY100EL90V Datasheet
59Kb / 5P
   5V/3.3V TRIPLE ECL/LVECL-TOPECL/LVPECL TRANSLATOR
SY100EL90VZC MICREL-SY100EL90VZC Datasheet
59Kb / 5P
   5V/3.3V TRIPLE ECL/LVECL-TOPECL/LVPECL TRANSLATOR
SY100EL90VZCTR MICREL-SY100EL90VZCTR Datasheet
59Kb / 5P
   5V/3.3V TRIPLE ECL/LVECL-TOPECL/LVPECL TRANSLATOR
SY100EL90VZG MICREL-SY100EL90VZG Datasheet
59Kb / 5P
   5V/3.3V TRIPLE ECL/LVECL-TOPECL/LVPECL TRANSLATOR
SY100EL90VZGTR MICREL-SY100EL90VZGTR Datasheet
59Kb / 5P
   5V/3.3V TRIPLE ECL/LVECL-TOPECL/LVPECL TRANSLATOR
More results

Similar Description - SY100EL90V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EL90V MICREL-SY100EL90V_06 Datasheet
59Kb / 5P
   5V/3.3V TRIPLE ECL/LVECL-TOPECL/LVPECL TRANSLATOR
SY100EL91L MICREL-SY100EL91L Datasheet
57Kb / 5P
   3.3V TRIPLE LVPECL-to-ECL OR LVPECL-to-LVECL TRANSLATOR
logo
ON Semiconductor
MC10EP90 ONSEMI-MC10EP90 Datasheet
68Kb / 8P
   -3.3V / -5V Triple ECL Input to LVPECL/PECL Output Translator
June, 2004 ??Rev. 4
MC100EPT25 ONSEMI-MC100EPT25 Datasheet
96Kb / 8P
   Differential LVECL/ECL to LVTTL Translator
May, 2000 ??Rev. 1
MC10EP90 ONSEMI-MC10EP90_14 Datasheet
92Kb / 9P
   Triple ECL Input to LVPECL/PECL Output Translator
May, 2014 ??Rev. 7
MC100LVEL90 ONSEMI-MC100LVEL90_06 Datasheet
112Kb / 6P
   ??.3V / ??V Triple ECL Input to LVPECL Output Translator
November, 2006 ??Rev. 11
MC100LVEL92 ONSEMI-MC100LVEL92_06 Datasheet
112Kb / 6P
   5V Triple PECL Input to LVPECL Output Translator
November, 2006 ??Rev. 11
logo
Maxim Integrated Produc...
MAX9321B MAXIM-MAX9321B Datasheet
107Kb / 7P
   Differential PECL/ECL/LVPECL/LVECL Receiver/Driver
19-2384; Rev 0; 4/02
logo
Micrel Semiconductor
SY10EPT20V MICREL-SY10EPT20V_10 Datasheet
74Kb / 6P
   5V/3.3V LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
logo
Texas Instruments
SN65EPT23 TI-SN65EPT23 Datasheet
254Kb / 10P
[Old version datasheet]   3.3V ECL Differential LVPECL/LVDS to LVTTL/LVCMOS Translator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com