Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SY100EL29V Datasheet(PDF) 2 Page - Micrel Semiconductor

Part No. SY100EL29V
Description  5V/3.3V DUAL DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP w/SET AND RESET
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo 

SY100EL29V Datasheet(HTML) 2 Page - Micrel Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
ClockWorks™
SY100EL29V
Micrel
Symbol
Rating
Value
Unit
V
EE
Power Supply (V
CC = 0V)
–8.0 to 0
VDC
V
I
(3)
Input Voltage (V
CC = 0V)
0 to –6.0
VDC
I
OUT
Output Current
–Continuous
50
mA
–Surge
100
T
A
Operating Temperature Range
–40 to +85
°C
V
EE
Operating Range(1),(2)
–5.7 to –3.0
V
NOTES:
1. Absolute maximum rating, beyond which, device life may be impaired, unless otherwise specified on an individual data sheet.
2. Parametric values specified at:
100EL29V Series:
–3.0V to –5.5V.
3. In PECL mode operation, V
I (Max) = VCC.
ABSOLUTE MAXIMUM RATINGS(1)
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Typ.
Max.
Min.
Max.
Unit
I
EE
Power Supply Current
50
50
30
50
50
mA
I
IH
Input HIGH Current
150
150
150
150
µA
I
IL
Input LOW Current
0.5
0.5
0.5
0.5
µA
/CLK, /Dn
–300
–300
–300
–300
V
BB
Output Reference
–1.38
–1.26
–1.38
–1.26
–1.38
–1.26
–1.38
–1.26
V
Voltage
DC ELECTRICAL CHARACTERISTICS
V
EE = –3.0V to +5.5V; VCC = GND


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn