Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

SY100EL16VS Datasheet(PDF) 4 Page - Micrel Semiconductor

Part No. SY100EL16VS
Description  5V/3.3V VARIABLE OUTPUT SWING DIFFERENTIAL RECEIVER
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo 

SY100EL16VS Datasheet(HTML) 4 Page - Micrel Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
SY100EL16VS
Micrel, Inc.
M9999-031506
hbwhelp@micrel.com or (408) 955-1690
APPLICATION IMPLEMENTATION
Figure 3. Alternative Implementation
Figure 2. Voltage Source Implementation
8
7
6
5
1
2
3
4
VCTRL
VCTRL
D
D
VBB
VCC
Q
Q
VEE
VSWING
(pk-pk)
–2V
50
50
8
7
6
5
1
2
3
4
VCTRL
D
VBB
D
VCC
Q
VEE
Q
+5.0V
VSWING
(pk-pk)
470
470


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn