Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

SY100EL16VS Datasheet(PDF) 3 Page - Micrel Semiconductor

Part No. SY100EL16VS
Description  5V/3.3V VARIABLE OUTPUT SWING DIFFERENTIAL RECEIVER
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo 

SY100EL16VS Datasheet(HTML) 3 Page - Micrel Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
SY100EL16VS
Micrel, Inc.
M9999-031506
hbwhelp@micrel.com or (408) 955-1690
NOTES:
1. Parametric values specified at:
100EL16VS Series:
–3.0V to –5.5V.
2. If VCTRL is an open circuit, use the VOH (max. & min.) and VOL (VCTRL = VBB: max only) limits.
3. VCC
≤ VCTRL ≤ VEE.
DC ELECTRICAL CHARACTERISTICS(1)
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max. Unit
IEE
Power Supply Current
18
22
9
18
22
9
18
22
9
21
26
mA
VBB
Output Reference
-1.38
-1.26
-1.38
-1.26
-1.38
-1.26
-1.38
-1.26
V
Voltage
IIH
Input HIGH
-D, D
——
150
——
150
——
150
——
150
µA
Current
-VCTRL
——
40
——
40
——
40
——
40
VOL
Output LOW Voltage(2)
-1890
-1620 -1870
-1680 -1870 -1775 -1680 -1870
-1680
mV
VCTRL = VBB
VOL
Output LOW Voltage(2)
-1180
-975
-1135
-990
-1135 -1065
-990
-1135
-990
mV
VCTRL = VCC
VOH
Output HIGH Voltage(3)
-1085
-880
-1025
-880
-1025
-955
-880
-1025
-880
mV
VEE = VEE (Min.) to VEE (Max.); VCC = GND
NOTES:
1. Parametric values specified at:
100EL16VS Series:
–3.0V to –5.5V.
2. Duty cycle skew is the difference between a tPLH and tPHL propagation delay through a device.
3. Minimum input swing for which AC parameters are guaranteed. The device has a DC gain of
≈40 when output has a full swing.
4. The CMR range is referenced to the most positive side of the differential input signal. Normal operation is obtained if the HIGH level falls within the specified
range and the peak-to-peak voltage lies between VPP min. and 1V. The lower end of the CMR range varies 1:1 with VEE. The numbers in the spec table
assume a nominal VEE = –3.3V. Note for PECL operation, the VCMR (min) will be fixed at 3.3V – |VCMR (min)|.
VEE = VEE (Min.) to VEE (Max.); VCC = GND
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max. Unit
tPLH
Propagation
D (Diff)
175
325
175
325
175
325
205
355
ps
tPHL
Delay to Output
D (SE)
125
250
425
125
250
375
125
250
375
155
280
405
tskew
Duty Cycle Skew(2) (Diff)
5
——
520
520
520
ps
VPP
Minimum Input Swing(3)
150
——
150
——
150
——
150
——
mV
VCMR
Common Mode Range(4)
-1.3
-0.4
-1.4
-0.4
-1.4
-0.4
-1.4
-0.4
V
tr
Output Rise/Fall Times Q
160
260
160
260
160
260
160
260
ps
tf
(20% to 80%)
AC ELECTRICAL CHARACTERISTICS(1)


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn