Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100E417JCTR Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY100E417JCTR
Description  QUINT LVPECL-TO-PECL OR PECL-TO-LVPECL TRANSLATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100E417JCTR Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY100E417JCTR Datasheet HTML 1Page - Micrel Semiconductor SY100E417JCTR Datasheet HTML 2Page - Micrel Semiconductor SY100E417JCTR Datasheet HTML 3Page - Micrel Semiconductor SY100E417JCTR Datasheet HTML 4Page - Micrel Semiconductor SY100E417JCTR Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
SY100E417
Micrel
LVPECL OUTPUT DC ELECTRICAL CHARACTERISTICS
VCC = +4.5V to +5.5V; VCCO = +3.0V to 3.8V
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
VCCO
Power Supply Voltage
3.0
3.8
3.0
3.8
3.0
3.3
3.8
3.0
3.8
V
VOH
Output HIGH Voltage(1)
2.215
2.420
2.275
2.420 2.275 2.350 2.420 2.275
2.420
V
VOL
Output LOW Voltage(1)
1.470
1.745
1.490
1.680 1.490 1.600 1.680 1.490
1.680
V
ICCO
Power Supply Current
——
35
——
35
23
35
——
37
mA
NOTE:
1. These levels are for VCCO = 3.3V. Level specifications will vary 1:1 with VCCO.
LVPECL INPUT DC ELECTRICAL CHARACTERISTICS
VCC_VBB = +3.0V to +3.8V(1); VCC = +4.5V to +5.5V
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
VCC
Power Supply Voltage
4.5
5.5
4.5
5.5
4.5
5.5
4.5
5.5
V
VIH
Input HIGH Voltage(2)
2.135
2.420
2.135
2.420
2.135
2.420
2.135
2.420
V
VIL
Input LOW Voltage(2)
1.490
1.825
1.490
1.825
1.490
1.825
1.490
1.825
V
VPP
Minimum Peak-to-Peak
150
——
150
——
150
——
150
——
mV
Input
IIH
Input HIGH Current
——
150
——
150
——
150
——
150
µA
IIL
Input LOW Current
Dn
0.5
——
0.5
——
0.5
——
0.5
——
µA
Dn
–600
——
–600
——
–600
——
–600
——
VBB
Output Reference(2)
1.92
2.04
1.92
2.04
1.92
2.04
1.92
2.04
V
ICC
Power Supply Current
——
20
——
20
14
20
——
20
mA
NOTES:
1. VCC_VBB = 3.3V is only required for single-ended LVPECL input. For differential LVPECL input, VCC_VBB can be either 3.3V or 5V.
2. These levels are for VCC_VBB = 3.3V. Level specifications will vary 1:1 with VCC_VBB.


Similar Part No. - SY100E417JCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100E417JCTR MICREL-SY100E417JCTR Datasheet
71Kb / 5P
   QUINT LVPECL-TO-PECL QUINT LVPECL-TO-PECL TRANSLATOR
More results

Similar Description - SY100E417JCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100E417 MICREL-SY100E417_06 Datasheet
71Kb / 5P
   QUINT LVPECL-TO-PECL QUINT LVPECL-TO-PECL TRANSLATOR
SY100EL92 MICREL-SY100EL92_06 Datasheet
62Kb / 5P
   TRIPLE LVPECL-TO-PECL OR PECL-TO-LVPECL TRANSLATOR
SY100EL92 MICREL-SY100EL92 Datasheet
71Kb / 4P
   TRIPLE LVPECL-TO-PECL OR PECL-TO-LVPECL TRANSLATOR
logo
ON Semiconductor
MC100LVEL92 ONSEMI-MC100LVEL92 Datasheet
71Kb / 3P
   Triple PECL to LVPECL Translator?
1997 REV 2
logo
Semtech Corporation
SK1300 SEMTECH-SK1300 Datasheet
117Kb / 6P
   PECL / LVPECL to LVDS Translator
logo
Micrel Semiconductor
SY55855V MICREL-SY55855V Datasheet
83Kb / 7P
   DUAL CML/PECL/LVPECL-to-LVDS TRANSLATOR
SY55855V MICREL-SY55855V_05 Datasheet
79Kb / 8P
   DUAL CML/PECL/LVPECL-to-LVDS TRANSLATOR
logo
Semtech Corporation
SK10ELT21W SEMTECH-SK10ELT21W Datasheet
80Kb / 5P
   Differential PECL to CMOS/TTL or LVPECL to LVCMOS/LVTTL Translator
logo
ON Semiconductor
MC10EP90 ONSEMI-MC10EP90_14 Datasheet
92Kb / 9P
   Triple ECL Input to LVPECL/PECL Output Translator
May, 2014 ??Rev. 7
MC100LVEL92 ONSEMI-MC100LVEL92_06 Datasheet
112Kb / 6P
   5V Triple PECL Input to LVPECL Output Translator
November, 2006 ??Rev. 11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com