Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MICRF011 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MICRF011
Description  QwikRadiotm Receiver/Data Demodulator Preliminary Information
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF011 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MICRF011 Datasheet HTML 1Page - Micrel Semiconductor MICRF011 Datasheet HTML 2Page - Micrel Semiconductor MICRF011 Datasheet HTML 3Page - Micrel Semiconductor MICRF011 Datasheet HTML 4Page - Micrel Semiconductor MICRF011 Datasheet HTML 5Page - Micrel Semiconductor MICRF011 Datasheet HTML 6Page - Micrel Semiconductor MICRF011 Datasheet HTML 7Page - Micrel Semiconductor MICRF011 Datasheet HTML 8Page - Micrel Semiconductor MICRF011 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
QwikRadio
tm
3
December 1998b
MICRF011
MICRF011
Micrel
SEL0
SEL1
Demodulator Bandwidth (Hz)
SWP Mode
FIXED Mode
1
1
5000
10000
0
1
2500
5000
1
0
1250
2500
0
0
625
1250
Table 1
Nominal Demodulator (Baseband) Filter Bandwidth
vs. SEL0, SEL1 and Mode
No
.
Design Change
Retrofit Design Action
1.
Local Oscillator sweep range
reduced 2X. Affects SWP mode
only.
Reconsider Tx/Rx Frequency Alignment Error Budget, per App. Note 22.
If alignment tolerances cannot be met, consider:
(1) tighten ceramic resonator tolerance,
(2) replace ceramic resonator with crystal, or
(3) not to upgrade to -011
2.
Local Oscillator sweep rate reduced
2X. Affects SWP mode only.
Impacts SWP mode maximum data rate.
If data rate constraint cannot be met, consider
(1) reduce system data rate by 2X, or
(2) not to upgrade to -011
3.
IF Center Frequency reduced 2X.
Affects both modes SWP and
FIXED.
Factor this change into Tx/Rx Frequency Alignment Error Budget.
FIXED mode users of -001 must change crystal frequency.
4.
IF Bandwidth reduced 2X. Affects
both modes SWP and FIXED.
Factor this change into Tx/Rx Frequency Alignment Error Budget.
5.
FIXED mode Demod Filter cutoff
frequencies increased 2X. Affects
FIXED mode only.
For FIXED mode only, choose next lower filter frequency (via control pins
SEL0/1), to maintain same range performance
6.
CTH Pin Impedance
118k
Ω @ ft=4.90 MHz [see Note 4].
Affects both modes SWP and
FIXED.
Recompute appropriate value of CTH capacitor, and change value on PCB
Table 2
MICRF001/011 Change List and
Design Retrofit Guidelines


Similar Part No. - MICRF011

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF010 MICREL-MICRF010 Datasheet
364Kb / 14P
   QwikRadio Low-Power UHF Receiver
MICRF010BM MICREL-MICRF010BM Datasheet
364Kb / 14P
   QwikRadio Low-Power UHF Receiver
MICRF010YM MICREL-MICRF010YM Datasheet
364Kb / 14P
   QwikRadio Low-Power UHF Receiver
More results

Similar Description - MICRF011

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF001 MICREL-MICRF001 Datasheet
97Kb / 8P
   QwikRadiotm Receiver/Data Demodulator Advance Information
MICRF002 MICREL-MICRF002 Datasheet
188Kb / 13P
   QwikRadiotm Low Power UHF Receiver Preliminary Information
MICRF003 MICREL-MICRF003 Datasheet
216Kb / 16P
   QwikRadiotm 900 MHz UHF Receiver Preliminary Information
logo
Mitel Networks Corporat...
SL1466 MITEL-SL1466 Datasheet
175Kb / 16P
   Wideband PLL FM Demodulator Preliminary Information
MH88435-P MITEL-MH88435-P Datasheet
71Kb / 16P
   Data Access Arrangement Preliminary Information
MH88422-1 MITEL-MH88422-1 Datasheet
73Kb / 14P
   Data Access Arrangement Preliminary Information
logo
SiGe Semiconductor, Inc...
SE4100L SIGE-SE4100L Datasheet
670Kb / 2P
   PointCharger??GPS Receiver IC Preliminary Information
logo
List of Unclassifed Man...
PS12000 ETC1-PS12000 Datasheet
1Mb / 24P
   PRELIMINARY INFORMATION
logo
Xicor Inc.
X98027 XICOR-X98027 Datasheet
105Kb / 1P
   PRELIMINARY INFORMATION
logo
List of Unclassifed Man...
OV8610 ETC1-OV8610 Datasheet
161Kb / 28P
   Advanced Information Preliminary
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com