Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MICRF003 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MICRF003
Description  QwikRadiotm 900 MHz UHF Receiver Preliminary Information
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF003 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MICRF003 Datasheet HTML 1Page - Micrel Semiconductor MICRF003 Datasheet HTML 2Page - Micrel Semiconductor MICRF003 Datasheet HTML 3Page - Micrel Semiconductor MICRF003 Datasheet HTML 4Page - Micrel Semiconductor MICRF003 Datasheet HTML 5Page - Micrel Semiconductor MICRF003 Datasheet HTML 6Page - Micrel Semiconductor MICRF003 Datasheet HTML 7Page - Micrel Semiconductor MICRF003 Datasheet HTML 8Page - Micrel Semiconductor MICRF003 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
QwikRadio
tm
4
October 1999
MICRF003
MICRF003
Micrel
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VDDRF, VDDBB)..................................+7V
Voltage on any I/O Pin.........................VSS-0.3 to VDD+0.3
Junction Temperature...............................................+150
°C
Storage Temperature Range......................-65
°C to + 150°C
Lead Temperature (soldering, 10 seconds)..............+ 260
°C
Operating Ratings
Supply Voltage (VDDRF, VDDBB)....................4.75V to
5.5V
Ambient
Operating
Temperature
(TA)..........-40
°C to
+105
°C
Package Thermal Resistance
θja (8 Pin SOIC).....120°C/W
Package Thermal Resistance
θja (16 Pin SOIC).....120°C/W
Electrical Characteristics
Unless otherwise stated, these specifications apply for Ta = -40
°C to 105°C, 4.75<VDD<5.5V. All voltages are with respect
to Ground; Positive currents flow into device pins. CAGC = 4.7µF, CTH = .047µF, VDDRF = VDDBB = VDD. REFOSC
frequency = 6.75MHz.
Parameter
Test Conditions
MIN
TYP
MAX
UNITS
Power Supply
Operating Current
4
mA
Operating Current
10:1 Duty Cycle
400
µA
Standby Current
SHUT = VDD
1
µA
RF/IF Section
Receiver Sensitivity
Note 1, 3
-95
dBm
IF Center Frequency
Note 4
2.37
MHz
IF 3dB Bandwidth
Note 3, 4
1.18
MHz
Receive Data Rate
FIXED Mode, Manchester Encoded Data
20
kbps
Receive Data Rate
SWP Mode, Manchester Encoded Data
5
kbps
RF Input Range
800
1000
MHz
Receive Modulation Duty-Cycle
20
80
%
Maximum Receiver Input
Rs = 50
-20
dBm
Spurious Reverse Isolation
ANT pin, Rs = 50
Ω Note 2
30
µVrms
AGC Attack / Decay ratio
T(Attack) / T(Decay)
0.1
AGC Leakage Current
Ta = 85
°C
±200
nA
Local Oscillator Stabilization Time
To 1% of Final Value
2.5
msec
Demod Section
CTH Source Impedance
Note 5
90k
CTH Source Impedance Variation
-15
+15
%
CTH Leakage Current
Ta = 85
°C
±200
nA
Demod Filter Bandwidth
SEL0 = SEL1 = SWEN = VDD, Note 4, 6
5730
Hz
Demod Filter Bandwidth
SEL0 = SEL1 = VDD, SWEN = VSS,
Note 4, 6
21500
Hz
Digital/Control Section
REFOSC Input Impedance
200k
Input Pullup Current
SEL0, SEL1, SWEN, SHUT=VSS
8
µA
Input High Voltage
SEL0, SEL1, SWEN
0.8VDD
V
Input Low Voltage
SEL0, SEL1, SWEN
0.2VDD
V
Output Current
DO, WAKEUP pins, Push-Pull
35
µA
Output High Voltage
DO, WAKEUP pins, Iout = -1µA
0.9VDD
V
Output Low Voltage
DO. WAKEUP pins, Iout = +1µA
0.1VDD
V
Output Tr, Tf
DO, WAKEUP pins, Cload=15pF
5
µsec


Similar Part No. - MICRF003

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF001 MICREL-MICRF001 Datasheet
97Kb / 8P
   QwikRadiotm Receiver/Data Demodulator Advance Information
MICRF001BM MICREL-MICRF001BM Datasheet
97Kb / 8P
   QwikRadiotm Receiver/Data Demodulator Advance Information
MICRF001BN MICREL-MICRF001BN Datasheet
97Kb / 8P
   QwikRadiotm Receiver/Data Demodulator Advance Information
MICRF002 MICREL-MICRF002 Datasheet
188Kb / 13P
   QwikRadiotm Low Power UHF Receiver Preliminary Information
MICRF002 MICREL-MICRF002 Datasheet
180Kb / 16P
   300-440MHz QwikRadio?줐SK Receiver
More results

Similar Description - MICRF003

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF002 MICREL-MICRF002 Datasheet
188Kb / 13P
   QwikRadiotm Low Power UHF Receiver Preliminary Information
MICRF011 MICREL-MICRF011 Datasheet
147Kb / 11P
   QwikRadiotm Receiver/Data Demodulator Preliminary Information
MICRF001 MICREL-MICRF001 Datasheet
97Kb / 8P
   QwikRadiotm Receiver/Data Demodulator Advance Information
logo
SiGe Semiconductor, Inc...
SE4100L SIGE-SE4100L Datasheet
670Kb / 2P
   PointCharger??GPS Receiver IC Preliminary Information
logo
NXP Semiconductors
SA58646 NXP-SA58646 Datasheet
215Kb / 42P
   UHF 900 MHz transceiver IC
Rev. 01-8 February 2007
logo
List of Unclassifed Man...
PS12000 ETC1-PS12000 Datasheet
1Mb / 24P
   PRELIMINARY INFORMATION
logo
Xicor Inc.
X98027 XICOR-X98027 Datasheet
105Kb / 1P
   PRELIMINARY INFORMATION
logo
TEMIC Semiconductors
U2762B TEMIC-U2762B Datasheet
299Kb / 9P
   900-MHz ISM Band Receiver
logo
List of Unclassifed Man...
OV8610 ETC1-OV8610 Datasheet
161Kb / 28P
   Advanced Information Preliminary
logo
IXYS Corporation
IXGR120N60C2 IXYS-IXGR120N60C2 Datasheet
177Kb / 6P
   Preliminary Technical Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com