Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8437 Datasheet(PDF) 9 Page - Holt Integrated Circuits

Part # HI-8437
Description  Single Low Voltage Supply Operation
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8437 Datasheet(HTML) 9 Page - Holt Integrated Circuits

Back Button HI-8437 Datasheet HTML 5Page - Holt Integrated Circuits HI-8437 Datasheet HTML 6Page - Holt Integrated Circuits HI-8437 Datasheet HTML 7Page - Holt Integrated Circuits HI-8437 Datasheet HTML 8Page - Holt Integrated Circuits HI-8437 Datasheet HTML 9Page - Holt Integrated Circuits HI-8437 Datasheet HTML 10Page - Holt Integrated Circuits HI-8437 Datasheet HTML 11Page - Holt Integrated Circuits HI-8437 Datasheet HTML 12Page - Holt Integrated Circuits HI-8437 Datasheet HTML 13Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
HI-8437
HOLT INTEGRATED CIRCUITS
9
REGISTER DESCRIPTIONS (cont.)
TABLE 10.
7-0
SO<23:16>
R
0
Sensor output status, SO<23:16> reports the state of SENSE<23:16>.
Bit
Name
R/W Default
Description
76543210
MSB
LSB
Read: SPI Op-code 0x94
Write: NA, read only
Reset Value 00
[Opcode, DB0]
SENSOR STATUS BANK 2 REGISTER: SO<23:16>
SENSOR OUTPUT STATUS REGISTER: SO<31:0>
THIS 32 BIT REGISTER IS ACCESSED BY THE FOLLOWING 5 SPI COMMANDS
For sense inputs:
SO<n> = “1” if the SENSE<n> pin is open or < VTLO
SO<n> = “0” if the SENSE<n> pin is >= VTHI
TABLE 11.
7-0
SO<31:24>
R
0
Sensor output status, SO<31:24> reports the state of SENSE<31:24>.
Bit
Name
R/W Default
Description
76543210
MSB
LSB
Read: SPI Op-code 0x96
Write: NA, read only
Reset Value 00
[Opcode, DB0]
SENSOR STATUS BANK 3 REGISTER: SO<31:24>
DATA BYTE 0
DATA BYTE 0
7-0
SO<15:8>
R
0
Sensor output status, SO<15:8> reports the state of SENSE<15:8>.
Bit
Name
R/W Default
Description
TABLE 9.
76543210
MSB
LSB
Read: SPI Op-code 0x92
Write: NA, read only
Reset Value 00
[Opcode, DB0]
SENSOR STATUS BANK 1 REGISTER: SO<15:8>
DATA BYTE 0
Read: SPI Op-code 0x90
Write: NA, read only
Reset Value 00
[Opcode, DB0]
SENSOR STATUS BANK 0 REGISTER: SO<7:0>
7-0
SO<7:0>
R
0
Sensor output status, SO<7:0> reports the state of SENSE<7:0>.
Bit
Name
R/W Default
Description
76543210
MSB
LSB
TABLE 8.
DATA BYTE 0


Similar Part No. - HI-8437

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8437 HOLTIC-HI-8437_16 Datasheet
151Kb / 21P
   32-Channel High Impedance Low Threshold Sensor with SPI Interface
More results

Similar Description - HI-8437

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4313EVKIT MAXIM-MAX4313EVKIT Datasheet
112Kb / 4P
   Single-Supply Operation
Rev 1; 4/99
logo
Integrated Silicon Solu...
IS29LV032T ISSI-IS29LV032T Datasheet
916Kb / 47P
   Single power supply operation
logo
Maxim Integrated Produc...
MAX11504EVKIT MAXIM-MAX11504EVKIT Datasheet
170Kb / 7P
   Single 5V Supply Operation
Rev 0; 2/08
logo
Macronix International
MX25L1605A MCNIX-MX25L1605A Datasheet
973Kb / 43P
   Single Power Supply Operation
logo
National Semiconductor ...
CLC427 NSC-CLC427 Datasheet
130Kb / 8P
   Dual Voltage Feedback Amplifier for Single Supply Operation
logo
Micross Components
AS8SF384K32 MICROSS-AS8SF384K32 Datasheet
185Kb / 14P
   Operation with single 5V supply
logo
Texas Instruments
TLC372CDRG4 TI1-TLC372CDRG4 Datasheet
1Mb / 26P
[Old version datasheet]   Single or Dual-Supply Operation
logo
NXP Semiconductors
NE564 PHILIPS-NE564 Datasheet
150Kb / 9P
   Operation with single 5V supply
1994 Aug 31
logo
Maxim Integrated Produc...
MAX3273EVKIT MAXIM-MAX3273EVKIT Datasheet
689Kb / 11P
   Single 3.3V Power-Supply Operation
Rev 0; 9/01
MAX41400EVKIT MAXIM-MAX41400EVKIT Datasheet
398Kb / 7P
   Single- or Dual-Supply Operation
319-100583; Rev 0; 8/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com