Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV601 Datasheet(PDF) 6 Page - Texas Instruments

Part # DRV601
Description  DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV601 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DRV601_15 Datasheet HTML 2Page - Texas Instruments DRV601_15 Datasheet HTML 3Page - Texas Instruments DRV601_15 Datasheet HTML 4Page - Texas Instruments DRV601_15 Datasheet HTML 5Page - Texas Instruments DRV601_15 Datasheet HTML 6Page - Texas Instruments DRV601_15 Datasheet HTML 7Page - Texas Instruments DRV601_15 Datasheet HTML 8Page - Texas Instruments DRV601_15 Datasheet HTML 9Page - Texas Instruments DRV601_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
3m
3
10m
100m
500m
2
V -OutputVoltage-Vrms
O
0.001
10
0.01
0.1
1
V
=1.8V,
R =100k ,
f=1kHz
DD
L
W
0.001
10
0.01
0.1
1
3m
3
10m
100m
500m
2
V -OutputVoltage-Vrms
O
V
=3.3V,
R =100k ,
f=1kHz
DD
L
W
0.001
10
0.01
0.1
1
3m
3
10m
100m
500m
2
V -OutputVoltage-Vrms
O
V
=4.5V,
R =100k ,
f=1kHz
DD
L
W
0.001
10
0.01
0.1
1
3m
3
10m
100m
500m
2
V -OutputVoltage-Vrms
O
V
=3.3V,
R =600
,
f=1kHz
DD
L
W
0.001
10
0.01
0.1
1
3m
3
10m
100m
500m
2
V -OutputVoltage-Vrms
O
V
=1.8V,
R =600
,
f=1kHz
DD
L
W
0.001
10
0.01
0.1
1
3m
3
10m
100m
500m
2
V -OutputVoltage-Vrms
O
V
=4.5V,
R =600
,
f=1kHz
DD
L
W
DRV601
SLOS553C – JANUARY 2008 – REVISED SEPTEMBER 2009......................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS
C(PUMP) = C(PVSS) = 1 µF , CIN = 1 µF, Rin = 10 kΩ, Rfb = 20 kΩ (unless otherwise noted)
Table of Graphs
FIGURE
Total harmonic distortion + noise
vs Output Voltage
1-6
Total harmonic distortion + noise
vs Frequency
7-8
Quiescent supply current
vs Supply voltage
9
Output spectrum
10
Gain and phase
vs Frequency
11-12
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
vs
OUTPUT VOLTAGE
OUTPUT VOLTAGE
OUTPUT VOLTAGE
Figure 1.
Figure 2.
Figure 3.
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
vs
OUTPUT VOLTAGE
OUTPUT VOLTAGE
OUTPUT VOLTAGE
Figure 4.
Figure 5.
Figure 6.
6
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): DRV601


Similar Part No. - DRV601_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV601RTJR TI-DRV601RTJR Datasheet
552Kb / 16P
[Old version datasheet]   DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
DRV601RTJR TI-DRV601RTJR Datasheet
548Kb / 16P
[Old version datasheet]   DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
DRV601RTJRG4 TI-DRV601RTJRG4 Datasheet
552Kb / 16P
[Old version datasheet]   DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
DRV601RTJRG4 TI-DRV601RTJRG4 Datasheet
548Kb / 16P
[Old version datasheet]   DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
DRV601RTJT TI-DRV601RTJT Datasheet
552Kb / 16P
[Old version datasheet]   DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
More results

Similar Description - DRV601_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV601 TI-DRV601 Datasheet
552Kb / 16P
[Old version datasheet]   DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
DRV601 TI-DRV601_08 Datasheet
548Kb / 16P
[Old version datasheet]   DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
DRV602 TI-DRV602 Datasheet
243Kb / 12P
[Old version datasheet]   DIRECTPATH?? 2Vrms Line Driver with Adjustable gain
DRV600 TI-DRV600 Datasheet
600Kb / 16P
[Old version datasheet]   DIRECTPATH??STEREO LINE DRIVER
DRV600 TI-DRV600_15 Datasheet
679Kb / 17P
[Old version datasheet]   DIRECTPATH??STEREO LINE DRIVER
DRV603 TI1-DRV603 Datasheet
637Kb / 21P
[Old version datasheet]   DirectPath?? 3-VRMS Line Driver With Adjustable Gain
DRV632PW TI1-DRV632PW Datasheet
604Kb / 19P
[Old version datasheet]   DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
DRV632PWR TI-DRV632PWR Datasheet
604Kb / 19P
[Old version datasheet]   DirectPath, 2-VRMS Audio Line Driver With Adjustable Gain
DRV602 TI-DRV602_15 Datasheet
788Kb / 16P
[Old version datasheet]   DirectPath?? Pop-Free 3Vrms Line Driver with Adjustable Gain
DRV632 TI-DRV632 Datasheet
450Kb / 18P
[Old version datasheet]   DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com