Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-6137 Datasheet(PDF) 42 Page - Holt Integrated Circuits

Part # HI-6137
Description  40 MHz SPI Host Interface
Download  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-6137 Datasheet(HTML) 42 Page - Holt Integrated Circuits

Back Button HI-6137 Datasheet HTML 38Page - Holt Integrated Circuits HI-6137 Datasheet HTML 39Page - Holt Integrated Circuits HI-6137 Datasheet HTML 40Page - Holt Integrated Circuits HI-6137 Datasheet HTML 41Page - Holt Integrated Circuits HI-6137 Datasheet HTML 42Page - Holt Integrated Circuits HI-6137 Datasheet HTML 43Page - Holt Integrated Circuits HI-6137 Datasheet HTML 44Page - Holt Integrated Circuits HI-6137 Datasheet HTML 45Page - Holt Integrated Circuits HI-6137 Datasheet HTML 46Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 230 page
background image
HI-6137
HOLT INTEGRATED CIRCUITS
42
Bit No. Mnemonic
Function
2
INTBUSY
Report terminal Busy status for RT message interrupts; set WASBUSY flag bit 9 in log
buffer Interrupt Identification Word. See “Interrupt Log Buffer” on page 35.
Setting INTBUSY = 1 causes the WASBUSY status bit 9 to be set in the RT Interrupt
Identification Word (IIW) when an enabled interrupt event occurs with RT Busy status.
Therefore, RT subaddresses or mode codes with enabled message interrupts can
optionally report when Busy status applied during those events. For example, assume the
RT Rx subaddress 1 Interrupt When Accessed event (IWA) is enabled. If RT subaddress 1
sees a legal, valid receive message but the RT is Busy, the IWA and WASBUSY flags are
both set in the Interrupt Log Buffer’s written Interrupt Identification Word. If RT is not Busy,
only the IWA flag is set in the written IIW.
When INTBUSY is reset, terminal Busy status for interrupts is not reported; the WASBUSY
status bit in the logged RT Interrupt Identification Word is always 0.
Note 1: The Interrupt Log Buffer is updated only when enabled interrupt events occur. By
itself, RT Busy status is not an interrupt-causing event.
Note 2: INTBUSY bit 2 does not affect the “Remote Terminal (RT) Pending Interrupt
Register (0x0009)” on page 109; register bit 9 is reserved. Only WASBUSY bit 9 in the
Interrupt Log Buffer Interrupt Identification Word (IIW) is affected.


Similar Part No. - HI-6137

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-6137 HOLTIC-HI-6137 Datasheet
5Mb / 230P
   Compact Multi-Terminal Device with SPI Host Interface
HI-6137 HOLTIC-HI-6137_16 Datasheet
5Mb / 230P
   Compact Multi-Terminal Device with SPI Host Interface
More results

Similar Description - HI-6137

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-6138 HOLTIC-HI-6138 Datasheet
5Mb / 254P
   40 MHz SPI Host Interface
HI-6135 HOLTIC-HI-6135 Datasheet
4Mb / 172P
   40 MHz SPI Host Interface
HI-6136 HOLTIC-HI-6136 Datasheet
5Mb / 206P
   40 MHz SPI Host Interface
logo
Maxim Integrated Produc...
MAX3421E MAXIM-MAX3421E_07 Datasheet
371Kb / 32P
   USB Peripheral/Host Controller with SPI Interface
Rev 3; 7/07
MAX3421E MAXIM-MAX3421E_14 Datasheet
260Kb / 28P
   USB Peripheral/Host Controller with SPI Interface
Rev 4; 7/13
MAX3421E MAXIM-MAX3421E_13 Datasheet
290Kb / 28P
   USB Peripheral/Host Controller with SPI Interface
Rev 4; 7/13
MAX3421E MAXIM-MAX3421E Datasheet
359Kb / 29P
   USB Peripheral/Host Controller with SPI Interface
Rev 0; 2/06
logo
Holt Integrated Circuit...
HI-6135 HOLTIC-HI-6135_16 Datasheet
4Mb / 172P
   Compact Remote Terminal with SPI Host Interface
HI-6137 HOLTIC-HI-6137_16 Datasheet
5Mb / 230P
   Compact Multi-Terminal Device with SPI Host Interface
HI-6138 HOLTIC-HI-6138_16 Datasheet
6Mb / 254P
   Compact Multi-Terminal Device with SPI Host Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com