Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV651 Datasheet(PDF) 7 Page - Texas Instruments

Part # LMV651
Description  LMV651/LMV652/LMV654 12 MHz, Low Voltage, Low Power Amplifiers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV651 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMV651_15 Datasheet HTML 3Page - Texas Instruments LMV651_15 Datasheet HTML 4Page - Texas Instruments LMV651_15 Datasheet HTML 5Page - Texas Instruments LMV651_15 Datasheet HTML 6Page - Texas Instruments LMV651_15 Datasheet HTML 7Page - Texas Instruments LMV651_15 Datasheet HTML 8Page - Texas Instruments LMV651_15 Datasheet HTML 9Page - Texas Instruments LMV651_15 Datasheet HTML 10Page - Texas Instruments LMV651_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
3
3.4
3.8
4.2
4.6
5
0
30
60
90
120
150
VS (V)
-40°C
25°C
125°C
RL = 2 k:
25°C
3
3.4
3.8
4.2
4.6
5
0
20
40
60
80
100
VS (V)
-40°C
125°C
RL = 10 k:
3
3.4
3.8
4.2
4.6
5
0
30
60
90
120
150
VS (V)
-40°C
25°C
125°C
RL = 2 k:
2.7
3.2
3.7
4.2
4.7
5.2
VS (V)
50
60
70
80
90
100
-40°C
25°C
125°C
5.5
0
0.5
1
1.5
2
2.5
50
60
70
80
90
100
VCM (V)
-40°C
25°C
125°C
VS = 3V
0
1
2
3
4
5
50
60
70
80
90
100
VCM (V)
-40°C
25°C
125°C
VS = 5V
LMV651, LMV652, LMV654
www.ti.com
SNOSAI7J – SEPTEMBER 2005 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Unless otherwise specified, TA= 25°C, VS= 5V, V
+= 5V, V= 0V, V
CM= VS/2
IBIAS vs. VCM
IBIAS vs. VCM
Figure 12.
Figure 13.
IBIAS vs. Supply Voltage
Positive Output Swing vs. Supply Voltage
Figure 14.
Figure 15.
Negative Output Swing vs. Supply Voltage
Positive Output Swing vs. Supply Voltage
Figure 16.
Figure 17.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMV651 LMV652 LMV654


Similar Part No. - LMV651_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV651MF NSC-LMV651MF Datasheet
1,004Kb / 16P
   12 MHz, Low Voltage, Low Power Amplifiers
logo
Texas Instruments
LMV651MF/NOPB TI1-LMV651MF/NOPB Datasheet
1Mb / 33P
[Old version datasheet]   LMV65x 12-MHz, Low Voltage, Low Power Amplifiers
logo
National Semiconductor ...
LMV651MFX NSC-LMV651MFX Datasheet
1,004Kb / 16P
   12 MHz, Low Voltage, Low Power Amplifiers
logo
Texas Instruments
LMV651MFX/NOPB TI1-LMV651MFX/NOPB Datasheet
1Mb / 33P
[Old version datasheet]   LMV65x 12-MHz, Low Voltage, Low Power Amplifiers
logo
National Semiconductor ...
LMV651MG NSC-LMV651MG Datasheet
499Kb / 5P
   12MHz, Low Voltage, Low Power Amplifier
More results

Similar Description - LMV651_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV651 NSC-LMV651_08 Datasheet
1,004Kb / 16P
   12 MHz, Low Voltage, Low Power Amplifiers
logo
Texas Instruments
LMV651 TI1-LMV651 Datasheet
1Mb / 33P
[Old version datasheet]   LMV65x 12-MHz, Low Voltage, Low Power Amplifiers
logo
National Semiconductor ...
LMV651 NSC-LMV651_07 Datasheet
473Kb / 16P
   12 MHz, Low Voltage, Low Power Amplifier
logo
Texas Instruments
LMV721 TI-LMV721 Datasheet
684Kb / 21P
[Old version datasheet]   10-MHz LOW-NOISE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8039ARZ AD-AD8039ARZ Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8038 AD-AD8038 Datasheet
346Kb / 12P
   Low Power 350 MHz Voltage Feedback Amplifiers
REV. B
AD8038 AD-AD8038_15 Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8039 AD-AD8039_15 Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8038 AD-AD8038_04 Datasheet
256Kb / 12P
   Low Power 350 MHz Voltage Feedback Amplifiers
REV. F
logo
National Semiconductor ...
LMV654 NSC-LMV654 Datasheet
509Kb / 5P
   Quad, 12 MHz, Low Voltage, Low Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com