Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV641 Datasheet(PDF) 2 Page - Texas Instruments

Part # LMV641
Description  LMV641 10 MHz, 12V, Low Power Amplifier
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV641 Datasheet(HTML) 2 Page - Texas Instruments

  LMV641_15 Datasheet HTML 1Page - Texas Instruments LMV641_15 Datasheet HTML 2Page - Texas Instruments LMV641_15 Datasheet HTML 3Page - Texas Instruments LMV641_15 Datasheet HTML 4Page - Texas Instruments LMV641_15 Datasheet HTML 5Page - Texas Instruments LMV641_15 Datasheet HTML 6Page - Texas Instruments LMV641_15 Datasheet HTML 7Page - Texas Instruments LMV641_15 Datasheet HTML 8Page - Texas Instruments LMV641_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
LMV641
SNOSAW3C – SEPTEMBER 2007 – REVISED FEBRUARY 2013
www.ti.com
Absolute Maximum Ratings
(1) (2)
ESD Tolerance (3)
Human Body Model
2000V
Machine Model
200V
Differential Input VID
±0.3V
Supply Voltage (VS = V
+ - V)
13.2V
Input/Output Pin Voltage
V+ +0.3V, V
−0.3V
Storage Temperature Range
−65°C to +150°C
Junction Temperature (4)
+150°C
Soldering Information
Infrared or Convection (20 sec)
235°C
Wave Soldering Lead Temp (10 sec)
260°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test
conditions, see the Electrical Characteristics Tables.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office / Distributors for
availability and specifications.
(3)
Human Body Model, applicable std. MIL-STD-883, Method 3015.7. Machine Model, applicable std. JESD22-A115-A (ESD MM std. of
JEDEC)Field-Induced Charge-Device Model, applicable std. JESD22-C101-C (ESD FICDM std. of JEDEC).
(4)
The maximum power dissipation is a function of TJ(MAX, θJA. The maximum allowable power dissipation at any ambient temperature is
PD = (TJ(MAX) - TA)/ θJA. All numbers apply for packages soldered directly onto a PC board.
Operating Ratings
(1)
Temperature Range (2)
−40°C to 125°C
Supply Voltage (VS = V
+ - V)
2.7V to 12V
Package Thermal Resistance (
θJA)
(2)
5-Pin SC70
456°C/W
8-Pin SOIC
166°C/W
5-Pin SOT-23
325°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test
conditions, see the Electrical Characteristics Tables.
(2)
The maximum power dissipation is a function of TJ(MAX, θJA. The maximum allowable power dissipation at any ambient temperature is
PD = (TJ(MAX) - TA)/ θJA. All numbers apply for packages soldered directly onto a PC board.
2.7V DC Electrical Characteristics
Unless otherwise specified, all limits are guaranteed for TA = 25°C, V
+ = 2.7V, V= 0V, V
O = VCM = V
+/2, and R
L > 1 MΩ.
Boldface limits apply at the temperature extremes.
Min
Typ
Max
Symbol
Parameter
Conditions
Units
(1)
(2)
(1)
30
500
µV
VOS
Input Offset Voltage
750
TC VOS
Input Offset Average Drift
0.1
μV/°C
75
95
nA
IB
Input Bias Current
(3)
110
IOS
Input Offset Current
0.9
5
nA
89
114
CMRR
Common Mode Rejection Ratio
0V
≤ VCM ≤ 1.7V
dB
84
(1)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are guaranteed through correlations using
Statistical Quality Control (SQC) method.
(2)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not guaranteed on
shipped production material.
(3)
Positive current corresponds to current flowing into the device.
2
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LMV641


Similar Part No. - LMV641_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV641MA NSC-LMV641MA Datasheet
1Mb / 18P
   10 MHz, 12V, Low Power Amplifier
logo
Texas Instruments
LMV641MA/NOPB TI1-LMV641MA/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   LMV641
logo
National Semiconductor ...
LMV641MAE NSC-LMV641MAE Datasheet
1Mb / 18P
   10 MHz, 12V, Low Power Amplifier
logo
Texas Instruments
LMV641MAE/NOPB TI1-LMV641MAE/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   LMV641
logo
National Semiconductor ...
LMV641MAX NSC-LMV641MAX Datasheet
1Mb / 18P
   10 MHz, 12V, Low Power Amplifier
More results

Similar Description - LMV641_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV641 NSC-LMV641 Datasheet
1Mb / 18P
   10 MHz, 12V, Low Power Amplifier
logo
Texas Instruments
LMV641 TI1-LMV641 Datasheet
1Mb / 27P
[Old version datasheet]   LMV641
logo
Microchip Technology
MCP6H91 MICROCHIP-MCP6H91_12 Datasheet
1Mb / 42P
   10 MHz, 12V Op Amps
2012 11/29/12
logo
Texas Instruments
OPA2325 TI1-OPA2325_18 Datasheet
2Mb / 34P
[Old version datasheet]   Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
OPA2325 TI1-OPA2325 Datasheet
2Mb / 32P
[Old version datasheet]   Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
logo
Rohm
US6X3 ROHM-US6X3_1 Datasheet
79Kb / 3P
   Low frequency amplifier (12V, 3A)
logo
Texas Instruments
LMV722-Q1 TI1-LMV722-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   10-MHz Low-Noise, Low-Voltage Operational Amplifier
logo
Rohm
US6X5 ROHM-US6X5_1 Datasheet
76Kb / 3P
   Low frequency amplifier (12V, 2A)
2SB1697 ROHM-2SB1697 Datasheet
103Kb / 3P
   Low Frequency Amplifier (-12V, -2A)
logo
RFX Ltd.
OS936-10 RFX-OS936-10 Datasheet
524Kb / 2P
   10 MHz OCXO Sine Wave Oscillator 12V
Issue 2; 26th April 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com