Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMP7712 Datasheet(PDF) 5 Page - Texas Instruments

Part # LMP7712
Description  Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP7712 Datasheet(HTML) 5 Page - Texas Instruments

  LMP7712_15 Datasheet HTML 1Page - Texas Instruments LMP7712_15 Datasheet HTML 2Page - Texas Instruments LMP7712_15 Datasheet HTML 3Page - Texas Instruments LMP7712_15 Datasheet HTML 4Page - Texas Instruments LMP7712_15 Datasheet HTML 5Page - Texas Instruments LMP7712_15 Datasheet HTML 6Page - Texas Instruments LMP7712_15 Datasheet HTML 7Page - Texas Instruments LMP7712_15 Datasheet HTML 8Page - Texas Instruments LMP7712_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LMP7711
www.ti.com
SNOSAP4F – SEPTEMBER 2005 – REVISED MAY 2013
5V ELECTRICAL CHARACTERISTICS (continued)
Unless otherwise noted, all limits are ensured for TA = 25°C, V
+ = 5V, V= 0V, V
CM = V
+/2, V
EN = V
+. Boldface limits apply at
the temperature extremes.
Symbol
Parameter
Conditions
Min(1)
Typ(2)
Max(1)
Units
AVOL
Open Loop Voltage Gain
LMP7711, VO = 0.3 to 4.7V
88
107
RL = 2 kΩ to V
+/2
82
LMP7712, VO = 0.3 to 4.7V
84
90
RL = 2 kΩ to V
+/2
80
dB
LMP7711, VO = 0.3 to 4.7V
92
114
RL = 10 kΩ to V
+/2
88
LMP7712, VO = 0.3 to 4.7V
90
95
RL = 10 kΩ to V
+/2
86
VOUT
Output Voltage Swing
RL = 2 kΩ to V
+/2
32
70
High
77
RL = 10 kΩ to V
+/2
22
60
mV from
66
either rail
Output Voltage Swing
RL = 2 kΩ to V
+/2
42
70
Low
(LMP7711)
73
RL = 2 kΩ to V
+/2
50
75
(LMP7712)
78
RL = 10 kΩ to V
+/2
20
60
62
IOUT
Output Current
Sourcing to V
46
66
VIN = 200 mV
(6)
38
mA
Sinking to V+
10.5
23
VIN = −200 mV
(6)
6.5
IS
Supply Current
LMP7711
1.15
1.40
Enable Mode VEN ≥ 4.6
1.75
mA
LMP7712 (per channel)
1.30
1.70
Enable Mode VEN ≥ 4.6
2.05
Shutdown Mode VEN ≤ 0.4
0.14
1
μA
(per channel)
4
SR
Slew Rate
AV = +1, Rising (10% to 90%)
6.0
9.5
V/
μs
AV = +1, Falling (90% to 10%)
7.5
11.5
GBW
Gain Bandwidth
17
MHz
en
Input Referred Voltage Noise Density
f = 400 Hz
7.0
nV/
√Hz
f = 1 kHz
5.8
in
Input Referred Current Noise Density
f = 1 kHz
0.01
pA/
√Hz
ton
Turn-on Time
114
ns
toff
Turn-off Time
800
ns
VEN
Enable Pin Voltage Range
Enable Mode
4.6
4.5 – 5
V
Shutdown Mode
0 – 0.5
0.4
IEN
Enable Pin Input Current
VEN = 5V
(7)
5.6
10
μA
VEN = 0V
(7)
0.005
0.2
THD+N
Total Harmonic Distortion + Noise
f = 1 kHz, AV = 1, RL = 100 kΩ
0.001
VO = 4 VPP
%
f = 1 kHz, AV = 1, RL = 600Ω
0.004
VO = 4 VPP
(6)
The short circuit test is a momentary open loop test.
(7)
Positive current corresponds to current flowing into the device.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMP7711


Similar Part No. - LMP7712_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP7712MM NSC-LMP7712MM Datasheet
1Mb / 18P
   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
logo
Texas Instruments
LMP7712MM/NOPB TI1-LMP7712MM/NOPB Datasheet
968Kb / 26P
[Old version datasheet]   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
LMP7712MME/NOPB TI1-LMP7712MME/NOPB Datasheet
968Kb / 26P
[Old version datasheet]   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
logo
National Semiconductor ...
LMP7712MMX NSC-LMP7712MMX Datasheet
1Mb / 18P
   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
logo
Texas Instruments
LMP7712MMX/NOPB TI1-LMP7712MMX/NOPB Datasheet
968Kb / 26P
[Old version datasheet]   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
More results

Similar Description - LMP7712_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP7712 NSC-LMP7712 Datasheet
1Mb / 18P
   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
logo
Texas Instruments
LMP7715 TI-LMP7715_15 Datasheet
1Mb / 27P
[Old version datasheet]   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
LMP7716 TI-LMP7716_15 Datasheet
1Mb / 27P
[Old version datasheet]   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
logo
National Semiconductor ...
LMP7715 NSC-LMP7715 Datasheet
1Mb / 18P
   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
logo
Texas Instruments
LMP7711 TI1-LMP7711 Datasheet
968Kb / 26P
[Old version datasheet]   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
SM73304 TI1-SM73304 Datasheet
1Mb / 22P
[Old version datasheet]   Dual and Single Precision, 17 MHz, Low Noise, CMOS Input Amplifiers with Enable
SM73307 TI-SM73307_15 Datasheet
961Kb / 25P
[Old version datasheet]   Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifier
SM73307 TI1-SM73307 Datasheet
970Kb / 20P
[Old version datasheet]   SM73307 Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifier
logo
National Semiconductor ...
LMP7711 NSC-LMP7711 Datasheet
532Kb / 5P
   Precision, 17 MHz, Low Noise, CMOS Input Amplifier
logo
Texas Instruments
LMV796 TI-LMV796_15 Datasheet
1Mb / 30P
[Old version datasheet]   17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com