Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC7225IM5 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMC7225IM5
Description  Micro-Power, Rail-to-Rail CMOS Comparators with Push-Pull/Open-Drain Outputs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC7225IM5 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMC7225IM5 Datasheet HTML 6Page - Texas Instruments LMC7225IM5 Datasheet HTML 7Page - Texas Instruments LMC7225IM5 Datasheet HTML 8Page - Texas Instruments LMC7225IM5 Datasheet HTML 9Page - Texas Instruments LMC7225IM5 Datasheet HTML 10Page - Texas Instruments LMC7225IM5 Datasheet HTML 11Page - Texas Instruments LMC7225IM5 Datasheet HTML 12Page - Texas Instruments LMC7225IM5 Datasheet HTML 13Page - Texas Instruments LMC7225IM5 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
LMC7215, LMC7225
SNOS882E – SEPTEMBER 1999 – REVISED MARCH 2013
www.ti.com
Figure 17. RS = 10Ω
Figure 18.
LATCH-UP
In the past, most CMOS IC's were susceptible to a damaging phenomena known as latch-up. This occurred
when an ESD current spike or other large signal was applied to any of the pins of an IC. The LMC7215 and
LMC7225 both are designed to make them highly resistant to this type of damage. They have passed
qualification tests with input currents on any lead up to 300 mA at temperatures up to 125°C.
SPICE MODELS
For a SPICE model of the LMC7215, LMC7225 and many other op amps and comparators, visit www.ti.com.
10
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LMC7215 LMC7225


Similar Part No. - LMC7225IM5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC7225IM5 NSC-LMC7225IM5 Datasheet
360Kb / 11P
   Micro-Power, Rail-to-Rail CMOS Comparators with Open-Drain/Push-Pull Outputs and TinyPak??Package
LMC7225IM5 NSC-LMC7225IM5 Datasheet
775Kb / 11P
   Micro-Power, Rail-to-Rail CMOS Comparators with Push-Pull/Open-Drain Outputs and TinyPak??Package
LMC7225IM5X NSC-LMC7225IM5X Datasheet
360Kb / 11P
   Micro-Power, Rail-to-Rail CMOS Comparators with Open-Drain/Push-Pull Outputs and TinyPak??Package
LMC7225IM5X NSC-LMC7225IM5X Datasheet
775Kb / 11P
   Micro-Power, Rail-to-Rail CMOS Comparators with Push-Pull/Open-Drain Outputs and TinyPak??Package
More results

Similar Description - LMC7225IM5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC7215 NSC-LMC7215 Datasheet
360Kb / 11P
   Micro-Power, Rail-to-Rail CMOS Comparators with Open-Drain/Push-Pull Outputs and TinyPak??Package
LMC7215 NSC-LMC7215_06 Datasheet
775Kb / 11P
   Micro-Power, Rail-to-Rail CMOS Comparators with Push-Pull/Open-Drain Outputs and TinyPak??Package
logo
Texas Instruments
LMC7215IM5-NOPB TI1-LMC7215IM5-NOPB Datasheet
1Mb / 19P
[Old version datasheet]   LMC7215/LMC7215-Q1/LMC7225 Micro-Power, Rail-to-Rail CMOS Comparators with Push- Pull/Open-Drain Outputs
logo
Global Mixed-mode Techn...
G1337 GMT-G1337 Datasheet
80Kb / 1P
   Dual Rail-to-Rail CMOS Comparators with Open- Drain Output
logo
Texas Instruments
TLV7211 TI-TLV7211_07 Datasheet
474Kb / 19P
[Old version datasheet]   CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
TLV7211 TI-TLV7211_10 Datasheet
722Kb / 20P
[Old version datasheet]   CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
TLV7211 TI-TLV7211 Datasheet
469Kb / 16P
[Old version datasheet]   CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
logo
New Japan Radio
NJU77230 NJRC-NJU77230 Datasheet
1Mb / 25P
   Rail-to-Rail Input,Push-Pull Output Low power CMOS Comparators
Ver.3
logo
Global Mixed-mode Techn...
G1335 GMT-G1335 Datasheet
160Kb / 1P
   Rail-to-Rail CMOS Comparator with Open-Drain Output
logo
New Japan Radio
NJU77240 NJRC-NJU77240 Datasheet
1Mb / 25P
   Excellent EMI Immunity Rail-to-Rail Input, Open-Drain Output Low power CMOS Comparators
Ver.6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com