Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC6772QMM/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6772QMM/NOPB
Description  Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC6772QMM/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMC6772QMM/NOPB Datasheet HTML 7Page - Texas Instruments LMC6772QMM/NOPB Datasheet HTML 8Page - Texas Instruments LMC6772QMM/NOPB Datasheet HTML 9Page - Texas Instruments LMC6772QMM/NOPB Datasheet HTML 10Page - Texas Instruments LMC6772QMM/NOPB Datasheet HTML 11Page - Texas Instruments LMC6772QMM/NOPB Datasheet HTML 12Page - Texas Instruments LMC6772QMM/NOPB Datasheet HTML 13Page - Texas Instruments LMC6772QMM/NOPB Datasheet HTML 14Page - Texas Instruments LMC6772QMM/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
2
4
6
8
10 11
13
15
OUTPUT VOLTAGE (V)
0.0001
0.001
0.01
0.1
0
10
100
12
14
9
7
5
3
125°C
85°C
25°C
-40°C (estimated)
VS = 2.7V
LMC6772
www.ti.com
SNOS749F – SEPTEMBER 1995 – REVISED MARCH 2013
LMC6772Q (continued)
Output Leakage
vs.
Output Voltage
Figure 28.
Copyright © 1995–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMC6772


Similar Part No. - LMC6772QMM/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6772QMM/NOPB TI1-LMC6772QMM/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
More results

Similar Description - LMC6772QMM/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6772 TI1-LMC6772 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC6772AIMMX_NOPB TI1-LMC6772AIMMX_NOPB Datasheet
1Mb / 25P
[Old version datasheet]   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
logo
National Semiconductor ...
LMC6772 NSC-LMC6772 Datasheet
288Kb / 11P
   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
logo
Texas Instruments
SM72375 TI1-SM72375_14 Datasheet
1Mb / 20P
[Old version datasheet]   SM72375 SolarMagic Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
SM72375 TI-SM72375_15 Datasheet
1Mb / 19P
[Old version datasheet]   SM72375 SolarMagic Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
SM72375 TI1-SM72375 Datasheet
1Mb / 14P
[Old version datasheet]   SM72375 SolarMagic Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
SM72375 TI1-SM72375_16 Datasheet
1Mb / 20P
[Old version datasheet]   SM72375 SolarMagic Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
logo
Global Mixed-mode Techn...
G1335 GMT-G1335 Datasheet
160Kb / 1P
   Rail-to-Rail CMOS Comparator with Open-Drain Output
logo
National Semiconductor ...
LMC7221 NSC-LMC7221_06 Datasheet
699Kb / 13P
   Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
LMC7221 NSC-LMC7221 Datasheet
271Kb / 12P
   Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com