Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PXAC180602MD Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # PXAC180602MD
Description  Thermally-Enhanced High Power RF LDMOS FET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PXAC180602MD Datasheet(HTML) 4 Page - Infineon Technologies AG

  PXAC180602MD Datasheet HTML 1Page - Infineon Technologies AG PXAC180602MD Datasheet HTML 2Page - Infineon Technologies AG PXAC180602MD Datasheet HTML 3Page - Infineon Technologies AG PXAC180602MD Datasheet HTML 4Page - Infineon Technologies AG PXAC180602MD Datasheet HTML 5Page - Infineon Technologies AG PXAC180602MD Datasheet HTML 6Page - Infineon Technologies AG PXAC180602MD Datasheet HTML 7Page - Infineon Technologies AG PXAC180602MD Datasheet HTML 8Page - Infineon Technologies AG PXAC180602MD Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Data Sheet
4 of 10
Rev. 02.1, 2015-06-18
PXAC180602MD
Typical Performance (cont.)
10
20
30
40
50
60
70
10
12
14
16
18
20
22
27
31
35
39
43
47
51
Output Power (dBm)
CW Performance
at various VDD
IDQ = 80 mA, ƒ = 1880 MHz
VDD =
32 V
VDD = 24 V
VDD = 28 V
VDD = 32 V
Gain
Efficiency
pxac180602md_g6
-18
-14
-10
-6
-2
12
14
16
18
20
1700 1750 1800 1850 1900 1950 2000
Frequency (MHz)
Small Signal CW
Gain & Input Return Loss
VDD = 28 V, IDQ = 80 mA
IRL
Gain
pxac180602md_g7


Similar Part No. - PXAC180602MD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PXAC182002FC INFINEON-PXAC182002FC Datasheet
1Mb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.2, 2015-06-05
PXAC182002FC INFINEON-PXAC182002FC Datasheet
1Mb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 1805 ??1880 MHz
Rev. 02.3, 2016-06-17
logo
Cree, Inc
PXAC182002FC CREE-PXAC182002FC Datasheet
495Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 1805 ??1880 MHz
logo
Infineon Technologies A...
PXAC182002FCV1R0 INFINEON-PXAC182002FCV1R0 Datasheet
1Mb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 1805 ??1880 MHz
Rev. 02.3, 2016-06-17
PXAC182002FCV1R0XTMA1 INFINEON-PXAC182002FCV1R0XTMA1 Datasheet
1Mb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 1805 ??1880 MHz
Rev. 02.3, 2016-06-17
More results

Similar Description - PXAC180602MD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB181702FC INFINEON-PTFB181702FC Datasheet
1,009Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2016-06-10
PTAB182002FC INFINEON-PTAB182002FC Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 04.1, 2016-06-09
PTVA104501EH INFINEON-PTVA104501EH Datasheet
189Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02, 2014-07-22
PTFA211801E INFINEON-PTFA211801E_15 Datasheet
826Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 07, 2015-03-03
PXFC212551SC INFINEON-PXFC212551SC_15 Datasheet
895Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 03.1, 2015-04-13
PTAC260302FC INFINEON-PTAC260302FC Datasheet
1Mb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 04, 2016-06-21
PXFC192207NF INFINEON-PXFC192207NF Datasheet
1Mb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2014-11-18
PXFC191507FC INFINEON-PXFC191507FC Datasheet
818Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02, 2014-08-26
PTVA127002EV INFINEON-PTVA127002EV_15 Datasheet
1Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 03.1, 2015-06-18
PTFB093608SV INFINEON-PTFB093608SV_15 Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 05, 2015-01-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com