Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO1I813T Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # ISO1I813T
Description  Isolated 8 Channel Digital Input with IEC61131-2 Type 1/2/3 Characteristics
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ISO1I813T Datasheet(HTML) 5 Page - Infineon Technologies AG

  ISO1I813T_15 Datasheet HTML 1Page - Infineon Technologies AG ISO1I813T_15 Datasheet HTML 2Page - Infineon Technologies AG ISO1I813T_15 Datasheet HTML 3Page - Infineon Technologies AG ISO1I813T_15 Datasheet HTML 4Page - Infineon Technologies AG ISO1I813T_15 Datasheet HTML 5Page - Infineon Technologies AG ISO1I813T_15 Datasheet HTML 6Page - Infineon Technologies AG ISO1I813T_15 Datasheet HTML 7Page - Infineon Technologies AG ISO1I813T_15 Datasheet HTML 8Page - Infineon Technologies AG ISO1I813T_15 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 57 page
background image
Data Sheet
5
V 2.1, 2015-05-22
ISO1I813T
Isolated 8 Channel Digital Input with
IEC61131-2 Type 1/2/3 Characteristics
Product Highlights
Minimization of power dissipation due to constant current
characteristic
Status LED output for each input
Digital averaging of the input signals to suppress interference
pulses
Isolation between Input and Output using Coreless
Transformer Technology
µC
e.g.
XE166
I0H
I0L
GNDBB
I7H
I7L
VBB
VCC
TS
/ERR
GND
S
E
R
I
A
L
I
Z
E
D
E
S
E
R
I
A
L
I
Z
E
L
O
G
I
C
ISO1I813T
parallel
or serial
interface
digital
filter
digital
filter
2k
12k
330n
2k
12k
IN0
IN7
VFI
GNDFI
SYNC
WB
SW1
SW2
DC
ENA
/CS
Rosc
Typical Application for Sensor of Type 1/3
Features
Complete system integration (digital sensor or
switch input, galvanic isolation and intelligent
micro-controller or bus-ASIC interface)
8-channel input according to IEC61131-2
(Type 1/2/3)
Integrated galvanic isolation 500VAC
(EN60664-1, UL1577)
3.3V/5V SPI and parallel micro-controller interface
Adjustable deglitching filters
Up to 500 kHz sampling frequency
Wire-break detection
VBB under-voltage detection
Package: TSSOP-48, 8 mm x 12.5 mm
Typical Application
Programmable Logic Controllers(PLC)
Industrial PC
General Control Equipment
Description
The ISO1I813T is an electrically isolated 8 bit data
input interface in TSSOP-48 package.
This part is used to detect the signal states of eight
independent input lines according to IEC61131-2 Type
1/2/3 (e.g. two-wire proximity switches) with a common
ground (GNDFI).
For operating sensors of type 1/2/3 in accordance with
IEC61131-2, it is necessary for the device to be wired
with resistors RV and REXT (it is recommended to use
resistors with an accuracy of 2%, in any case < 5% - is
mandatory, temperature-coefficients < 200ppm are
allowed).
An 8 bit parallel µC compatible interface allows to
connect the IC directly to a µC system. The input
interface is designed to operate with 3.3/5V CMOS
compatible levels.
The data transfer from input to output side is realized by
the integrated Coreless Transformer Technology.


Similar Part No. - ISO1I813T_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ISO1I813T INFINEON-ISO1I813T Datasheet
2Mb / 55P
   Isolated 8 Channel Digital Input with IEC61131-2 Type 1/2/3 Characteristics
Revision 1.0, 2011-03-30
More results

Similar Description - ISO1I813T_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ISO1I813T INFINEON-ISO1I813T Datasheet
2Mb / 55P
   Isolated 8 Channel Digital Input with IEC61131-2 Type 1/2/3 Characteristics
Revision 1.0, 2011-03-30
ISO1I811T INFINEON-ISO1I811T_12 Datasheet
1Mb / 28P
   Isolated 8 Channel Digital Input with IEC61131-2 Type 1/2/3 Characteristics
Revision 2.0, 2012-06-14
ISO1I811T INFINEON-ISO1I811T Datasheet
1Mb / 31P
   Isolated 8 Channel Digital Input with IEC61131-2 Type 1/2/3 Characteristics
Revision 1.0, 2011-03-18
logo
STMicroelectronics
STEVAL-IFP016V2 STMICROELECTRONICS-STEVAL-IFP016V2 Datasheet
415Kb / 4P
   Additional IEC61131-2 type-1 input
logo
Good Will Instrument Co...
GDM-8135 GWINSTEK-GDM-8135 Datasheet
571Kb / 1P
   4 1/2 & 3 1/2 DIGITAL MULTIMETER
logo
WAGO Kontakttechnik Gmb...
753-429 WAGO-753-429 Datasheet
520Kb / 12P
   2-channel digital input; 60 VDC; 3 ms
753-412 WAGO-753-412 Datasheet
513Kb / 11P
   2-channel digital input; 48 VDC; 3 ms
750-400 WAGO-750-400 Datasheet
466Kb / 12P
   2-channel digital input; 24 VDC; 3 ms
753-400 WAGO-753-400 Datasheet
550Kb / 12P
   2-channel digital input; 24 VDC; 3 ms
logo
Good Will Instrument Co...
GDM-8034 GWINSTEK-GDM-8034 Datasheet
571Kb / 1P
   3 1/2 DIGITAL MULTIMETER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com