Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-1582 Datasheet(PDF) 3 Page - Holt Integrated Circuits

Part # HI-1582
Description  The transmitter section of each bus takes complementary
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-1582 Datasheet(HTML) 3 Page - Holt Integrated Circuits

  HI-1582 Datasheet HTML 1Page - Holt Integrated Circuits HI-1582 Datasheet HTML 2Page - Holt Integrated Circuits HI-1582 Datasheet HTML 3Page - Holt Integrated Circuits HI-1582 Datasheet HTML 4Page - Holt Integrated Circuits HI-1582 Datasheet HTML 5Page - Holt Integrated Circuits HI-1582 Datasheet HTML 6Page - Holt Integrated Circuits HI-1582 Datasheet HTML 7Page - Holt Integrated Circuits HI-1582 Datasheet HTML 8Page - Holt Integrated Circuits HI-1582 Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TX DATA IN
HI-1582
GND
Isolation
Transformer
SHAPING
NETWORK
SHAPING
NETWORK
FILTER
LIMITER
1:2.5
SHORT OR
LONG STUB
COUPLING
MIL-STD-1553
BUS
RX DATA IN
TX DATA OUT
TX DATA OUT
RX DATA IN
TX DATA IN
TX DATA IN
TX INHIBIT
SLEEP
RX DATA OUT
RX DATA OUT
STROBE
+3.3V
VDD
HI-1582
Figure 1. Block Diagram
0.1 F
µ10 F
µ
TX DATA IN
TX DATA OUT - TX DATA OUT
HOLT INTEGRATED CIRCUITS
3
Figure 2. Transmit Waveform - Example Pattern


Similar Part No. - HI-1582

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-1582 HOLTIC-HI-1582_16 Datasheet
78Kb / 11P
   3.3V Single Transceiver
More results

Similar Description - HI-1582

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-1579 HOLTIC-HI-1579_15 Datasheet
83Kb / 10P
   The transmitter section of each bus takes complementary
logo
NXP Semiconductors
SCF5250EC NXP-SCF5250EC Datasheet
1Mb / 56P
   This section provides brief descriptions of the features of the SCF5250 processor
Rev. 1.3, 07/2006
logo
Infineon Technologies A...
NGC1081 INFINEON-NGC1081 Datasheet
373Kb / 32P
   This section provides the pin description of NGC1081.
Rev. 1.0 20223-02-16
logo
PHOENIX CONTACT
CF-1000-10 PHOENIX-CF-1000-10 Datasheet
45Kb / 2P
   Quick change of cross section without the need for additional adjustments
CF-1000-1 PHOENIX-CF-1000-1 Datasheet
58Kb / 3P
   Quick change of cross section without the need for additional adjustments
logo
List of Unclassifed Man...
S2112 ETC2-S2112 Datasheet
125Kb / 3P
   NAVIGATE THE CATALOG BY SECTION
logo
Omron Electronics LLC
A22N-PS185 OMRON-A22N-PS185 Datasheet
796Kb / 19P
   The Following Pages Provide Information Common To Each Model of The A22/M22 Pushbutton Switch
logo
List of Unclassifed Man...
S2134 ETC2-S2134 Datasheet
125Kb / 3P
   NAVIGATE THE CATALOG BY SECTION
logo
Xilinx, Inc
DS483 XILINX-DS483 Datasheet
198Kb / 5P
   Configurable size of the input and output bus
logo
Mallory performance clu...
6421 MALLORY-6421 Datasheet
2Mb / 28P
   The MSD produces full power multiple sparks for each firing of a plug
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com