Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5245-3.3BMM Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC5245-3.3BMM
Description  150mA 關Cap CMOS LDO Regulator Preliminary Information
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5245-3.3BMM Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC5245-3.3BMM Datasheet HTML 4Page - Micrel Semiconductor MIC5245-3.3BMM Datasheet HTML 5Page - Micrel Semiconductor MIC5245-3.3BMM Datasheet HTML 6Page - Micrel Semiconductor MIC5245-3.3BMM Datasheet HTML 7Page - Micrel Semiconductor MIC5245-3.3BMM Datasheet HTML 8Page - Micrel Semiconductor MIC5245-3.3BMM Datasheet HTML 9Page - Micrel Semiconductor MIC5245-3.3BMM Datasheet HTML 10Page - Micrel Semiconductor MIC5245-3.3BMM Datasheet HTML 11Page - Micrel Semiconductor MIC5245-3.3BMM Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MIC5245
Micrel
MIC5245
10
June 2000
Package Information
0.20 (0.008)
0.09 (0.004)
0.60 (0.024)
0.10 (0.004)
3.02 (0.119)
2.80 (0.110)
10
°
0
°
3.00 (0.118)
2.60 (0.102)
1.75 (0.069)
1.50 (0.059)
0.95 (0.037) REF
1.30 (0.051)
0.90 (0.035)
0.15 (0.006)
0.00 (0.000)
DIMENSIONS:
MM (INCH)
0.50 (0.020)
0.35 (0.014)
1.90 (0.075) REF
SOT-23-5 (M)


Similar Part No. - MIC5245-3.3BMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5245-3.3BMM MICREL-MIC5245-3.3BMM Datasheet
129Kb / 12P
   150mA 關Cap CMOS LDO Regulator
More results

Similar Description - MIC5245-3.3BMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5246 MICREL-MIC5246 Datasheet
58Kb / 12P
   150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5250 MICREL-MIC5250 Datasheet
168Kb / 12P
   Dual 150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5231 MICREL-MIC5231 Datasheet
71Kb / 8P
   Micropower 關Cap LDO Regulator Preliminary Information
MIC5245 MICREL-MIC5245_02 Datasheet
129Kb / 12P
   150mA 關Cap CMOS LDO Regulator
MIC5246 MICREL-MIC5246_02 Datasheet
53Kb / 12P
   150mA 關Cap CMOS LDO Regulator
MIC5210 MICREL-MIC5210 Datasheet
60Kb / 8P
   Dual 150mA LDO Regulator Preliminary Information
MIC5211 MICREL-MIC5211 Datasheet
70Kb / 12P
   Dual 關Cap 80mA LDO Regulator Preliminary Information
MIC5247 MICREL-MIC5247 Datasheet
89Kb / 10P
   150mA Low-Voltage 關Cap Linear Regulator Preliminary Information
logo
List of Unclassifed Man...
SE5166 ETC1-SE5166 Datasheet
153Kb / 7P
   150mA CMOS LDO Regulator(Preliminary)
CYT6166 ETC2-CYT6166 Datasheet
1Mb / 7P
   150mA CMOS LDO Regulator (Preliminary)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com