Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPZ40N04S5L-2R8 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IPZ40N04S5L-2R8
Description  N-channel - Enhancement mode - Logic Level
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPZ40N04S5L-2R8 Datasheet(HTML) 3 Page - Infineon Technologies AG

  IPZ40N04S5L-2R8_15 Datasheet HTML 1Page - Infineon Technologies AG IPZ40N04S5L-2R8_15 Datasheet HTML 2Page - Infineon Technologies AG IPZ40N04S5L-2R8_15 Datasheet HTML 3Page - Infineon Technologies AG IPZ40N04S5L-2R8_15 Datasheet HTML 4Page - Infineon Technologies AG IPZ40N04S5L-2R8_15 Datasheet HTML 5Page - Infineon Technologies AG IPZ40N04S5L-2R8_15 Datasheet HTML 6Page - Infineon Technologies AG IPZ40N04S5L-2R8_15 Datasheet HTML 7Page - Infineon Technologies AG IPZ40N04S5L-2R8_15 Datasheet HTML 8Page - Infineon Technologies AG IPZ40N04S5L-2R8_15 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IPZ40N04S5L-2R8
Parameter
Symbol
Conditions
Unit
min.
typ.
max.
Dynamic characteristics
2)
Input capacitance
C iss
-
2080
2800
pF
Output capacitance
C oss
-
470
625
Reverse transfer capacitance
Crss
-
31
47
Turn-on delay time
t d(on)
-
4
-
ns
Rise time
t r
-
3
-
Turn-off delay time
t d(off)
-
20
-
Fall time
t f
-
14
-
Gate Charge Characteristics
2)
Gate to source charge
Q gs
-
5.4
7.2
nC
Gate to drain charge
Q gd
-
7.8
11.7
Gate charge total
Q g
-
39
52
Gate plateau voltage
V plateau
-
2.6
-
V
Reverse Diode
Diode continous forward current
2)
I S
-
-
40
A
Diode pulse current
1)
I S,pulse
-
-
160
Diode forward voltage
V SD
V GS=0V, I F=20A,
T j=25°C
-
0.8
1.1
V
Reverse recovery time
1)
t rr
V R=20V, I F=40A,
di F/dt =100A/µs
-
38
-
ns
Reverse recovery charge
1)
Q rr
-
32
-
nC
3) Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm2 (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical in still air.
1) Current is limited by package; with an R
thJC = 2.1K/W the chip is able to carry 110A at 25°C.
T C=25°C
2) The parameter is not subject to production test- verified by design/characterization.
Values
V GS=0V, V DS=25V,
f =1MHz
V DD=20V, V GS=10V,
I D=40A, R G=3.5W
V DD=32V, I D=40A,
V GS=0 to 10V
Rev. 1.0
page 3
2015-05-06


Similar Part No. - IPZ40N04S5L-2R8_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPZ40N04S5L-3R6 INFINEON-IPZ40N04S5L-3R6 Datasheet
743Kb / 12P
   OptiMOS™-5 Power-Transistor
Rev. 1.3 2022-01-27
IPZ40N04S5L-4R8 INFINEON-IPZ40N04S5L-4R8 Datasheet
333Kb / 9P
   N-channel - Enhancement mode - Logic Level
Rev. 1.0 2015-05-06
IPZ40N04S5L-4R8 INFINEON-IPZ40N04S5L-4R8_15 Datasheet
333Kb / 9P
   N-channel - Enhancement mode - Logic Level
Rev. 1.0 2015-05-06
IPZ40N04S5L-7R4 INFINEON-IPZ40N04S5L-7R4 Datasheet
331Kb / 9P
   N-channel - Enhancement mode - Logic Level
Rev. 1.0 2015-05-06
IPZ40N04S5L-7R4 INFINEON-IPZ40N04S5L-7R4_15 Datasheet
331Kb / 9P
   N-channel - Enhancement mode - Logic Level
Rev. 1.0 2015-05-06
More results

Similar Description - IPZ40N04S5L-2R8_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
19N10 UTC-19N10_15 Datasheet
333Kb / 8P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
logo
Infineon Technologies A...
IPB180N04S4L-01 INFINEON-IPB180N04S4L-01 Datasheet
218Kb / 9P
   N-channel Logic Level - Enhancement mode
Rev. 1.0 2013-06-03
logo
Unisonic Technologies
80N08 UTC-80N08_15 Datasheet
204Kb / 4P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
logo
Infineon Technologies A...
IPB160N04S4L-H1 INFINEON-IPB160N04S4L-H1 Datasheet
206Kb / 9P
   N-channel Logic Level - Enhancement mode
Rev. 1.0 2013-05-27
logo
Unisonic Technologies
UF740 UTC-UF740_15 Datasheet
240Kb / 6P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
UT60N03 UTC-UT60N03_15 Datasheet
247Kb / 6P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
UTT30N10 UTC-UTT30N10_15 Datasheet
246Kb / 6P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
12N65 UTC-12N65_15 Datasheet
393Kb / 8P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
25N40 UTC-25N40_15 Datasheet
177Kb / 6P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
BSS138 UTC-BSS138_15 Datasheet
197Kb / 4P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
8N65K-MT UTC-8N65K-MT Datasheet
192Kb / 6P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com