Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5245-2.8BM5 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC5245-2.8BM5
Description  150mA 關Cap CMOS LDO Regulator Preliminary Information
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5245-2.8BM5 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC5245-2.8BM5 Datasheet HTML 2Page - Micrel Semiconductor MIC5245-2.8BM5 Datasheet HTML 3Page - Micrel Semiconductor MIC5245-2.8BM5 Datasheet HTML 4Page - Micrel Semiconductor MIC5245-2.8BM5 Datasheet HTML 5Page - Micrel Semiconductor MIC5245-2.8BM5 Datasheet HTML 6Page - Micrel Semiconductor MIC5245-2.8BM5 Datasheet HTML 7Page - Micrel Semiconductor MIC5245-2.8BM5 Datasheet HTML 8Page - Micrel Semiconductor MIC5245-2.8BM5 Datasheet HTML 9Page - Micrel Semiconductor MIC5245-2.8BM5 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MIC5245
Micrel
MIC5245
6
June 2000
0
0.5
1.0
1.5
2.0
-40 -20 0 20 40 60 80 100120140
TEMPERATURE (
°C)
Enable Pin Bias Current
V
IN = 4.0V
V
EN = 100mV
0
1
2
3
4
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Enable Threshold Voltage
V
IN = 4.0V
Functional Characteristics
Line Transient Response
V
OUT = 3V
C
OUT = 10µF
C
BYP = 0.01µF
I
OUT = 100µA
4V
6V
TIME (10ms/div.)
Load Transient Response
V
IN = 4V
V
OUT = 3V
C
OUT = 10µF cer.
C
BYP = 0.01µF
TIME (100
µs/div.)
100
µA
150mA
Enable Pin Delay
V
IN = 4V
V
OUT = 3V
C
OUT = 10µF
C
BYP = 0.01µF
I
OUT = no load
TIME (20
µs/div.)
Shutdown Delay
V
OUT = 3V
C
OUT = 10µF
C
BYP = 0.01µF
I
OUT = no load
TIME (1ms/div.)


Similar Part No. - MIC5245-2.8BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5245-2.8BM5 MICREL-MIC5245-2.8BM5 Datasheet
129Kb / 12P
   150mA 關Cap CMOS LDO Regulator
More results

Similar Description - MIC5245-2.8BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5246 MICREL-MIC5246 Datasheet
58Kb / 12P
   150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5250 MICREL-MIC5250 Datasheet
168Kb / 12P
   Dual 150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5231 MICREL-MIC5231 Datasheet
71Kb / 8P
   Micropower 關Cap LDO Regulator Preliminary Information
MIC5245 MICREL-MIC5245_02 Datasheet
129Kb / 12P
   150mA 關Cap CMOS LDO Regulator
MIC5246 MICREL-MIC5246_02 Datasheet
53Kb / 12P
   150mA 關Cap CMOS LDO Regulator
MIC5210 MICREL-MIC5210 Datasheet
60Kb / 8P
   Dual 150mA LDO Regulator Preliminary Information
MIC5211 MICREL-MIC5211 Datasheet
70Kb / 12P
   Dual 關Cap 80mA LDO Regulator Preliminary Information
MIC5247 MICREL-MIC5247 Datasheet
89Kb / 10P
   150mA Low-Voltage 關Cap Linear Regulator Preliminary Information
logo
List of Unclassifed Man...
SE5166 ETC1-SE5166 Datasheet
153Kb / 7P
   150mA CMOS LDO Regulator(Preliminary)
CYT6166 ETC2-CYT6166 Datasheet
1Mb / 7P
   150mA CMOS LDO Regulator (Preliminary)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com