Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL22323WFV14Z Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL22323WFV14Z
Description  Low Noise, Low Power, I2C® Bus, 256 Taps
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22323WFV14Z Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL22323WFV14Z Datasheet HTML 4Page - Intersil Corporation ISL22323WFV14Z Datasheet HTML 5Page - Intersil Corporation ISL22323WFV14Z Datasheet HTML 6Page - Intersil Corporation ISL22323WFV14Z Datasheet HTML 7Page - Intersil Corporation ISL22323WFV14Z Datasheet HTML 8Page - Intersil Corporation ISL22323WFV14Z Datasheet HTML 9Page - Intersil Corporation ISL22323WFV14Z Datasheet HTML 10Page - Intersil Corporation ISL22323WFV14Z Datasheet HTML 11Page - Intersil Corporation ISL22323WFV14Z Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
FN6422.2
August 17, 2015
Cb
(Note 19)
Capacitive Loading of SDA or SCL
Total on-chip and off-chip
10
400
pF
Rpu
(Note 19)
SDA and SCL Bus Pull-up Resistor
Off-chip
Maximum is determined by tR and tF
For Cb = 400pF, max is about 2k
~ 2.5k
For Cb = 40pF, max is about 15k
~ 20k
1k
tSU:A
A0, A1, and A2 Setup Time
Before START condition
600
ns
tHD:A
A0, A1, and A2 Hold Time
After STOP condition
600
ns
NOTES:
5. Typical values are for TA = +25°C and 3.3V supply voltage.
6. LSB: [V(RW)255 – V(RW)0]/255. V(RW)255 and V(RW)0 are V(RW) for the DCP register set to FF hex and 00 hex respectively. LSB is the
incremental voltage when changing from one tap to an adjacent tap.
7. ZS error = V(RW)0/LSB.
8. FS error = [V(RW)255 – VCC]/LSB.
9. DNL = [V(RW)i – V(RW)i-1]/LSB-1, for i = 1 to 255. i is the DCP register setting.
10. INL = [V(RW)i – i • LSB – V(RW)0]/LSB for i = 1 to 255
11. VMATCH= [V(RWx)i -V(RWy)i]/LSB, for i = 0 to 255, x = 0 to 1, y = 0 to 1.
12.
for i = 16 to 240 decimal, T = -40°C to +125°C. Max( ) is the maximum value of the wiper
voltage and Min ( ) is the minimum value of the wiper voltage over the temperature range.
13. MI =
|RW255 – RW0|/255. MI is a minimum increment. RW255 and RW0 are the measured resistances for the DCP register set to FF hex and 00
hex respectively.
14. ROFFSET = RW0/MI, when measuring between RW and RL.
ROFFSET = RW255/MI, when measuring between RW and RH.
15. RDNL = (RWi – RWi-1)/MI -1, for i = 16 to 255.
16. RINL = [RWi – (MI • i) – RW0]/MI, for i = 16 to 255.
17. RMATCH= [(Rx)i -(Ry)i]/MI, for i = 0 to 255, x = 0 to 1, y = 0 to 1.
18.
for i = 16 to 240, T = -40°C to +125°C. Max( ) is the maximum value of the resistance and Min ( ) is
the minimum value of the resistance over the temperature range.
19. This parameter is not 100% tested.
20. tWC is the time from a valid STOP condition at the end of a Write sequence of I2C serial interface, to the end of the self-timed internal non-volatile
write cycle.
21. Parts are 100% tested at +25°C. Temperature limits established by characterization and are not production tested.
Operating Specifications Over the recommended operating conditions unless otherwise specified. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 21)
TYP
(Note 5)
MAX
(Note 21)
UNIT
TCV
Max V RW

i
 Min V RW

i

Max V RW

i
 Min V RW

i

+
 2
----------------------------------------------------------------------------------------------
106
165°C
-----------------
=
+
TCR
Max Ri
 Min Ri


Max Ri
 Min Ri

+
 2
----------------------------------------------------------------
10
6
165°C
-----------------
=
+
ISL22323


Similar Part No. - ISL22323WFV14Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22323WFV14Z INTERSIL-ISL22323WFV14Z Datasheet
703Kb / 18P
   Dual Digitally Controlled Potentiometer XDCP
logo
Renesas Technology Corp
ISL22323WFV14Z RENESAS-ISL22323WFV14Z Datasheet
1Mb / 19P
   Dual Digitally Controlled Potentiometer (XDCP) Low Noise, Low Power, I2C Bus, 256 Taps
Aug 17, 2015
More results

Similar Description - ISL22323WFV14Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL90842UIV1427Z INTERSIL-ISL90842UIV1427Z Datasheet
676Kb / 10P
   Low Noise, Low Power I2C® Bus, 256 Taps
January 16, 2006
X95820WV14I-2.7 INTERSIL-X95820WV14I-2.7 Datasheet
1Mb / 12P
   Low Noise/Low Power/I2C® Bus/256 Taps
July 18, 2006
ISL90840 INTERSIL-ISL90840 Datasheet
1Mb / 12P
   Low Noise, Low Power I2C Bus, 256 Taps
ISL90810 INTERSIL-ISL90810 Datasheet
1Mb / 11P
   Low Noise/Low Power/I2C Bus/256 Taps
ISL95810 INTERSIL-ISL95810_06 Datasheet
1Mb / 13P
   Low Noise, Low Power I2C Bus, 256 Taps
ISL22343TFV20Z INTERSIL-ISL22343TFV20Z Datasheet
738Kb / 19P
   Low Noise, Low Power, I2C Bus, 256 Taps
August 17, 2015
ISL90842 INTERSIL-ISL90842 Datasheet
1Mb / 12P
   Low Noise, Low Power, I2C Bus, 256 Taps
ISL90841 INTERSIL-ISL90841 Datasheet
1Mb / 12P
   Low Noise, Low Power I2C Bus, 256 Taps
ISL22424TFV14Z INTERSIL-ISL22424TFV14Z Datasheet
760Kb / 20P
   Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
ISL22414TFU10Z INTERSIL-ISL22414TFU10Z Datasheet
697Kb / 17P
   Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com