Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5247 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC5247
Description  150mA Low-Voltage 關Cap Linear Regulator Preliminary Information
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5247 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC5247 Datasheet HTML 2Page - Micrel Semiconductor MIC5247 Datasheet HTML 3Page - Micrel Semiconductor MIC5247 Datasheet HTML 4Page - Micrel Semiconductor MIC5247 Datasheet HTML 5Page - Micrel Semiconductor MIC5247 Datasheet HTML 6Page - Micrel Semiconductor MIC5247 Datasheet HTML 7Page - Micrel Semiconductor MIC5247 Datasheet HTML 8Page - Micrel Semiconductor MIC5247 Datasheet HTML 9Page - Micrel Semiconductor MIC5247 Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
MIC5247
Micrel
MIC5247
10
November 6, 2000
Package Information
0.20 (0.008)
0.09 (0.004)
0.60 (0.024)
0.10 (0.004)
3.02 (0.119)
2.80 (0.110)
10
°
0
°
3.00 (0.118)
2.60 (0.102)
1.75 (0.069)
1.50 (0.059)
0.95 (0.037) REF
1.30 (0.051)
0.90 (0.035)
0.15 (0.006)
0.00 (0.000)
DIMENSIONS:
MM (INCH)
0.50 (0.020)
0.35 (0.014)
1.90 (0.075) REF
SOT-23-5 (M)
MICREL INC.
1849 FORTUNE DRIVE
SAN JOSE, CA 95131
USA
TEL
+ 1 (408) 944-0800 FAX + 1 (408) 944-0970 WEB http://www.micrel.com
This information is believed to be accurate and reliable, however no responsibility is assumed by Micrel for its use nor for any infringement of patents or
other rights of third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent right of Micrel Inc.
© 2000 Micrel Incorporated


Similar Part No. - MIC5247

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5247-1.5BM5 MICREL-MIC5247-1.5BM5 Datasheet
323Kb / 11P
   150mA Low-Voltage 關Cap Linear Regulator
MIC5247-1.5BML MICREL-MIC5247-1.5BML Datasheet
323Kb / 11P
   150mA Low-Voltage 關Cap Linear Regulator
MIC5247-1.5YM5 MICREL-MIC5247-1.5YM5 Datasheet
323Kb / 11P
   150mA Low-Voltage 關Cap Linear Regulator
MIC5247-1.5YML MICREL-MIC5247-1.5YML Datasheet
323Kb / 11P
   150mA Low-Voltage 關Cap Linear Regulator
MIC5247-1.6BM5 MICREL-MIC5247-1.6BM5 Datasheet
323Kb / 11P
   150mA Low-Voltage 關Cap Linear Regulator
More results

Similar Description - MIC5247

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5245 MICREL-MIC5245 Datasheet
630Kb / 12P
   150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5246 MICREL-MIC5246 Datasheet
58Kb / 12P
   150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5247 MICREL-MIC5247_06 Datasheet
323Kb / 11P
   150mA Low-Voltage 關Cap Linear Regulator
MIC5250 MICREL-MIC5250 Datasheet
168Kb / 12P
   Dual 150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5231 MICREL-MIC5231 Datasheet
71Kb / 8P
   Micropower 關Cap LDO Regulator Preliminary Information
MIC5236 MICREL-MIC5236 Datasheet
94Kb / 12P
   Low Quiescent Current 關Cap LDO Regulator Preliminary Information
MIC5211 MICREL-MIC5211 Datasheet
70Kb / 12P
   Dual 關Cap 80mA LDO Regulator Preliminary Information
MIC5210 MICREL-MIC5210 Datasheet
60Kb / 8P
   Dual 150mA LDO Regulator Preliminary Information
MIC5265 MICREL-MIC5265_07 Datasheet
320Kb / 11P
   150mA 關Cap LDO Regulator
MIC2940A MICREL-MIC2940A Datasheet
121Kb / 8P
   1.25A Low-Dropout Voltage Regulator Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com