Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL22326UFV14Z Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL22326UFV14Z
Description  Low Noise, Low Power, I2C™ Bus, 128 Taps
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22326UFV14Z Datasheet(HTML) 4 Page - Intersil Corporation

  ISL22326UFV14Z Datasheet HTML 1Page - Intersil Corporation ISL22326UFV14Z Datasheet HTML 2Page - Intersil Corporation ISL22326UFV14Z Datasheet HTML 3Page - Intersil Corporation ISL22326UFV14Z Datasheet HTML 4Page - Intersil Corporation ISL22326UFV14Z Datasheet HTML 5Page - Intersil Corporation ISL22326UFV14Z Datasheet HTML 6Page - Intersil Corporation ISL22326UFV14Z Datasheet HTML 7Page - Intersil Corporation ISL22326UFV14Z Datasheet HTML 8Page - Intersil Corporation ISL22326UFV14Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
FN6176.3
September 9, 2015
Absolute Maximum Ratings
Thermal Information
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Voltage at any Digital Interface Pin
with Respect to GND . . . . . . . . . . . . . . . . . . . . -0.3V to VCC + 0.3
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.3V to +6V
Voltage at any DCP Pin with Respect to GND. . . . . . . -0.3V to VCC
IW (10s) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±6mA
Latchup (Note 3) . . . . . . . . . . . . . . . . . . Class II, Level B @ +125°C
ESD Ratings
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.5kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .350V
Thermal Resistance (Typical, Notes 1, 2)
JA (°C/W) JC(°C/W)
14 Lead TSSOP . . . . . . . . . . . . . . . . . .
100
N/A
16 Lead QFN . . . . . . . . . . . . . . . . . . . .
40
3.0
Maximum Junction Temperature (Plastic Package). . . . . . . . +150°C
Pb-free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Temperature Range (Extended Industrial). . . . . . . .-40°C to +125°C
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
Power Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .15mW
Wiper Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .±3.0mA
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
1.
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
2. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
3. Jedec Class II pulse conditions and failure criterion used. Level B exceptions are: using a max positive pulse of 6.5V on the SHDN pin, and using
a max negative pulse of -0.8V for all pins.
Analog Specifications
Over recommended operating conditions, unless otherwise stated.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 20)
TYP
(Note 4)
MAX
(Note 20)
UNIT
RTOTAL
RH to RL Resistance
W option
10
k
U option
50
k
RH to RL Resistance Tolerance
W and U option
-20
+20
%
End-to-End Temperature Coefficient
W option
±50
ppm/°C
(Note 17)
U option
±80
ppm/°C
(Note 17)
RW
Wiper Resistance
VCC = 3.3V, wiper current = VCC/RTOTAL
70
200
VRH, VRL
VRH and VRL Terminal Voltages
VRH and VRL to GND
0
VCC
V
CH/CL/CW
(Note 19)
Potentiometer Capacitance
10/10/25
pF
ILkgDCP
Leakage on DCP Pins
Voltage at pin from GND to VCC
0.1
1
µA
VOLTAGE DIVIDER MODE (0V @ RLi; VCC @ RHi; measured at RWi, unloaded; i = 0 or 1)
INL
(Note 9)
Integral Non-linearity
Monotonic over all tap positions, W and U
option
-1
1
LSB
(Note 5)
DNL
(Note 8)
Differential Non-linearity
Monotonic over all tap positions, W and U
option
-0.5
0.5
LSB
(Note 5)
ZSerror
(Note 6)
Zero-scale Error
W option
0
1
5
LSB
(Note 5)
U option
0
0.5
2
FSerror
(Note 7)
Full-scale Error
W option
-5
-1
0
LSB
(Note 5)
U option
-2
-1
0
VMATCH
(Note 10)
DCP to DCP Matching
Any two DCPs at same tap position, same
voltage at all RH terminals, and same voltage
at all RL terminals
-2
2
LSB
(Note 5)
TCV
(Note 11)
Ratiometric Temperature Coefficient
DCP register set to 40 hex
±4
ppm/°C
ISL22326


Similar Part No. - ISL22326UFV14Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22326UFV14Z INTERSIL-ISL22326UFV14Z Datasheet
487Kb / 13P
   Dual Digitally Controlled Potentiometers
logo
Renesas Technology Corp
ISL22326UFV14Z RENESAS-ISL22326UFV14Z Datasheet
972Kb / 17P
   Dual Digitally Controlled Potentiometers (XDCP?? Low Noise, Low Power, I2C??Bus, 128 Taps
More results

Similar Description - ISL22326UFV14Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22316UFU10Z INTERSIL-ISL22316UFU10Z Datasheet
605Kb / 16P
   Low Noise, Low Power I2C??Bus,128 Taps
August 14, 2015
ISL22317TFRTZ INTERSIL-ISL22317TFRTZ Datasheet
600Kb / 15P
   Low Noise, Low Power, I2C??Bus, 128 Taps
April 15, 2010
ISL22326WMVEP INTERSIL-ISL22326WMVEP Datasheet
103Kb / 3P
   Low Noise, Low Power, I2C® Bus, 128 Taps
November 11, 2011
ISL22346WMVEP INTERSIL-ISL22346WMVEP Datasheet
101Kb / 3P
   Low Noise, Low Power I2C® Bus, 128 Taps
November 11, 2011
ISL22346UFV20Z INTERSIL-ISL22346UFV20Z Datasheet
583Kb / 16P
   2Low Noise, Low Power I2C??Bus,128 Taps
September 3, 2009
logo
Renesas Technology Corp
ISL22316WM RENESAS-ISL22316WM Datasheet
206Kb / 3P
   Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power I2C Bus, 128 Taps
November 11, 2011
ISL22326WM RENESAS-ISL22326WM Datasheet
205Kb / 3P
   Dual Digitally Controlled Potentiometers (XDCP™) Low Noise, Low Power, I2C Bus, 128 Taps
November 11, 2011
ISL22346WM RENESAS-ISL22346WM Datasheet
206Kb / 3P
   Quad Digitally Controlled Potentiometers (XDCP™) Low Noise, Low Power I2C Bus, 128 Taps
November 11, 2011
logo
Intersil Corporation
ISL22346WMVEP INTERSIL-ISL22346WMVEP Datasheet
99Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22426 INTERSIL-ISL22426 Datasheet
627Kb / 15P
   Low Noise, Low Power, SPI Bus, 128 Taps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com