Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL22317TFRTZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL22317TFRTZ
Description  Low Noise, Low Power, I2C??Bus, 128 Taps
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22317TFRTZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL22317TFRTZ Datasheet HTML 2Page - Intersil Corporation ISL22317TFRTZ Datasheet HTML 3Page - Intersil Corporation ISL22317TFRTZ Datasheet HTML 4Page - Intersil Corporation ISL22317TFRTZ Datasheet HTML 5Page - Intersil Corporation ISL22317TFRTZ Datasheet HTML 6Page - Intersil Corporation ISL22317TFRTZ Datasheet HTML 7Page - Intersil Corporation ISL22317TFRTZ Datasheet HTML 8Page - Intersil Corporation ISL22317TFRTZ Datasheet HTML 9Page - Intersil Corporation ISL22317TFRTZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
FN6912.1
April 15, 2010
SDA vs SCL Timing
tR
(Note 19)
SDA and SCL Rise Time
From 30% to 70% of VCC
20 +
0.1*Cb
250
ns
tF
(Note 19)
SDA and SCL Fall Time
From 70% to 30% of VCC
20 +
0.1*Cb
250
ns
Cb
(Note 19)
Capacitive Loading of SDA or SCL
Total on-chip and off-chip
10
400
pF
Rpu
(Note 19)
SDA and SCL Bus Pull-up Resistor
Off-chip
Maximum is determined by tR and tF
For Cb = 400pF, max is about 2k
Ω ~ 2.5kΩ
For Cb = 40pF, max is about 15k
Ω ~ 20kΩ
1k
Ω
tSU:A
A1 Setup Time
Before START condition
600
ns
tHD:A
A1 Hold Time
After STOP condition
600
ns
NOTES:
7. Typical values are for TA = +25°C and 3.3V supply voltage.
8. LSB: [V(RW)127 – V(RW)0]/127. V(RW)127 and V(RW)0 are V(RW) for the DCP register set to 7F hex and 00 hex respectively. LSB is the
incremental voltage when changing from one tap to an adjacent tap.
9. ZSERROR = V(RW)0/LSB.
10. FSerror = [V(RW)127 – VCC]/LSB.
11. DNL = [V(RW)i – V(RW)i-1]/LSB-1, for i = 1 to 127, where i is the DCP register setting.
12. INL = [V(RW)i – i • LSB – V(RW)0]/LSB for i = 1 to 127
13.
for i = 15 to 127 decimal, T = -40°C to +125°C. Max( ) is the maximum value of the wiper
voltage and Min ( ) is the minimum value of the wiper voltage over the temperature range.
14. MI =
|RW127 – RW0|/127. MI is a minimum increment. RW127 and RW0 are the measured resistances for the DCP register set to 7F hex and
00 hex respectively.
15. ROFFSET = RW0/MI, when measuring between RW and RL.
16. RDNL = (RWi – RWi-1)/MI -1, for i = 1 to 127.
17. RINL = [RWi – (MI • i) – RW0]/MI, for i = 1 to 127.
18.
for i = 15 to 127, T = -40°C to +125°C. Max( ) is the maximum value of the resistance and Min ( ) is
the minimum value of the resistance over the temperature range.
19. Limits should be considered typical and are not production tested.
20. In rheostat mode, if a current is injected into the RW terminal, the magnitude of the current should be such that the developed potential difference
between RW and RL terminals is at least 300mV, even at the minimum wiper setting. This ensures that the recommended operating condition
of V(RW)
≥ V(RL) + 0.3V is satisfied and the part operates in its most accurate resistance. Minimum and Maximum wiper setting can be
calculated as follow, MIN code = (0.3V*127)/(Iw*Rtotal), Max code = [(VCC - 0.3V)*127]/(IW*RTOTAL).
21. tWC is the time from a valid STOP condition at the end of a Write sequence of I2C serial interface, to the end of the self-timed internal non-volatile
write cycle.
22. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by
characterization and are not production tested.
Operating Specifications Over the recommended operating conditions unless otherwise specified. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 22)
TYP
(Note 7)
MAX
(Note 22)
UNIT
TCV
Max V RW
()
i
() Min V RW
()
i
()
Max V RW
()
i
() Min V RW
()
i
()
+
[] 2
----------------------------------------------------------------------------------------------
106
165°C
-----------------
×
=
+
TCR
Max Ri
() Min Ri
()
[]
Max Ri
() Min Ri
()
+
[] 2
----------------------------------------------------------------
10
6
165°C
-----------------
×
=
+
tSU:STO
tDH
tHIGH
tSU:STA
tHD:STA
tHD:DAT
tSU:DAT
SCL
SDA
(INPUT TIMING)
SDA
(OUTPUT TIMING)
tF
tLOW
tBUF
tAA
tR
tsp
ISL22317


Similar Part No. - ISL22317TFRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22317TFRTZ INTERSIL-ISL22317TFRTZ Datasheet
487Kb / 15P
   Precision Single Digitally Controlled Potentiometer (XDCP??
ISL22317TFRTZ INTERSIL-ISL22317TFRTZ Datasheet
603Kb / 15P
   Precision Single Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL22317TFRTZ RENESAS-ISL22317TFRTZ Datasheet
848Kb / 15P
   Precision Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power, I2C??Bus, 128 Taps
More results

Similar Description - ISL22317TFRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22316UFU10Z INTERSIL-ISL22316UFU10Z Datasheet
605Kb / 16P
   Low Noise, Low Power I2C??Bus,128 Taps
August 14, 2015
ISL22326UFV14Z INTERSIL-ISL22326UFV14Z Datasheet
612Kb / 17P
   Low Noise, Low Power, I2C™ Bus, 128 Taps
September 9, 2015
ISL22326WMVEP INTERSIL-ISL22326WMVEP Datasheet
103Kb / 3P
   Low Noise, Low Power, I2C® Bus, 128 Taps
November 11, 2011
ISL22346WMVEP INTERSIL-ISL22346WMVEP Datasheet
101Kb / 3P
   Low Noise, Low Power I2C® Bus, 128 Taps
November 11, 2011
ISL22346UFV20Z INTERSIL-ISL22346UFV20Z Datasheet
583Kb / 16P
   2Low Noise, Low Power I2C??Bus,128 Taps
September 3, 2009
ISL22346WMVEP INTERSIL-ISL22346WMVEP Datasheet
99Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22426 INTERSIL-ISL22426 Datasheet
627Kb / 15P
   Low Noise, Low Power, SPI Bus, 128 Taps
ISL22316WMUEP INTERSIL-ISL22316WMUEP Datasheet
102Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22326WMVEP INTERSIL-ISL22326WMVEP Datasheet
101Kb / 3P
   Low Noise, Low Power, I2C짰 Bus, 128 Taps
ISL22316WMUEP INTERSIL-ISL22316WMUEP Datasheet
103Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
November 11, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com