Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL22317TFRTZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL22317TFRTZ
Description  Low Noise, Low Power, I2C??Bus, 128 Taps
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22317TFRTZ Datasheet(HTML) 4 Page - Intersil Corporation

  ISL22317TFRTZ Datasheet HTML 1Page - Intersil Corporation ISL22317TFRTZ Datasheet HTML 2Page - Intersil Corporation ISL22317TFRTZ Datasheet HTML 3Page - Intersil Corporation ISL22317TFRTZ Datasheet HTML 4Page - Intersil Corporation ISL22317TFRTZ Datasheet HTML 5Page - Intersil Corporation ISL22317TFRTZ Datasheet HTML 6Page - Intersil Corporation ISL22317TFRTZ Datasheet HTML 7Page - Intersil Corporation ISL22317TFRTZ Datasheet HTML 8Page - Intersil Corporation ISL22317TFRTZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
FN6912.1
April 15, 2010
ZSerror
(Note 9)
Zero-scale Error
W, U or T option
VRL < VRW < VRL + 0.3V
0.5
2
LSB
(Note 8)
FSerror
(Note 10)
Full-scale Error
W, U or T option
VCC - 0.3V < VRW < VCC
-2
-0.5
LSB
(Note 8)
TCV
(Notes 13, 19)
Ratiometric Temperature Coefficient
Match to external Rref, DCP register set
between 15 hex and 7F hex
TCref
±10
ppm/°C
fcutoff
(Note 19)
-3dB Cut Off Frequency
Wiper at midpoint (40hex) W option (10k)
1
kHz
Wiper at midpoint (40hex) U option (50k)
1
kHz
Wiper at midpoint (40hex) T option (100k)
1
kHz
RESISTOR MODE (Measurements between RW and RL with RH not connected)
RINL
(Note 17)
Integral Non-linearity
W, U or T option
Current forced to the wiper
IW = (VCC - VRL)/RTOTAL (Note 20)
-3
±1
3
MI
(Note 14)
RDNL
(Note 16)
Differential Non-linearity
W, U or T option
Current forced to the wiper
IW = (VCC - VRL)/RTOTAL (Note 20)
-3
±1
3
MI
(Note 14)
Roffset
(Note 15)
Offset
W, U or T option, wiper is out of
recommended operation conditions
012
MI
(Note 14)
TCR
(Notes 18, 19)
Resistance Temperature Coefficient
Match to external Rref, DCP register set
between 15 hex and 7F hex, all options
TCref
±10
ppm/°C
Analog Specifications
Over recommended operating conditions unless otherwise stated. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 22)
TYP
(Note 7)
MAX
(Note 22)
UNIT
Operating Specifications Over the recommended operating conditions unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 22)
TYP
(Note 7)
MAX
(Note 22)
UNIT
ICC1
VCC Supply Current (volatile
write/read)
VCC = +5.5V, fSCL = 400kHz; SDA = Open;
(for I2C, active, read and write states)
0.6
1.2
mA
VCC = +2.7V, fSCL = 400kHz; SDA = Open;
(for I2C, active, read and write states), 10k
0.35
0.9
mA
ICC2
VCC Supply Current (non-volatile
write/read)
VCC = +5.5V, fSCL = 400kHz; SDA = Open;
(for I2C, active, read and write states)
1.75
2.5
mA
VCC = +2.7V, fSCL = 400kHz; SDA = Open;
(for I2C, active, read and write states)
1.0
1.8
mA
ISB
VCC Current (Standby)
VCC = +5.5V @ +125°C, I2C interface in
standby state
0.5
1.0
mA
VCC = +2.7V @ +125°C, I2C interface in
standby state, 10k
0.3
0.75
mA
ISD
VCC Current (Shutdown)
VCC = +5.5V @ +125°C, I2C interface in
standby state
0.5
1.5
µA
ILkgDig
Leakage Current, at Pins REF_A,
REF_B, A1, SDA, and SCL
Voltage at pin from GND to VCC
-0.25
0.25
µA
tDCP
(Note 19)
DCP Wiper Response Time
SCL falling edge of last bit of DCP data byte
to wiper new position
150
µs
tShdnRec
(Note 19)
DCP Recall Time from Shutdown
Mode
SCL falling edge of last bit of ACR data byte
to wiper stored position and RH connection
150
µs
Vpor
Power-on Recall Voltage
Minimum VCC at which memory recall occurs
2.6
V
VCC Ramp VCC Ramp Rate
0.2
50
V/ms
ISL22317


Similar Part No. - ISL22317TFRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22317TFRTZ INTERSIL-ISL22317TFRTZ Datasheet
487Kb / 15P
   Precision Single Digitally Controlled Potentiometer (XDCP??
ISL22317TFRTZ INTERSIL-ISL22317TFRTZ Datasheet
603Kb / 15P
   Precision Single Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL22317TFRTZ RENESAS-ISL22317TFRTZ Datasheet
848Kb / 15P
   Precision Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power, I2C??Bus, 128 Taps
More results

Similar Description - ISL22317TFRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22316UFU10Z INTERSIL-ISL22316UFU10Z Datasheet
605Kb / 16P
   Low Noise, Low Power I2C??Bus,128 Taps
August 14, 2015
ISL22326UFV14Z INTERSIL-ISL22326UFV14Z Datasheet
612Kb / 17P
   Low Noise, Low Power, I2C™ Bus, 128 Taps
September 9, 2015
ISL22326WMVEP INTERSIL-ISL22326WMVEP Datasheet
103Kb / 3P
   Low Noise, Low Power, I2C® Bus, 128 Taps
November 11, 2011
ISL22346WMVEP INTERSIL-ISL22346WMVEP Datasheet
101Kb / 3P
   Low Noise, Low Power I2C® Bus, 128 Taps
November 11, 2011
ISL22346UFV20Z INTERSIL-ISL22346UFV20Z Datasheet
583Kb / 16P
   2Low Noise, Low Power I2C??Bus,128 Taps
September 3, 2009
ISL22346WMVEP INTERSIL-ISL22346WMVEP Datasheet
99Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22426 INTERSIL-ISL22426 Datasheet
627Kb / 15P
   Low Noise, Low Power, SPI Bus, 128 Taps
ISL22316WMUEP INTERSIL-ISL22316WMUEP Datasheet
102Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22326WMVEP INTERSIL-ISL22326WMVEP Datasheet
101Kb / 3P
   Low Noise, Low Power, I2C짰 Bus, 128 Taps
ISL22316WMUEP INTERSIL-ISL22316WMUEP Datasheet
103Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
November 11, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com