Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL22102IV20Z Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL22102IV20Z
Description  32 Tap, Push-button, Dual Audio Logarithmic Potentiometer with Buffer Amplifiers and Audio Detection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22102IV20Z Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL22102IV20Z Datasheet HTML 2Page - Intersil Corporation ISL22102IV20Z Datasheet HTML 3Page - Intersil Corporation ISL22102IV20Z Datasheet HTML 4Page - Intersil Corporation ISL22102IV20Z Datasheet HTML 5Page - Intersil Corporation ISL22102IV20Z Datasheet HTML 6Page - Intersil Corporation ISL22102IV20Z Datasheet HTML 7Page - Intersil Corporation ISL22102IV20Z Datasheet HTML 8Page - Intersil Corporation ISL22102IV20Z Datasheet HTML 9Page - Intersil Corporation ISL22102IV20Z Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
FN6788.2
September 21, 2015
Timing Diagrams
tFLAG_LOW
FLAG Delay Time Interval Step Size, from D2:D0 = 001b to 111b.
FLAG is Asserted LOW when Audio Input is Below Threshold. (See Table 1, page 7)
30
s
tZAWS
(Note 7)
Zero Amplitude Detection Time for Wiper Switching
32
ms
tLOW
Active LOW PU, DN or MUTE Pulse
20
ms
tGAP
Time Between Two Separate Push-Button Events
80
ms
NOTES:
4. Typical values are for AVCC = VCC = 2.7V to 5.0V, TA = +25°C.
5. TA = +25°C, AVCC = 5.0V; 2Hz to 20kHz Measurement Bandwidth, input signal 1VRMS, 1kHz Sine Wave.
6. When pin is open, voltage is pulled up through current source to VCC.
7. Limits should be considered typical and are not production tested.
8. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
AC Timing Over recommended operating conditions (Continued)
SYMBOL
PARAMETER
MIN
(Note 8)
TYP
(Note 4)
MAX
(Note 8)
UNITS
FIGURE 1. DIGITAL INPUT TIMING
tGAP
tWRPO
MI
VW
UP
tLOW
(DN, MUTE)
(Note 9)
(Note 9)
FIGURE 2. AUTO INCREMENT TIMING
tDB + tZAWS
UP
MI
1s
VW
4 s
AUTO INCREMENT 4Hz RATE
AUTO INCREMENT 8Hz RATE
NOTE:
9. MI in these timing diagrams refers to the minimum incremental change of the output (wiper) voltage.
ISL22102


Similar Part No. - ISL22102IV20Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22102IV20Z INTERSIL-ISL22102IV20Z Datasheet
197Kb / 11P
   32 Tap, Push-button, Dual Audio Logarithmic Potentiometer with Buffer Amplifiers and Audio Detection
logo
Renesas Technology Corp
ISL22102IV20Z RENESAS-ISL22102IV20Z Datasheet
550Kb / 12P
   32 Tap, Push-Button, Dual Audio Logarithmic Potentiometer with Buffer Amplifiers and Audio Detection
More results

Similar Description - ISL22102IV20Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22102 INTERSIL-ISL22102 Datasheet
197Kb / 11P
   32 Tap, Push-button, Dual Audio Logarithmic Potentiometer with Buffer Amplifiers and Audio Detection
logo
Renesas Technology Corp
ISL22102 RENESAS-ISL22102 Datasheet
550Kb / 12P
   32 Tap, Push-Button, Dual Audio Logarithmic Potentiometer with Buffer Amplifiers and Audio Detection
logo
Maxim Integrated Produc...
MAX5407 MAXIM-MAX5407 Datasheet
153Kb / 7P
   32-Tap Audio Logarithmic Taper Digital Potentiometer
Rev 0; 10/01
logo
Dallas Semiconductor
DS1801 DALLAS-DS1801 Datasheet
229Kb / 10P
   Dual Audio Taper Potentiometer
logo
Maxim Integrated Produc...
DS1801 MAXIM-DS1801 Datasheet
234Kb / 10P
   Dual Audio Taper Potentiometer
030300
logo
NXP Semiconductors
NCX8193 PHILIPS-NCX8193_15 Datasheet
281Kb / 21P
   Audio jack detection and configuration with false detection prevention
Rev. 2-21 November 2014
logo
Copal Electronics
DP7115 COPAL-DP7115 Datasheet
178Kb / 12P
   32-Tap Digital Potentiometer
DP7114 COPAL-DP7114 Datasheet
189Kb / 14P
   32-Tap Digital Potentiometer
DP7112 COPAL-DP7112 Datasheet
145Kb / 10P
   32-Tap Digital Potentiometer
logo
Intersil Corporation
ISL22511 INTERSIL-ISL22511 Datasheet
423Kb / 13P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer Single Push Button Controlled Potentiometer XDCP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com