Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5236-5.0BM Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5236-5.0BM
Description  Low Quiescent Current 關Cap LDO Regulator Preliminary Information
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5236-5.0BM Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5236-5.0BM Datasheet HTML 1Page - Micrel Semiconductor MIC5236-5.0BM Datasheet HTML 2Page - Micrel Semiconductor MIC5236-5.0BM Datasheet HTML 3Page - Micrel Semiconductor MIC5236-5.0BM Datasheet HTML 4Page - Micrel Semiconductor MIC5236-5.0BM Datasheet HTML 5Page - Micrel Semiconductor MIC5236-5.0BM Datasheet HTML 6Page - Micrel Semiconductor MIC5236-5.0BM Datasheet HTML 7Page - Micrel Semiconductor MIC5236-5.0BM Datasheet HTML 8Page - Micrel Semiconductor MIC5236-5.0BM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
November 2000
3
MIC5236
MIC5236
Micrel
Absolute Maximum Ratings (Note 1)
Supply Voltage (V
IN), Note 3 ........................ –20V to +60V
Power Dissipation (P
D), Note 4 ............... Internally Limited
Junction Temperature (T
J) ...................................... +150°C
Storage Temperature (T
S) ....................... –65°C to +150°C
Lead Temperature (soldering, 5 sec.) ....................... 260
°C
ESD Rating, Note 5
Operating Ratings (Note 2)
Supply Voltage (V
IN) ................................... + 2.3V to +30V
Junction Temperature (T
J) ....................... –40°C to +125°C
Package Thermal Resistance
MSOP
JA) ......................................................... 80°C/W
SOIC
JA) ........................................................... 63°C/W
Electrical Characteristics
V
IN = 6.0V; VEN = 2.0V; COUT = 4.7µF, IOUT = 100µA; TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +125°C; unless noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
OUT
Output Voltage Accuracy
variation from nominal V
OUT
–11
%
–2+2
%
∆V
OUT/∆T
Output Voltage
Note 6
50
ppm/
°C
Temperature Coefficient
∆V
OUT/VOUT
Line Regulation
V
IN = VOUT + 1V to 30V
0.2
0.5
%
1.0
%
∆V
OUT/VOUT
Load Regulation
I
OUT = 100µA to 50mA, Note 7
0.15
0.3
%
0.5
%
I
OUT = 100µA to 150mA, Note 7
0.3
0.6
%
1.0
%
∆V
Dropout Voltage, Note 8
I
OUT = 100µA50
100
mV
I
OUT = 50mA
230
400
mV
I
OUT = 100mA
270
mV
I
OUT = 150mA
300
500
mV
I
GND
Ground Pin Current
V
EN ≥ 2.0V, IOUT = 100µA20
30
µA
V
EN ≥ 2.0V, IOUT = 50mA
0.5
0.8
mA
V
EN ≥ 2.0V, IOUT = 100mA
1.5
mA
V
EN ≥ 2.0V, IOUT = 150mA
2.8
4.0
mA
5.0
mA
I
GND(SHDN)
Ground Pin in Shutdown
V
EN ≤ 0.6V, VIN = 30V
0.1
1
µA
I
SC
Short Circuit Current
V
OUT = 0V
260
350
mA
e
n
Output Noise
10Hz to 100kHz, V
OUT = 3.0V, CL = 1.0µF
160
µVrms
/ERR Output
V
/ERR
Low Threshold
% of V
OUT
90
94
%
High Threshold
% of V
OUT
95
98
%
V
OL
/ERR Output Low Voltage
V
IN = VOUT(nom) – 0.12VOUT, IOL = 200µA
150
250
mV
400
mV
I
LEAK
/ERR Output Leakage
V
OH = 30V
0.1
1
µA
2
µA
Enable Input
V
IL
Input Low Voltage
regulator off
0.6
V
V
IH
Input High Voltage
regulator on
2.0
V


Similar Part No. - MIC5236-5.0BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5236-5.0BM MICREL-MIC5236-5.0BM Datasheet
250Kb / 12P
   Low Quiescent Current 關Cap LDO Regulator
MIC5236-5.0BMM MICREL-MIC5236-5.0BMM Datasheet
250Kb / 12P
   Low Quiescent Current 關Cap LDO Regulator
More results

Similar Description - MIC5236-5.0BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5231 MICREL-MIC5231 Datasheet
71Kb / 8P
   Micropower 關Cap LDO Regulator Preliminary Information
MIC5236 MICREL-MIC5236_05 Datasheet
250Kb / 12P
   Low Quiescent Current 關Cap LDO Regulator
MIC5245 MICREL-MIC5245 Datasheet
630Kb / 12P
   150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5246 MICREL-MIC5246 Datasheet
58Kb / 12P
   150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5211 MICREL-MIC5211 Datasheet
70Kb / 12P
   Dual 關Cap 80mA LDO Regulator Preliminary Information
MIC5239 MICREL-MIC5239_07 Datasheet
773Kb / 14P
   Low Quiescent Current 500mA 關Cap LDO Regulator
MIC5250 MICREL-MIC5250 Datasheet
168Kb / 12P
   Dual 150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5238 MICREL-MIC5238_09 Datasheet
1Mb / 12P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5235 MICREL-MIC5235_09 Datasheet
366Kb / 9P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5247 MICREL-MIC5247 Datasheet
89Kb / 10P
   150mA Low-Voltage 關Cap Linear Regulator Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com