Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5216 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC5216
Description  500mA-Peak Output LDO Regulator Preliminary Information
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5216 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC5216 Datasheet HTML 4Page - Micrel Semiconductor MIC5216 Datasheet HTML 5Page - Micrel Semiconductor MIC5216 Datasheet HTML 6Page - Micrel Semiconductor MIC5216 Datasheet HTML 7Page - Micrel Semiconductor MIC5216 Datasheet HTML 8Page - Micrel Semiconductor MIC5216 Datasheet HTML 9Page - Micrel Semiconductor MIC5216 Datasheet HTML 10Page - Micrel Semiconductor MIC5216 Datasheet HTML 11Page - Micrel Semiconductor MIC5216 Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
January 2000
9
MIC5216
MIC5216
Micrel
The total power dissipation of the device under these condi-
tions is the sum of the two power dissipation figures.
P
D(total) = PD × 50mA + PD × 500mA
P
D(total) = 151mW + 119mW
P
D(total) = 270mW
The total power dissipation of the regulator is less than the
maximum power dissipation of the SOT-23-5 package at
room temperature, on a minimum footprint board and there-
fore would operate properly.
Multilayer boards with a ground plane, wide traces near the
pads, and large supply-bus lines will have better thermal
conductivity.
For additional heat sink characteristics, please refer to Micrel
Application Hint 17, “Designing P.C. Board Heat Sinks”,
included in Micrel’s
Databook. For a full discussion of heat
sinking and thermal effects on voltage regulators, refer to
Regulator Thermals section of Micrel’s
Designing with Low-
Dropout Voltage Regulators handbook.
Fixed Regulator Circuits
MIC5216
IN
OUT
GND
1µF
VIN
VOUT
EN
FLG
100k
Figure 5. Low-Noise Fixed Voltage Regulator
Figure 5 shows a basic MIC5216-x.xBMx fixed-voltage regu-
lator circuit. A 1
µF minimum output capacitor is required for
basic fixed-voltage applications.
The flag output is an open-collector output and requires a
pull-up resistor to the input voltage. The flag indicates an
undervoltage condition on the output of the device.


Similar Part No. - MIC5216

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5216-2.5BM5 MICREL-MIC5216-2.5BM5 Datasheet
294Kb / 13P
   500mA-Peak Output LDO Regulator
MIC5216-2.5BMM MICREL-MIC5216-2.5BMM Datasheet
294Kb / 13P
   500mA-Peak Output LDO Regulator
MIC5216-2.5YM5 MICREL-MIC5216-2.5YM5 Datasheet
294Kb / 13P
   500mA-Peak Output LDO Regulator
MIC5216-2.5YMM MICREL-MIC5216-2.5YMM Datasheet
294Kb / 13P
   500mA-Peak Output LDO Regulator
MIC5216-3.3BM5 MICREL-MIC5216-3.3BM5 Datasheet
294Kb / 13P
   500mA-Peak Output LDO Regulator
More results

Similar Description - MIC5216

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5219 MICREL-MIC5219 Datasheet
118Kb / 12P
   500mA-Peak Output LDO Regulator
MIC5219 MICREL-MIC5219_09 Datasheet
405Kb / 14P
   500mA-Peak Output LDO Regulator
MIC5219 MICREL-MIC5219_01 Datasheet
97Kb / 13P
   500mA-Peak Output LDO Regulator
MIC5216 MICREL-MIC5216_07 Datasheet
294Kb / 13P
   500mA-Peak Output LDO Regulator
MIC5237 MICREL-MIC5237 Datasheet
41Kb / 8P
   500mA Low-Dropout Regulator Preliminary Information
MIC5210 MICREL-MIC5210 Datasheet
60Kb / 8P
   Dual 150mA LDO Regulator Preliminary Information
MIC29510 MICREL-MIC29510 Datasheet
81Kb / 8P
   5A Fast-Response LDO Regulator Preliminary Information
MIC5208 MICREL-MIC5208 Datasheet
54Kb / 6P
   Dual 50mA LDO Voltage Regulator Preliminary Information
MIC5231 MICREL-MIC5231 Datasheet
71Kb / 8P
   Micropower 關Cap LDO Regulator Preliminary Information
MIC5245 MICREL-MIC5245 Datasheet
630Kb / 12P
   150mA 關Cap CMOS LDO Regulator Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com