Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0639037400 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0639037400
Description  FineAdjust Applicator for 2.00mm DuraClik ISL Receptacle Terminals, 0.30mm AVSS, 0.35mm ISO wires
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0639037400 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0639037400 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/16/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0639037400
Status:
Active
Description:
FineAdjust™ Applicator for 2.00mm DuraClik™ ISL Receptacle Terminals, 0.30mm²
AVSS, 0.35mm² ISO wires
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Application Tooling
Series
T9999
Comments
See Tooling Specification (PDF) Above
Function
Crimp
Geographic Area
Global
Level of Automation
Automatic, Semi-Automatic
More Detailed Tech Information
applicationtooling@molex.com
Product Name
DuraClik™ ISL, FineAdjust™
Survey
www.molex.com//review/apptool_survey.html
Tool Type
FineAdjust Applicator
UPC
889056166294
Material Info
Reference - Drawing Numbers
Application Tooling Documents
ATS-639037400, TM-638004900, TM-638004900CN,
TM-638004900SP, TM-640160065, TM-640160065CN,
TM-640160065DE, TM-640160065FR,
TM-640160065IT, TM-640160065JP,
TM-640160065KR, TM-640160065MY,
TM-640160065PL, TM-640160065RU,
TM-640160065SK, TM-640160065SP,
TM-640160065TH, TM-640160065TW,
TM-640160065VN
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
T9999 Series
Use With
Molex TM-3000™: 63801-7200 ,
63801-7300 , Molex TM-4000™:
63801-7600 , Molex TM-2000™:
63800-8300 , 63800-8400 , and Most
Industry Standard Presses or Wire Process
Machines
This document was generated on 10/16/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0639037400

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0639037000 MOLEX11-0639037000 Datasheet
32Kb / 1P
   FineAdjust Applicator for Mini-Fit TPA 2.0 Crimp Terminals, 0.22mm, 0.25mm, 0.35 mm and 22-24 AWG wires
0639037000 MOLEX1-0639037000 Datasheet
33Kb / 1P
   FineAdjust Applicator for Mini-Fit TPA2 Crimp Terminals, 0.22mm짼, 0.25mm짼, 0.35 mm
0639037100 MOLEX11-0639037100 Datasheet
42Kb / 1P
   FineAdjust Applicator for Mini-Fit TPA 2.0 Crimp Terminals, 0.22mm, 0.25mm, 0.35 mm and 22-24 AWG wires
0639037100 MOLEX1-0639037100 Datasheet
43Kb / 1P
   FineAdjust Applicator for Mini-Fit TPA2 Crimp Terminals, 0.22mm짼, 0.25mm짼, 0.35 mm
0639037200 MOLEX-0639037200 Datasheet
33Kb / 1P
   FineAdjust Applicator for TermiMate 1 Circuit Wire-to-Board Crimp Terminals, 22-26 AWG
08/25/2022
More results

Similar Description - 0639037400

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63901-0400 MOLEX11-63901-0400 Datasheet
50Kb / 1P
   FineAdjust Applicator for CTX150 Receptacle Terminals, 0.30mm, 0.35mm, & 0.50mm
0639021900 MOLEX-0639021900 Datasheet
34Kb / 2P
   FineAdjust Applicator for 0.635mm CP Terminals, for 0.22mm², 0.35mm², 0.50mm² Metric Wires
09/06/2022
ATS-639037400 MOLEX-ATS-639037400 Datasheet
555Kb / 6P
   Fine Adjust Applicator for 2.00mm W/B DuraClik ISL Series Receptacle Terminals
01-26-17
63901-8700 MOLEX11-63901-8700 Datasheet
39Kb / 1P
   FineAdjust Applicator for ISO (M3) Receptacle Terminals
0639013800 MOLEX11-0639013800 Datasheet
32Kb / 1P
   FineAdjust Applicator for NSCC 1.5 Receptacle Terminals 0.35mm Metric
0639040700 MOLEX-0639040700 Datasheet
33Kb / 2P
   FineAdjust Applicator for SRC Connector using MX150 Receptacle Terminals, 2.00mm² wires
08/26/2022
0638084400 MOLEX-0638084400 Datasheet
41Kb / 1P
   FA2 Mechanical Feed Crimp Applicator for 2.00mm Wire-to-Board DuraClik ISL Receptacle Terminals
12/28/2021
63808-4410 MOLEX-63808-4410 Datasheet
781Kb / 8P
   FA2 Pneumatic Feed Crimp Applicator for 2.00mm W/B DuraClik ISL Series Receptacle Terminals
08-03-20
0638084410 MOLEX-0638084410 Datasheet
45Kb / 1P
   FA2 Pneumatic Feed Crimp Applicator for 2.00mm Wire-to-Board DuraClik ISL Receptacle Terminals
08/26/2022
0638089800 MOLEX-0638089800 Datasheet
39Kb / 1P
   FA2 Mechanical Feed Crimp Applicator for 2.00mm Pitch DuraClik ISL Receptacle Terminals, 0.22mm² Wire
08/26/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com