Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL011-CDG13 Datasheet(PDF) 1 Page - P-tec Corporation

Part # PL011-CDG13
Description  1.8mm Round Dome Lens
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PL011-CDG13 Datasheet(HTML) 1 Page - P-tec Corporation

  PL011-CDG13_14 Datasheet HTML 1Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Absolute Maximum Ratings at TA = 25°C
Reverse Voltage (<100μA)………..…………...…………………………..……..…..…..…. 5.0V
Max Forward Current…………..………………..……………………….……….…..….. 30mA
Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width)………………….….…..….…… 100mA
Operating Temperature Range…………………………………………….…… -25°C to +85°C
Storage Temperature Range..………….………………….……………......… -40°C to +100°C
Soldering Temperature (1.6mm below body)……………………………...….. 260°C for 5 seconds
Power Dissipation……………………………………………………………..…….…... 78mW
PL011 Series 1.8mm LED
Features
*1.8mm Round Dome Lens
with Flange
*GaP Green LED Chip used
*Color Diffused Lens
*High Intensity
*Low Current Requirement
*Reliable and Rugged
*RoHS Compliant
All dimensions are in Millimeters. Tolerance is ± 0.25mm unless otherwise specified. An epoxy meniscus may extend about 1 mm down the leads.
Electrical & Optical Characteristics at TA = 25°C
Part Number
Emitting
Color
Chip
Material
Peak
Wave
Length
Viewing
Angle
2
θ ½
Forward
Voltage
@20mA (V)
Luminous
Intensity
@20mA (mcd)
nm
Deg
Typ
Max
Min
Typ
PL011-CDG13
Green
GaP
567
30°
2.1
2.6
25.0
45.0
Color Diffused Lens
Dominant
Wave
Length
nm
572
1.55
3.00
25.0 Typ.
1.45
1.80
2.40
3.30
R 1.7
Anode
06.03.14 REV 1 JAS
Tel:(866) 695 4162
Tel:(719) 589 3122
Fax:(719) 589 3592
www.p-tec.net
P-tec Corp.
2405 Commerce Circle
Alamosa CO 81101


Similar Part No. - PL011-CDG13_14

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL011-CDG13 P-TEC-PL011-CDG13 Datasheet
29Kb / 1P
   1.8mm LED
PL011-CDG13 P-TEC-PL011-CDG13 Datasheet
35Kb / 1P
   1.8mm LED
More results

Similar Description - PL011-CDG13_14

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL011-CDR12 P-TEC-PL011-CDR12_14 Datasheet
76Kb / 1P
   1.8mm Round Dome Lens
PL011-CDY01 P-TEC-PL011-CDY01_14 Datasheet
76Kb / 1P
   1.8mm Round Dome Lens
PL011-CDR24 P-TEC-PL011-CDR24_14 Datasheet
76Kb / 1P
   1.8mm Round Dome Lens
PL011-CDB20Z P-TEC-PL011-CDB20Z_14 Datasheet
77Kb / 1P
   1.8mm Round Dome Lens with Flange
logo
Fairchild Semiconductor
QTLP660CIR FAIRCHILD-QTLP660CIR Datasheet
345Kb / 7P
   1.8mm DOME LENS EMITTING DIODE
QTLP660C-B FAIRCHILD-QTLP660C-B Datasheet
372Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1.8mm (Dome Lens)
logo
Panasonic Semiconductor
LNJ318C8TRU1 PANASONIC-LNJ318C8TRU1 Datasheet
29Kb / 1P
   Dome-Lens Type
LNJ218C8ARU1 PANASONIC-LNJ218C8ARU1 Datasheet
29Kb / 1P
   Dome-Lens Type
LNJ318C8TRU PANASONIC-LNJ318C8TRU Datasheet
29Kb / 1P
   Dome-Lens Type
logo
Visual Communications C...
CNX718 VCC-CNX718 Datasheet
164Kb / 2P
   dome-shaped clear lens
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com