Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL03Q-WDP03 Datasheet(PDF) 2 Page - P-tec Corporation

Part # PL03Q-WDP03
Description  3mm Round Through-Hole LED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PL03Q-WDP03 Datasheet(HTML) 2 Page - P-tec Corporation

  PL03Q-WDP03_14 Datasheet HTML 1Page - P-tec Corporation PL03Q-WDP03_14 Datasheet HTML 2Page - P-tec Corporation PL03Q-WDP03_14 Datasheet HTML 3Page - P-tec Corporation PL03Q-WDP03_14 Datasheet HTML 4Page - P-tec Corporation PL03Q-WDP03_14 Datasheet HTML 5Page - P-tec Corporation PL03Q-WDP03_14 Datasheet HTML 6Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
 
 
www.p-tec.net
122914 Rev0 MS
Page 2 of 6
Device Selection Guide
Part Number
Chip
Lens
Material
Emitting Color
White Diffused
PL03Q-WDP03
InGaN/Sapphire
Purple
Absolute Maximum Ratings at Ta=25
Parameter
Symbol
Rating
Unit
Power Dissipation
PD
120
mW
Reverse Voltage
VR
5
V
DC Forward Current
IF
30
mA
Reverse (Leakage) Current
IR
50
μA
Peak Current (duty cycle 1/10, 1KHz)
IPF
100
mA
Operating Temperature
Topr
-25~+85
Storage Temperature
Tstg
-40~+100
Soldering Temperature (1.6mm from body)
Tsol.
Dip Soldering : 260
for 5 sec.
Hand Soldering : 350
for 3 sec.
Electrostatic Discharge
ESD
100
V
Electrical and Optical Characteristics at Ta=25
Notes: 1. IS tester used
2. Customer special requirements are welcomed.
3. Specifications subject to change without notice
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Forward Voltage
VF
--
3.2
4.0
V
IF=20mA
Luminous Intensity
Iv
7.5
15.0
--
mcd
IF=20mA
Peak Wavelength
λP
--
395
--
nm
IF=20mA
Dominant Wavelength
λd
--
--
--
nm
IF=20mA
Reverse (Leakage) Current
Ir
--
--
50
μA
Vr=5V
Viewing Angle
2θ1/2
--
85
--
--
deg
Spectrum Line Halfwidth
Δλ
--
15
‐‐
nm
IF=20mA


Similar Part No. - PL03Q-WDP03_14

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL03Q-WDP03 P-TEC-PL03Q-WDP03 Datasheet
667Kb / 6P
   3mm Round Through-Hole LED
More results

Similar Description - PL03Q-WDP03_14

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL03L-WDW24 P-TEC-PL03L-WDW24 Datasheet
806Kb / 7P
   3mm Round Through-Hole LED
PL03Q-WDP03 P-TEC-PL03Q-WDP03 Datasheet
667Kb / 6P
   3mm Round Through-Hole LED
PL03L-WDW24 P-TEC-PL03L-WDW24_14 Datasheet
806Kb / 7P
   3mm Round Through-Hole LED
logo
OPTEK Technologies
OVLBR4C7 OPTEK-OVLBR4C7 Datasheet
1Mb / 5P
   Round Red Through-hole LED Lamp (3mm)
OVLBY4C7 OPTEK-OVLBY4C7 Datasheet
1Mb / 5P
   Round Yellow Through-hole LED Lamp (3mm)
OVLBB4C7 OPTEK-OVLBB4C7 Datasheet
1Mb / 5P
   Round Blue Through-hole LED Lamp (3mm)
OVLBG4C7 OPTEK-OVLBG4C7 Datasheet
1Mb / 5P
   Round Green Through-hole LEDLamp (3mm)
logo
P-tec Corporation
PL03F-WCW24 P-TEC-PL03F-WCW24_14 Datasheet
1Mb / 6P
   3mm Round Thru-Hole LED
logo
TT Electronics.
OVLFB3C7 TTELEC-OVLFB3C7 Datasheet
712Kb / 8P
   Round Through-Hole LED Lamp
OVLBB4C7 TTELEC-OVLBB4C7 Datasheet
215Kb / 9P
   Round Through-Hole LED Lamp
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com