Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RUS6015M6 Datasheet(PDF) 4 Page - Ruichips Semiconductor Co., Ltd

Part # RUS6015M6
Description  High Efficiency Barrier Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUICHIPS [Ruichips Semiconductor Co., Ltd]
Direct Link  http://www.ruichips.com
Logo RUICHIPS - Ruichips Semiconductor Co., Ltd

RUS6015M6 Datasheet(HTML) 4 Page - Ruichips Semiconductor Co., Ltd

  RUS6015M6 Datasheet HTML 1Page - Ruichips Semiconductor Co., Ltd RUS6015M6 Datasheet HTML 2Page - Ruichips Semiconductor Co., Ltd RUS6015M6 Datasheet HTML 3Page - Ruichips Semiconductor Co., Ltd RUS6015M6 Datasheet HTML 4Page - Ruichips Semiconductor Co., Ltd RUS6015M6 Datasheet HTML 5Page - Ruichips Semiconductor Co., Ltd RUS6015M6 Datasheet HTML 6Page - Ruichips Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
RUS6015M6
Ruichips Semiconductor Co., Ltd
Rev. A– JUL., 2013
4
www.ruichips.com
Typical Characteristics
10
100
1000
10000
0.1
1
10
100
1000
V
R – Reverse Voltage (V)
Junction Capacitance
F=1mHz
10
100
1000
10000
0
10
20
30
40
50
60
V
R - Reverse Voltage
Reverse Current
T
J=125°C
T
J=25°C
0
5
10
15
20
25
30
0
20
40
60
80
100
120
140
160
T
C - Case Temperature (°C)
Power Derating
DC
0.01
0.1
1
10
0
0.2
0.4
0.6
0.8
V
F - Forward Voltage (V)
Forward Voltage
T
J=25°C
T
J=125°C
0.001
0.01
0.1
1
1E-05
0.0001
0.001
0.01
0.1
1
Square Wave Pulse Duration (sec)
Thermal Transient Impedance
Single Pulse
Duty=0.5, 0.2, 0.1, 0.05, 0.02, 0.01, Single Pulse
RθJC=1.4°C/W


Similar Part No. - RUS6015M6

ManufacturerPart #DatasheetDescription
logo
Ruichips Semiconductor ...
RUS6010M6 RUICHIPS-RUS6010M6 Datasheet
230Kb / 6P
   High Efficiency Barrier Rectifier
More results

Similar Description - RUS6015M6

ManufacturerPart #DatasheetDescription
logo
Ruichips Semiconductor ...
RUS5015M6 RUICHIPS-RUS5015M6 Datasheet
258Kb / 6P
   High Efficiency Barrier Rectifier
RUS1H10R RUICHIPS-RUS1H10R Datasheet
259Kb / 6P
   High Efficiency Barrier Rectifier
RUS505M6 RUICHIPS-RUS505M6 Datasheet
230Kb / 6P
   High Efficiency Barrier Rectifier
RUS4510L RUICHIPS-RUS4510L Datasheet
262Kb / 6P
   High Efficiency Barrier Rectifier
RUS6020M RUICHIPS-RUS6020M Datasheet
237Kb / 6P
   High Efficiency Barrier Rectifier
RUS6030M RUICHIPS-RUS6030M Datasheet
238Kb / 6P
   High Efficiency Barrier Rectifier
RUS6010M6 RUICHIPS-RUS6010M6 Datasheet
230Kb / 6P
   High Efficiency Barrier Rectifier
RUS4510K RUICHIPS-RUS4510K Datasheet
226Kb / 6P
   High Efficiency Barrier Rectifier
RUS5010M6 RUICHIPS-RUS5010M6 Datasheet
231Kb / 6P
   High Efficiency Barrier Rectifier
logo
Diodes Incorporated
DFLS230LH DIODES-DFLS230LH Datasheet
78Kb / 3P
   2.0A HIGH EFFICIENCY SCHOTTKY BARRIER RECTIFIER
DS30583 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com