Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

63801-7600 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 63801-7600
Description  FineAdjust Applicator for 2.8 UCC2 Receptacle Terminal
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

63801-7600 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  63801-7600 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/16/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0639015900
Status:
Active
Description:
FineAdjust™ Applicator for 2.8 UCC2 Receptacle Terminal
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Application Tooling
Series
T9999
Comments
See Toling Specification Above
Function
Crimp
Geographic Area
Global
Level of Automation
Automatic, Semi-Automatic
More Detailed Tech Information
applicationtooling@molex.com
Product Name
FineAdjust™
Survey
www.molex.com//review/apptool_survey.html
Tool Type
FineAdjust Applicator
UPC
883906935443
Material Info
Reference - Drawing Numbers
Application Tooling Documents
ATS-639015900, TM-638000029, TM-638000029CN,
TM-638000029DE, TM-638000029FR,
TM-638000029IT, TM-638000029JP,
TM-638000029KR, TM-638000029MY,
TM-638000029PL, TM-638000029RU,
TM-638000029SK, TM-638000029SP,
TM-638000029TH, TM-638000029TW,
TM-638000029VN, TM-640160065, TM-640160065CN,
TM-640160065DE, TM-640160065FR,
TM-640160065IT, TM-640160065JP,
TM-640160065KR, TM-640160065MY,
TM-640160065PL, TM-640160065RU,
TM-640160065SK, TM-640160065SP,
TM-640160065TH, TM-640160065TW,
TM-640160065VN
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
T9999 Series
Use With
Molex TM-3000™: 63801-7200 ,
63801-7300 , Molex TM-4000™:
63801-7600 , Molex TM-2000™:
63800-8300 , 63800-8400 , and Most
Industry Standard Presses or Wire Process
Machines
This document was generated on 10/16/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 63801-7600

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63801-7600 MOLEX11-63801-7600 Datasheet
82Kb / 1P
   Mini-Mac Applicator Rear Feed
63801-7600 MOLEX11-63801-7600 Datasheet
42Kb / 1P
   Mini-Mac Applicator
63801-7600 MOLEX11-63801-7600 Datasheet
64Kb / 1P
   Mini-Mac Applicator
63801-7600 MOLEX11-63801-7600 Datasheet
50Kb / 1P
   FineAdjust for Male Terminal, 18-24 AWG Wire
63801-7600 MOLEX11-63801-7600 Datasheet
50Kb / 1P
   FineAdjust Applicator for 1.25mm (.049) / 2.00mm (.078) Wire-to-Board Crimp Terminal
More results

Similar Description - 63801-7600

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0639015800 MOLEX11-0639015800 Datasheet
32Kb / 1P
   FineAdjust Applicator for 2.8 UCC2 Receptacle Terminal
0639015700 MOLEX11-0639015700 Datasheet
32Kb / 1P
   FineAdjust Applicator for 2.8 UCC2 Receptacle Terminal
ATS-639015900 MOLEX-ATS-639015900 Datasheet
305Kb / 6P
   Fine Adjust Applicator for 2.8 UCC2 Receptacle Terminal
11-26-12
ATS-639015800 MOLEX-ATS-639015800 Datasheet
307Kb / 6P
   Fine Adjust Applicator for 2.8 UCC2 Receptacle Terminal
11-19-12
ATS-639015700 MOLEX-ATS-639015700 Datasheet
297Kb / 5P
   Fine Adjust Applicator for 2.8 UCC2 Receptacle Terminal
11-19-12
98898-1039 MOLEX11-98898-1039 Datasheet
99Kb / 1P
   UCC2 RCPT TERMINAL 2.8
0639014800 MOLEX11-0639014800 Datasheet
32Kb / 1P
   FineAdjust Applicator for Receptacle Terminal Unsealed
0639016500 MOLEX11-0639016500 Datasheet
32Kb / 1P
   FineAdjust Applicator for Crimp Receptacle Terminal
63901-4900 MOLEX11-63901-4900 Datasheet
39Kb / 1P
   FineAdjust Applicator for Receptacle Terminal Unsealed
63903-5000 MOLEX11-63903-5000 Datasheet
37Kb / 1P
   FineAdjust Applicator for CTX50 Receptacle Terminal Unsealed
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com