Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS3490 Datasheet(PDF) 8 Page - Gennum Corporation

Part # GS3490
Description  Low power operation from a single
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS3490 Datasheet(HTML) 8 Page - Gennum Corporation

Back Button GS3490 Datasheet HTML 4Page - Gennum Corporation GS3490 Datasheet HTML 5Page - Gennum Corporation GS3490 Datasheet HTML 6Page - Gennum Corporation GS3490 Datasheet HTML 7Page - Gennum Corporation GS3490 Datasheet HTML 8Page - Gennum Corporation GS3490 Datasheet HTML 9Page - Gennum Corporation GS3490 Datasheet HTML 10Page - Gennum Corporation GS3490 Datasheet HTML 11Page - Gennum Corporation GS3490 Datasheet HTML 12Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
GS3490
Final Data Sheet
Rev. 1
GENDOC-058568
April 2014
8 of 22
Proprietary & Confidential
www.semtech.com
2.3 AC Electrical Characteristics
Table 2-3: AC Electrical Characteristics - Equalizer Mode
VCC = +3.3V ± 5%, TA = -20°C to +85°C (unless otherwise shown), Functional Temperature Range: -40°C to +85°C
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes
Serial Data Rate
DRSDI
125
2970
Mb/s
1
SDI/SDI Input Voltage
Swing
ΔV
SDI
270Mb/s and 1.485Gb/s
720
800
950
mVppd
2
2.97Gb/s
720
800
880
mVppd
2
DDO/DDO Output
Voltage Swing
ΔV
DDO
100
Ω load, EQ_OP_CTL set for high
swing
700
850
1000
mVppd
100
Ω load, EQ_OP_CTL set for low
swing
350
425
500
mVppd
DDO/DDO Output Jitter
2.97Gb/s Belden 1694A: 0-140m
0.2
0.45
UI
3, 4
1.485Gb/s Belden 1694A: 0-200m
0.2
UI
3, 4
1.485Gb/s Belden 1694A: 200-260m
0.3
0.4
UI
3, 4
270Mb/s Belden 1694A: 0-300m
0.1
0.2
UI
3, 4
270Mb/s Belden 1694A: 300-500m
0.2
0.3
UI
3, 4
DDO/DDO Rise/Fall Time
tr, tf
1.485Gb/s and 2.97Gb/s, 20% - 80%
75
ps
270Mb/s, 20% - 80%
150
ps
Mismatch in Rise/Fall Time
Δt
r, Δtf
––
30
ps
Duty cycle distortion
SD/HD/3G
30
ps
Overshoot
10
%
Input Return Loss
5MHz - 1.485GHz
15
dB
5
1.485GHz - 2.97GHz
10
dB
5
SDI/SDI Input Resistance
Single-ended
1.9
k
Ω
SDI/SDI Input
Capacitance
–Single-ended
1.3
pF
DDO/DDO Output
Resistance
–Single-ended
50
W
Equalizer Mode Enable
Delay
––
1
μs
Notes:
1. Device performance is optimized for standard data rates (SD = 270Mb/s, HD = 1.485Gb/s, 3G = 2.970Gb/s).
2. 0m cable length.
3. All parts are production tested. In order to guarantee jitter over the full range of specification (VCC = 3.3V ±5%, TA = -40°C to +85°C, and
720-880mV launch swing from a SMPTE compliant cable driver) the recommended applications circuit must be used.
4. Based on validation data using the recommended circuit, at VCC = 3.3V, TA = 25°C and 800mV launch swing from a SMPTE compliant cable driver.
5. IRL depends on board design. The GS3490 achieves this specification on Semtech‘s evaluation boards.


Similar Part No. - GS3490

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS3490 SEMTECH-GS3490 Datasheet
1Mb / 22P
   Configurable Adaptive Cable Equalizer/Cable Driver
GS3490-INE3 SEMTECH-GS3490-INE3 Datasheet
1Mb / 22P
   Configurable Adaptive Cable Equalizer/Cable Driver
More results

Similar Description - GS3490

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK0008 MSK-MSK0008_15 Datasheet
122Kb / 5P
   Single Supply Operation From 10V to 45V
MSK0006 MSK-MSK0006_15 Datasheet
117Kb / 5P
   Single Supply Operation From 20V to 45V
logo
Hamamatsu Corporation
S4810 HAMAMATSU-S4810 Datasheet
165Kb / 4P
   Low-voltage operation photo IC Operation at low voltage from 2.2 V
logo
CML Microcircuits
CMX631A CMLMICRO-CMX631A Datasheet
305Kb / 16P
   Low Power Operation
logo
Integrated Silicon Solu...
IS29LV032T ISSI-IS29LV032T Datasheet
916Kb / 47P
   Single power supply operation
logo
Maxim Integrated Produc...
MAX14851EVKIT MAXIM-MAX14851EVKIT Datasheet
758Kb / 8P
   Operates from a Single Supply
Rev 0; 11/17
logo
Recom International Pow...
R-78S3.3-0.1-EVM-1 RECOM-R-78S3.3-0.1-EVM-1 Datasheet
609Kb / 5P
   3.3V from a single AA battery or from
logo
Macronix International
MX25L1605A MCNIX-MX25L1605A Datasheet
973Kb / 43P
   Single Power Supply Operation
logo
Holt Integrated Circuit...
HI-8437 HOLTIC-HI-8437 Datasheet
147Kb / 21P
   Single Low Voltage Supply Operation
logo
ATMEL Corporation
AT27C516 ATMEL-AT27C516_14 Datasheet
354Kb / 13P
   Low Power CMOS Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com