Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS3440 Datasheet(PDF) 11 Page - Gennum Corporation

Part # GS3440
Description  Automatic power-down on loss of signal
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS3440 Datasheet(HTML) 11 Page - Gennum Corporation

Back Button GS3440 Datasheet HTML 7Page - Gennum Corporation GS3440 Datasheet HTML 8Page - Gennum Corporation GS3440 Datasheet HTML 9Page - Gennum Corporation GS3440 Datasheet HTML 10Page - Gennum Corporation GS3440 Datasheet HTML 11Page - Gennum Corporation GS3440 Datasheet HTML 12Page - Gennum Corporation GS3440 Datasheet HTML 13Page - Gennum Corporation GS3440 Datasheet HTML 14Page - Gennum Corporation GS3440 Datasheet HTML 15Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
GS3440 Adaptive Cable Equalizer
Final Data Sheet
Rev. 2
December 2012
11 of 23
Proprietary and Confidential
3. Input/Output Circuits
Figure 3-1: Input Circuit
Figure 3-2: SQ_ADJ Circuit
Figure 3-3: Output Circuit
2.625k
Ω
RC
SDI
SDI
RC
2k
Ω
2k
Ω
2k
Ω
VCC_A
VCC_A
VCC_A
SQ_ADJ
82.4k
Ω
+
-
VCC_A
50
Ω
50
Ω
DDO
DDO
VCC_O
VCC_O
VCC_O


Similar Part No. - GS3440

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS3440 SEMTECH-GS3440 Datasheet
1Mb / 23P
   Extended Reach 3G/HD/SD Adaptive Cable Equalizer
More results

Similar Description - GS3440

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS2994 GENNUM-GS2994 Datasheet
1Mb / 20P
   Automatic power-down on loss of signal
GS2993 GENNUM-GS2993 Datasheet
1Mb / 23P
   Automatic power-down on loss of signal
GS3441 GENNUM-GS3441 Datasheet
1Mb / 25P
   Automatic power-down on loss of signal
logo
Hittite Microwave Corpo...
HMC914LP4E HITTITE-HMC914LP4E Datasheet
744Kb / 12P
   12.5 Gbps LIMITING AMPLIFIER w/ LOSS OF SIGNAL FEATURE
logo
Analog Devices
HMC914LP4E AD-HMC914LP4E Datasheet
708Kb / 12P
   12.5 Gbps LIMITING AMPLIFIER w/ LOSS OF SIGNAL FEATURE
v03.1012
logo
Micrel Semiconductor
SY88313BL MICREL-SY88313BL Datasheet
387Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier with TTL Loss-of-Signal
SY88289AL MICREL-SY88289AL Datasheet
334Kb / 9P
   3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier with TTL Loss-of-Signal
logo
Linear Technology
LTC2955 LINER-LTC2955 Datasheet
224Kb / 6P
   Pushbutton On/Off Controller with Automatic Turn-On
LTC2955 LINER-LTC2955_15 Datasheet
219Kb / 20P
   Pushbutton On/Off Controller with Automatic Turn-On
logo
Power Integrations, Inc...
CAP004DG-TL POWERINT-CAP004DG-TL Datasheet
604Kb / 8P
   Zero1 Loss Automatic X Capacitor Discharge IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com