Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS3140 Datasheet(PDF) 5 Page - Gennum Corporation

Part # GS3140
Description  Digital cable length indication
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS3140 Datasheet(HTML) 5 Page - Gennum Corporation

  GS3140 Datasheet HTML 1Page - Gennum Corporation GS3140 Datasheet HTML 2Page - Gennum Corporation GS3140 Datasheet HTML 3Page - Gennum Corporation GS3140 Datasheet HTML 4Page - Gennum Corporation GS3140 Datasheet HTML 5Page - Gennum Corporation GS3140 Datasheet HTML 6Page - Gennum Corporation GS3140 Datasheet HTML 7Page - Gennum Corporation GS3140 Datasheet HTML 8Page - Gennum Corporation GS3140 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
GS3140
Final Data Sheet
Rev.1
PDS-060939
May 2015
5 of 40
Semtech
Proprietary & Confidential
www.semtech.com
1. Pin Out
1.1 GS3140 Pin Assignment
Figure 1-1: GS3140 Pin Out
1.2 GS3140 Pin Descriptions
GS3140
16-pin QFN–COL
(top view)
56
7
8
16
15
14
13
VEE_A
VCC_A
SDI
1
2
3
4
SDI
VCC_O
DDO
DDO
VEE_O
12
11
10
9
Table 1-1: GS3140 Pin Descriptions
Pin Number
Name
Type
Description
1
VCC_A
Power
Most positive power supply connection for the input buffer and core.
Connect to 1.8V.
2, 3
SDI, SDI
Input
Serial digital differential input.
4
VEE_A
Power
Most negative power supply connection for the input buffer and core.
Connect to GND.
5, 6
AGC, AGC
Analog I/O
External Automatic Gain Control capacitor.
7
SDIN
Digital Input
Host Interface Serial Data Input.
8
SCLK
Digital Input
Host Interface Serial Clock Input.
9
VEE_O
Power
Most negative power supply connection for the output buffers, digital
IO and digital circuits.
Connect to GND.
10, 11
DDO, DDO
Output
Serial digital differential output.
12
VCC_O
Power
Most positive power supply connection for the output buffer.
Connect to 1.2V - 2.5V.


Similar Part No. - GS3140

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS3140 SEMTECH-GS3140 Datasheet
246Kb / 3P
   Multi-Rate Adaptive 3G SDI Equalizer
GS3140-INE3 SEMTECH-GS3140-INE3 Datasheet
1Mb / 40P
   Multi-Rate Adaptive 3G SDI Equalizer
More results

Similar Description - GS3140

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EV-VN7016AJ STMICROELECTRONICS-EV-VN7016AJ Datasheet
513Kb / 7P
   Thermal shutdown indication
logo
PHOENIX CONTACT
IEG45-3LA40021 PHOENIX-IEG45-3LA40021 Datasheet
104Kb / 2P
   Voltage indication module
logo
STMicroelectronics
EV-VN7040AJ STMICROELECTRONICS-EV-VN7040AJ Datasheet
436Kb / 7P
   Thermal shutdown indication
logo
Integrated Device Techn...
IDT82V3012 IDT-IDT82V3012 Datasheet
456Kb / 32P
   Holdover status indication
logo
STMicroelectronics
EV-VN7010AJ STMICROELECTRONICS-EV-VN7010AJ Datasheet
512Kb / 7P
   Thermal shutdown indication
EV-VN7050AS STMICROELECTRONICS-EV-VN7050AS Datasheet
430Kb / 7P
   Thermal shutdown indication
EV-VN7140AJ STMICROELECTRONICS-EV-VN7140AJ Datasheet
436Kb / 7P
   Thermal shutdown indication
EV-VN7040AS STMICROELECTRONICS-EV-VN7040AS Datasheet
477Kb / 7P
   Thermal shutdown indication
logo
Marl International Limi...
671-290-22 MARL-671-290-22_13 Datasheet
374Kb / 4P
   Large LED indication
logo
Pepperl+Fuchs Inc.
HIATB01-FAULT-01 PF-HIATB01-FAULT-01 Datasheet
938Kb / 3P
   Fault Indication Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com