Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS1675 Datasheet(PDF) 5 Page - Gennum Corporation

Part # GS1675
Description  Differential inputs and outputs
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1675 Datasheet(HTML) 5 Page - Gennum Corporation

  GS1675 Datasheet HTML 1Page - Gennum Corporation GS1675 Datasheet HTML 2Page - Gennum Corporation GS1675 Datasheet HTML 3Page - Gennum Corporation GS1675 Datasheet HTML 4Page - Gennum Corporation GS1675 Datasheet HTML 5Page - Gennum Corporation GS1675 Datasheet HTML 6Page - Gennum Corporation GS1675 Datasheet HTML 7Page - Gennum Corporation GS1675 Datasheet HTML 8Page - Gennum Corporation GS1675 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
GS1675 SD/HD SDI Reclocker
Data Sheet
54174 - 1
June 2011
5 of 37
1.2 Pin Descriptions
Table 1-1: GS1675 Pin Descriptions
Pin Number
Name
Type
Description
1
LF+
Passive
Loop Filter Capacitor connection (CLF = 47nF). Connect as shown in the
Typical Application Circuit on page 30.
2
CP_CAP
Power
External capacitor for internal LDO regulator supplying the charge pump
circuit.
3, 5
DDI0, DDI0
Input
Serial Digital Differential Input 0.
4HIF
Logic Input
Host interface selection pin. Active-low input. See Section 3.14.1.
6, 7
DDI1, DDI1
Input
Serial Digital Differential Input 1.
8RSVD
Reserved
Reserved pin. Do not connect to this pin.
9VCC_VCOPower
Most positive power supply connection for the internal
VCO section. Connect to a 3.3V supply with a 422Ω resistor, or a 2.5V
supply with a 267Ω resistor.
10
VEE_VCOPower
Most negative power supply connection for the internal
VCO section. Connect to GND.
11
VDD_1P8
Power
External capacitor for internal 1.8V digital supply.
12
LOCKED
Output
Lock Detect status signal. HIGH when the PLL is locked.
13
LOS
Output
Loss Of Signal status. HIGH when the input signal is invalid.
14
VDD_DIG
Power
Most positive power supply connection for the digital core.
Connect to 3.3V or 2.5V.
15
VSS_DIG
Power
Most negative power supply for the digital core.
Connect to GND.
16SD/HD
Output
This signal will be LOW for all rates other than 270Mb/s.
This signal is HIGH for 270Mb/s.
17, 18
DDO1/RCO,
DDO1/RCO
Output
Differential serial clock or data outputs.
19
VCC_DDO1
Power
Most positive power supply connection for the DDO1/DDO1 output driver.
Connect to 3.3V or 2.5V.
20
VEE_DDO1
Power
Most negative power supply connection for the DDO1/DDO1 output
driver. Connect to GND.
21, 22
DDO0, DDO0
Output
Differential Serial Digital Outputs.
23
VCC_DDO0
Power
Most positive power supply connection for the DDO0/DDO0 output driver.
Connect to 3.3V or 2.5V.
24
VEE_DDO0
Power
Most negative power supply connection for the DDO0/DDO0 output
driver.
Connect to GND.
25
XTAL+
Output
Reference crystal output.


Similar Part No. - GS1675

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS1675 SEMTECH-GS1675 Datasheet
1Mb / 37P
   SD/HD SDI Reclocker
More results

Similar Description - GS1675

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-011169 MA-COM-MAAM-011169 Datasheet
1Mb / 10P
   Differential Inputs and Outputs
logo
IK Semicon Co., Ltd
IN74LS157 IKSEMICON-IN74LS157 Datasheet
192Kb / 4P
   Buffered Inputs and Outputs
logo
ATMEL Corporation
AT68166F ATMEL-AT68166F_14 Datasheet
373Kb / 16P
   TTL-Compatible Inputs and Outputs
logo
Micross Components
AS4SD16M16 MICROSS-AS4SD16M16 Datasheet
6Mb / 52P
   LVTTL- compatible inputs and outputs
logo
STMicroelectronics
74VCX16373 STMICROELECTRONICS-74VCX16373 Datasheet
288Kb / 12P
   3.6V TOLERANT INPUTS AND OUTPUTS
February 2003
logo
Fujitsu Component Limit...
MB7137E FUJITSU-MB7137E Datasheet
718Kb / 16P
   TTL compatible inputs and outputs
logo
Micross Components
AS8ERLC128K32 MICROSS-AS8ERLC128K32 Datasheet
459Kb / 19P
   TTL Compatible Inputs and Outputs
logo
Alliance Semiconductor ...
AS6C6264A ALSC-AS6C6264A Datasheet
885Kb / 10P
   Common data inputs and outputs
logo
Integrated Silicon Solu...
IS61WV10248EDBLL ISSI-IS61WV10248EDBLL Datasheet
814Kb / 18P
   TTL compatible inputs and outputs
IS61WV25632ALL ISSI-IS61WV25632ALL Datasheet
494Kb / 19P
   TTL compatible inputs and outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com