Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS1670A Datasheet(PDF) 8 Page - Gennum Corporation

Part # GS1670A
Description  Ancillary data extraction
Download  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1670A Datasheet(HTML) 8 Page - Gennum Corporation

Back Button GS1670A Datasheet HTML 4Page - Gennum Corporation GS1670A Datasheet HTML 5Page - Gennum Corporation GS1670A Datasheet HTML 6Page - Gennum Corporation GS1670A Datasheet HTML 7Page - Gennum Corporation GS1670A Datasheet HTML 8Page - Gennum Corporation GS1670A Datasheet HTML 9Page - Gennum Corporation GS1670A Datasheet HTML 10Page - Gennum Corporation GS1670A Datasheet HTML 11Page - Gennum Corporation GS1670A Datasheet HTML 12Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 130 page
background image
GS1670A HD/SD SDI Receiver
Data Sheet
54388 - 1
September 2012
8 of 130
1. Pin Out
1.1 Pin Assignment
1.2 Pin Descriptions
1
3
2
45
6
7
8
9
10
A
B
C
D
E
F
G
H
J
K
PCLK
DVB_ASI
20bit/
10bit
LF
SDO
STANDBY
ACLK
JTAG/
HOST
RESET
_TRST
WCLK
A_VDD
CORE
_GND
SDO
VBG
SDI
SDI
BUFF_
VDD
SDO_
EN/DIS
LB_CONT
VCO_
VDD
VCO_
GND
RSV
PLL_
VDD
A_GND
A_GND
STAT0
STAT1
STAT2
STAT3
STAT4
STAT5
CORE
_GND
CORE
_GND
CORE
_GND
CORE
_VDD
CORE
_VDD
CORE
_VDD
CORE
_VDD
DOUT1
DOUT0
DOUT2
DOUT3
DOUT4
DOUT5
DOUT6
DOUT7
DOUT8
DOUT9
DOUT10 DOUT11
DOUT14 DOUT13
DOUT16 DOUT15
DOUT18 DOUT17
DOUT19
DOUT12
IO_VDD
IO_GND
PLL_
VDD
PLL_
GND
PLL_
VDD
A_GND
A_GND
A_GND
RC_BYP
SW_EN
IO_GND
IO_VDD
SDI_VDD SDI_GND
PLL_
GND
PLL_
GND
TERM
RSV
SDOUT_
TDO
CS_
TMS
SDIN_
TDI
SCLK_
TCK
SMPTE_
BYPASS
IO_GND IO_VDD
AUDIO_
EN/DIS
AMCLK
AOUT_1/2
AOUT_3/4
AOUT_5/6
AOUT_7/8
TIM_861
XTAL_
OUT
XTAL2
XTAL1
IO_GND
IO_VDD
IOPROC_
EN/DIS
RSV
RSV
BUFF_
GND
RSV
Table 1-1: Pin Descriptions
Pin
Number
Name
Timing
Type
Description
A1
VBG
Analog Input
Band Gap voltage filter connection.
A2
LF
Analog Input
Loop Filter component connection.
A3
LB_CONT
Analog Input
Connection for loop bandwidth control resistor.
A4
VCO_VDD
Input Power
POWER pin for the VCO. Connect to a 1.2V±5% analog supply
followed by a RC filter (see 5.1 Typical Application Circuit). A 105Ω
1% resistor must be used in the RC filter circuit. VCO_VDD is
nominally 0.7V.


Similar Part No. - GS1670A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS1670A SEMTECH-GS1670A Datasheet
9Mb / 130P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
More results

Similar Description - GS1670A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS2961A GENNUM-GS2961A Datasheet
7Mb / 104P
   Ancillary data extraction
GS1660A GENNUM-GS1660A Datasheet
6Mb / 83P
   Ancillary data extraction
GS1661A GENNUM-GS1661A Datasheet
6Mb / 85P
   Ancillary data extraction
GS2960A GENNUM-GS2960A Datasheet
7Mb / 99P
   Ancillary data extraction
logo
RF Monolithics, Inc
IC1000 RFM-IC1000 Datasheet
89Kb / 4P
   Data/Clock Extraction IC
logo
Mill-Max Mfg. Corp.
0295-0-15-01-06-27-10-0 MILL-MAX-0295-0-15-01-06-27-10-0 Datasheet
207Kb / 1P
   CONTACT DATA Insertion / Extraction Force Graphs
logo
National Semiconductor ...
CLC031A NSC-CLC031A Datasheet
375Kb / 31P
   SMPTE 292M/259M Digital Video Deserializer / Descrambler with Video and Ancillary Data FIFOs
LMH0031 NSC-LMH0031 Datasheet
770Kb / 31P
   SMPTE 292M/259M Digital Video Deserializer Descrambler with Video and Ancillary Data FIFOs
logo
Molex Electronics Ltd.
11-03-0001 MOLEX11-11-03-0001 Datasheet
25Kb / 1P
   Extraction Tool
11-03-0046 MOLEX11-11-03-0046 Datasheet
25Kb / 1P
   Extraction Tool
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com