Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS1661A Datasheet(PDF) 5 Page - Gennum Corporation

Part # GS1661A
Description  Ancillary data extraction
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1661A Datasheet(HTML) 5 Page - Gennum Corporation

  GS1661A Datasheet HTML 1Page - Gennum Corporation GS1661A Datasheet HTML 2Page - Gennum Corporation GS1661A Datasheet HTML 3Page - Gennum Corporation GS1661A Datasheet HTML 4Page - Gennum Corporation GS1661A Datasheet HTML 5Page - Gennum Corporation GS1661A Datasheet HTML 6Page - Gennum Corporation GS1661A Datasheet HTML 7Page - Gennum Corporation GS1661A Datasheet HTML 8Page - Gennum Corporation GS1661A Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 85 page
background image
GS1661A HD/SD SDI Receiver
Data Sheet
54387 - 2
September 2012
5 of 85
List of Figures
Figure 3-1: Digital Input Pin with Schmitt Trigger............................................................................... 20
Figure 3-2: Bidirectional Digital Input/Output Pin..............................................................................20
Figure 3-3: Bidirectional Digital Input/Output Pin with programmable drive strength......... 21
Figure 3-4: XTAL1/XTAL2/XTAL-OUT ................................................................................................... 21
Figure 3-5: VBG .............................................................................................................................................. 22
Figure 3-6: LB_CONT .................................................................................................................................... 22
Figure 3-7: Loop Filter .................................................................................................................................. 22
Figure 3-8: SDO/SDO .................................................................................................................................... 23
Figure 3-9: Equalizer Input Equivalent Circuit .................................................................................... 23
Figure 4-1: GS1661A Integrated EQ Block Diagram .......................................................................... 25
Figure 4-2: 27MHz Clock Sources ............................................................................................................ 28
Figure 4-3: PCLK to Data and Control Signal Output Timing - SDR Mode 1 .............................. 31
Figure 4-4: PCLK to Data and Control Signal Output Timing - SDR Mode 2 .............................. 32
Figure 4-5: Switch Line Locking on a Non-Standard Switch Line ................................................. 36
Figure 4-6: H:V:F Output Timing - HDTV 20-bit Mode ..................................................................... 39
Figure 4-7: H:V:F Output Timing - HDTV 10-bit Mode ..................................................................... 39
Figure 4-8: H:V:F Output Timing - HD 20-bit Output Mode ............................................................ 40
Figure 4-9: H:V:F Output Timing - HD 10-bit Output Mode ............................................................ 40
Figure 4-10: H:V:F Output Timing - SD 20-bit Output Mode .......................................................... 40
Figure 4-11: H:V:F Output Timing - SD 10-bit Output Mode .......................................................... 40
Figure 4-12: H:V:DE Output Timing 1280 x 720p @ 59.94/60 (Format 4) ................................... 42
Figure 4-13: H:V:DE Output Timing 1920 x 1080i @ 59.94/60 (Format 5) ................................. 42
Figure 4-14: H:V:DE Output Timing 720 (1440) x 480i @ 59.94/60 (Format 6&7) .................... 43
Figure 4-15: H:V:DE Output Timing 1280 x 720p @ 50 (Format 19) ............................................. 43
Figure 4-16: H:V:DE Output Timing 1920 x 1080i @ 50 (Format 20) ........................................... 44
Figure 4-17: H:V:DE Output Timing 720 (1440) x 576 @ 50 (Format 21 & 22) ........................... 45
Figure 4-18: H:V:DE Output Timing 1920 x 1080p @ 23.94/24 (Format 32) .............................. 45
Figure 4-19: H:V:DE Output Timing 1920 x 1080p @ 25 (Format 33) .......................................... 46
Figure 4-20: H:V:DE Output Timing 1920 x 1080p @ 29.97/30 (Format 34) .............................. 46
Figure 4-21: 2K Feature Enhancement ................................................................................................... 50
Figure 4-22: Y/1ANC and C/2ANC Signal Timing .............................................................................. 55
Figure 4-23: Ancillary Data Extraction - Step A .................................................................................. 61
Figure 4-24: Ancillary Data Extraction - Step B ................................................................................... 62
Figure 4-25: Ancillary Data Extraction - Step C .................................................................................. 62
Figure 4-26: Ancillary Data Extraction - Step D .................................................................................. 63
Figure 4-27: GSPI Application Interface Connection ........................................................................ 64
Figure 4-28: Command Word Format ..................................................................................................... 65
Figure 4-29: Data Word Format ................................................................................................................ 65
Figure 4-30: Write Mode .............................................................................................................................. 66
Figure 4-31: Read Mode ............................................................................................................................... 66
Figure 4-32: GSPI Time Delay .................................................................................................................... 66
Figure 4-33: In-Circuit JTAG ...................................................................................................................... 77
Figure 4-34: System JTAG ........................................................................................................................... 77
Figure 4-35: Reset Pulse ............................................................................................................................... 78
Figure 7-1: Pb-free Solder Reflow Profile .............................................................................................. 84


Similar Part No. - GS1661A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS1661A SEMTECH-GS1661A Datasheet
6Mb / 85P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
More results

Similar Description - GS1661A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1670A GENNUM-GS1670A Datasheet
9Mb / 130P
   Ancillary data extraction
GS2961A GENNUM-GS2961A Datasheet
7Mb / 104P
   Ancillary data extraction
GS1660A GENNUM-GS1660A Datasheet
6Mb / 83P
   Ancillary data extraction
GS2960A GENNUM-GS2960A Datasheet
7Mb / 99P
   Ancillary data extraction
logo
RF Monolithics, Inc
IC1000 RFM-IC1000 Datasheet
89Kb / 4P
   Data/Clock Extraction IC
logo
Mill-Max Mfg. Corp.
0295-0-15-01-06-27-10-0 MILL-MAX-0295-0-15-01-06-27-10-0 Datasheet
207Kb / 1P
   CONTACT DATA Insertion / Extraction Force Graphs
logo
National Semiconductor ...
CLC031A NSC-CLC031A Datasheet
375Kb / 31P
   SMPTE 292M/259M Digital Video Deserializer / Descrambler with Video and Ancillary Data FIFOs
LMH0031 NSC-LMH0031 Datasheet
770Kb / 31P
   SMPTE 292M/259M Digital Video Deserializer Descrambler with Video and Ancillary Data FIFOs
logo
Molex Electronics Ltd.
11-03-0001 MOLEX11-11-03-0001 Datasheet
25Kb / 1P
   Extraction Tool
11-03-0046 MOLEX11-11-03-0046 Datasheet
25Kb / 1P
   Extraction Tool
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com